Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TM4EP72CJN-70 Datasheet(PDF) 11 Page - Texas Instruments

Part # TM4EP72CJN-70
Description  EXTENDED-DATA-OUT DYNAMIC RAM MODULES
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TM4EP72CJN-70 Datasheet(HTML) 11 Page - Texas Instruments

Back Button TM4EP72CJN-70 Datasheet HTML 7Page - Texas Instruments TM4EP72CJN-70 Datasheet HTML 8Page - Texas Instruments TM4EP72CJN-70 Datasheet HTML 9Page - Texas Instruments TM4EP72CJN-70 Datasheet HTML 10Page - Texas Instruments TM4EP72CJN-70 Datasheet HTML 11Page - Texas Instruments TM4EP72CJN-70 Datasheet HTML 12Page - Texas Instruments TM4EP72CJN-70 Datasheet HTML 13Page - Texas Instruments TM4EP72CJN-70 Datasheet HTML 14Page - Texas Instruments TM4EP72CJN-70 Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 22 page
background image
TM4EP64BJN, TM4EP64BPN, TM4EP64CJN, TM4EP64CPN 4194304 BY 64-BIT
TM4EP72BJN, TM4EP72BPN, TM4EP72CJN, TM4EP72CPN 4194304 BY 72-BIT
EXTENDED-DATA-OUT DYNAMIC RAM MODULES
SMMS682A – AUGUST 1997– REVISED MARCH 1998
11
POST OFFICE BOX 1443
HOUSTON, TEXAS 77251–1443
capacitance
over recommended ranges of supply voltage and ambient temperature,
f = 1 MHz (see Note 2)
PARAMETER
’4EP64xxN
’4EP72xxN
UNIT
PARAMETER
MIN
MAX
MIN
MAX
UNIT
Ci(A)
Input capacitance, A0 – A11
82
92
pF
Ci(OE)
Input capacitance, OEx
58
65
pF
Ci(CAS)
Input capacitance, CASx
16
23
pF
Ci(RAS)
Input capacitance, RASx
58
65
pF
Ci(W)
Input capacitance, WEx
58
65
pF
Co
Output capacitance
8
8
pF
Ci/o(SDA) Input/output capacitance, SDA input
9
9
pF
Ci(SPD)
Input capacitance, SA0, SA1, SA2, SCL inputs
7
7
pF
NOTE 2: VDD = NOM supply voltage ± 10%, and the bias on pins under test is 0 V.
switching characteristics over recommended ranges of supply voltage and ambient temperature
(see Note 3)
PARAMETER
’4EP64xxN-50
’4EP72xxN-50
’4EP64xxN-60
’4EP72xxN-60
’4EP64xxN-70
’4EP72xxN-70
UNIT
MIN
MAX
MIN
MAX
MIN
MAX
tAA
Access time from column address (see Note 4)
25
30
35
ns
tCAC
Access time from CASx (see Note 4)
13
15
18
ns
tCPA
Access time from CASx precharge (see Note 4)
28
35
40
ns
tRAC
Access time from RASx (see Note 4)
50
60
70
ns
tOEA
Access time from OEx (see Note 4)
13
15
18
ns
tCLZ
Delay time, CASx to output in low impedance
0
0
0
ns
tREZ
Output buffer turn-off delay from RASx (see Note 5)
3
13
3
15
3
18
ns
tCEZ
Output buffer turn-off delay from CASx (see Note 5)
3
13
3
15
3
18
ns
tOEZ
Output buffer turn-off delay from OEx (see Note 5)
3
13
3
15
3
18
ns
tWEZ
Output buffer turn-off delay from WEx (see Note 5)
3
13
3
15
3
18
ns
NOTES:
3. With ac parameters, it is assumed that tT = 2 ns.
4. Access times are measured with output reference levels of VOH = 2 V and VOL = 0.8 V.
5. The maximum values of tREZ, tCEZ,tOEZ, and tWEZarespecifiedwhentheoutputsarenolongerdriven.Data-inshouldnotbedriven
until one of the applicable maximum values is satisfied.


Similar Part No. - TM4EP72CJN-70

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TM4EP72CJB TI1-TM4EP72CJB Datasheet
248Kb / 13P
[Old version datasheet]   EXTENDED-DATA-OUT BUFFERED DYNAMIC RAM MODULES
More results

Similar Description - TM4EP72CJN-70

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TM4EN64KPU TI1-TM4EN64KPU Datasheet
328Kb / 20P
[Old version datasheet]   EXTENDED-DATA-OUT DYNAMIC RAM MODULES
TM497FBK32G TI1-TM497FBK32G Datasheet
174Kb / 12P
[Old version datasheet]   EXTENDED DATA OUT DYNAMIC RAM MODULES
TM2EP64DJN TI1-TM2EP64DJN Datasheet
679Kb / 43P
[Old version datasheet]   EXTENDED-DATA-OUT DYNAMIC RAM MODULES
TM497FBK32 TI-TM497FBK32 Datasheet
170Kb / 12P
[Old version datasheet]   EXTENDED DATA OUT DYNAMIC RAM MODULES
TM497FBK32H TI1-TM497FBK32H Datasheet
209Kb / 13P
[Old version datasheet]   EXTENDED-DATA-OUT DYNAMIC RAM MODULES
TM2EJ64DPN TI1-TM2EJ64DPN Datasheet
312Kb / 20P
[Old version datasheet]   EXTENDED-DATA-OUT DYNAMIC RAM MODULES ??SODIMM
TM4EP72BJB TI1-TM4EP72BJB Datasheet
248Kb / 13P
[Old version datasheet]   EXTENDED-DATA-OUT BUFFERED DYNAMIC RAM MODULES
TM4EJ64KPU TI1-TM4EJ64KPU Datasheet
378Kb / 24P
[Old version datasheet]   EXTENDED-DATA-OUT DYNAMIC RAM MODULES ??? SODIMM
logo
Samsung semiconductor
K4E660412E SAMSUNG-K4E660412E Datasheet
192Kb / 21P
   16M x 4bit CMOS Dynamic RAM with Extended Data Out
K4E661612C SAMSUNG-K4E661612C Datasheet
884Kb / 36P
   4M x 16bit CMOS Dynamic RAM with Extended Data Out
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com