Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BQ57090EZB48xyz-G Datasheet(PDF) 6 Page - SynQor Worldwide Headquarters

Part # BQ57090EZB48xyz-G
Description  Industry standard quarter-brick pin-out configuration
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SYNQOR [SynQor Worldwide Headquarters]
Direct Link  http://www.synqor.com
Logo SYNQOR - SynQor Worldwide Headquarters

BQ57090EZB48xyz-G Datasheet(HTML) 6 Page - SynQor Worldwide Headquarters

Back Button BQ57090EZB48xyz-G Datasheet HTML 2Page - SynQor Worldwide Headquarters BQ57090EZB48xyz-G Datasheet HTML 3Page - SynQor Worldwide Headquarters BQ57090EZB48xyz-G Datasheet HTML 4Page - SynQor Worldwide Headquarters BQ57090EZB48xyz-G Datasheet HTML 5Page - SynQor Worldwide Headquarters BQ57090EZB48xyz-G Datasheet HTML 6Page - SynQor Worldwide Headquarters BQ57090EZB48xyz-G Datasheet HTML 7Page - SynQor Worldwide Headquarters BQ57090EZB48xyz-G Datasheet HTML 8Page - SynQor Worldwide Headquarters BQ57090EZB48xyz-G Datasheet HTML 9Page - SynQor Worldwide Headquarters BQ57090EZB48xyz-G Datasheet HTML 10Page - SynQor Worldwide Headquarters Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 13 page
background image
Product # BQ57090EZB48
Phone 1-888-567-9596
www.synqor.com
Doc.# 005-0006443 Rev. E
02/17/16
Page 6
Input:
40-65V
Output:
9.6V
Current:
48A
Package:
Eighth-brick
0
5
10
15
20
0
12
24
36
48
Load Current (A)
40 Vin
48 Vin
65 Vin
60
65
70
75
80
85
90
95
100
0
12
24
36
48
Load Current (A)
40 Vin
48 Vin
65 Vin
96.0
96.5
97.0
97.5
98.0
98.5
99.0
100
200
300
400
Air Flow (LFM)
25º C
40º C
55º C
Semiconductor junction temperature is
within 1°C of surface temperature
5
6
7
8
9
100
200
300
400
Air Flow (LFM)
25º C
40º C
55º C
0
10
20
30
40
50
25
40
50
60
70
85
Ambient Air Temperature (ºC)
400 LFM (2.0 m/s)
300 LFM (1.5 m/s)
200 LFM (1.0 m/s)
100 LFM (0.5 m/s)
0
100
200
300
400
500
25
40
50
60
70
85
Ambient Air Temperature (ºC)
400 LFM (2.0 m/s)
300 LFM (1.5 m/s)
200 LFM (1.0 m/s)
100 LFM (0.5 m/s)
Figure 1: Efficiency at nominal output voltage vs. load current for minimum,
nominal, and maximum input voltage at 25°C.
Figure 2: Efficiency at nominal output voltage and 60% rated power vs. airflow
rate for ambient air temperatures of 25°C, 40°C, and 55°C (nominal input
voltage).
Figure 3: Power dissipation at nominal output voltage vs. load current for
minimum, nominal, and maximum input voltage at 25°C.
Figure 4: Power dissipation at nominal output voltage and 60% rated power
vs. airflow rate for ambient air temperatures of 25°C, 40°C, and 55°C (nominal
input voltage).
Figure 5: Maximum output current derating curve vs. ambient air temperature
(with baseplate only) at different airflow rates with air flowing from output to
input (nominal input voltage).
Figure 6: Maximum output power derating curve vs. ambient air temperature
(with baseplate only) at different airflow rates with air flowing from output to
input (nominal input voltage).
Technical Figures
Technical Figures


Similar Part No. - BQ57090EZB48xyz-G

ManufacturerPart #DatasheetDescription
logo
SynQor Worldwide Headqu...
BQ57090QEw60xyz-G SYNQOR-BQ57090QEw60xyz-G Datasheet
2Mb / 14P
   Industry standard quarter-brick pin-out configuration
BQ57090QEX60 SYNQOR-BQ57090QEX60 Datasheet
2Mb / 14P
   Industry standard quarter-brick pin-out configuration
BQ57090QZB84 SYNQOR-BQ57090QZB84 Datasheet
2Mb / 13P
   Output over-voltage protection
BQ57090QZw84xyz-G SYNQOR-BQ57090QZw84xyz-G Datasheet
2Mb / 13P
   Output over-voltage protection
More results

Similar Description - BQ57090EZB48xyz-G

ManufacturerPart #DatasheetDescription
logo
SynQor Worldwide Headqu...
BQ57120QEX50 SYNQOR-BQ57120QEX50 Datasheet
2Mb / 14P
   Industry standard quarter-brick pin-out configuration
BQ55120EZB38 SYNQOR-BQ55120EZB38 Datasheet
2Mb / 13P
   Industry standard quarter-brick pin-out configuration
BQ55120QZB67 SYNQOR-BQ55120QZB67 Datasheet
2Mb / 13P
   Industry standard quarter-brick pin-out configuration
BQ57120QZB67 SYNQOR-BQ57120QZB67 Datasheet
2Mb / 13P
   Industry standard quarter-brick pin-out configuration
BQ55090EZB48 SYNQOR-BQ55090EZB48 Datasheet
2Mb / 13P
   Industry standard quarter-brick pin-out configuration
BQ57090QEX60 SYNQOR-BQ57090QEX60 Datasheet
2Mb / 14P
   Industry standard quarter-brick pin-out configuration
PQ60050SMX10 SYNQOR-PQ60050SMX10 Datasheet
1Mb / 15P
   Industry standard sixteenth-brick pin-out configuration
PQ60018SMX25 SYNQOR-PQ60018SMX25 Datasheet
824Kb / 15P
   Industry standard sixteenth-brick pin-out configuration
PQ60025SMX20 SYNQOR-PQ60025SMX20 Datasheet
908Kb / 15P
   Industry standard sixteenth-brick pin-out configuration
PQ60010EML15 SYNQOR-PQ60010EML15 Datasheet
529Kb / 13P
   Industry standard eighth-brick pin-out configuration
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com