Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BQ57090QEw60xyz-G Datasheet(PDF) 4 Page - SynQor Worldwide Headquarters

Part # BQ57090QEw60xyz-G
Description  Industry standard quarter-brick pin-out configuration
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SYNQOR [SynQor Worldwide Headquarters]
Direct Link  http://www.synqor.com
Logo SYNQOR - SynQor Worldwide Headquarters

BQ57090QEw60xyz-G Datasheet(HTML) 4 Page - SynQor Worldwide Headquarters

  BQ57090QEw60xyz-G Datasheet HTML 1Page - SynQor Worldwide Headquarters BQ57090QEw60xyz-G Datasheet HTML 2Page - SynQor Worldwide Headquarters BQ57090QEw60xyz-G Datasheet HTML 3Page - SynQor Worldwide Headquarters BQ57090QEw60xyz-G Datasheet HTML 4Page - SynQor Worldwide Headquarters BQ57090QEw60xyz-G Datasheet HTML 5Page - SynQor Worldwide Headquarters BQ57090QEw60xyz-G Datasheet HTML 6Page - SynQor Worldwide Headquarters BQ57090QEw60xyz-G Datasheet HTML 7Page - SynQor Worldwide Headquarters BQ57090QEw60xyz-G Datasheet HTML 8Page - SynQor Worldwide Headquarters BQ57090QEw60xyz-G Datasheet HTML 9Page - SynQor Worldwide Headquarters Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 14 page
background image
Product # BQ57090QEx60
Phone 1-888-567-9596
www.synqor.com
Doc.# 005-0006018 Rev. D
07/21/15
Page 4
Technical Specification
Input:
40-65 V
Output:
10.5 V
Current:
60A
Package:
Quarter-brick
Electrical Characteristics
BQ57090QEx60 Electrical Characteristics
Ta = 25 °C, airflow rate = 300 LFM, Vin = 52.5 V dc unless otherwise noted; full operating temperature range is -40 °C to +100 °C ambient temperature
with appropriate power derating. Specifications subject to change without notice.
Parameter
Min.
Typ.
Max.
Units Notes & Conditions
ABSOLUTE MAXIMUM RATINGS
Input Voltage
Non-Operating
-0.5
75
V
Continuous
Operating
40
65
V
Continuous
Isolation Voltage
Input to Output
2000
V
Operating Temperature
-40
100
°C
Storage Temperature
-45
125
°C
Voltage at ON/OFF input pin
-2
18
V
INPUT CHARACTERISTICS
Operating Input Voltage Range
40
52.5
65
V
Input Under-Voltage Lockout
Turn-On Voltage Threshold
38.4
V
Turn-Off Voltage Threshold
35.8
V
Lockout Voltage Hysteresis
2.6
V
Input Over-Voltage Shutdown
V
Turn-On Voltage Threshold
66.3
V
Turn-Off Voltage Threshold
68.5
V
Maximum Input Current
16.5
A
No-Load Input Current
135
mA
Disabled Input Current
8.5
12.0
mA
Input Reflected-Ripple Current
15
30
mA
RMS through 10 µH inductor
Input Terminal-Ripple Current
475
mA
RMS, full load
Recommended Input Fuse (see Note 1)
20
A
Fast blow external fuse recommended
Recommended External Input Capacitance
47
µF
Typical ESR 0.1-0.2 Ω
Input Filter Component Values (L\C)
0.47\11
µH\µF Internal values
OUTPUT CHARACTERISTICS
Output Voltage Set Point
10.5
V
Output Voltage Regulation
Over Line
47\5.0
%\V
Over Load
5.7\600
%\mV
Over Temperature
2\200
%\mV
Total Output Voltage Range
7.200
13.000
V
Over sample, line, load, temperature & life
Output Voltage Ripple and Noise
20 MHz bandwidth; see Note 2
Peak-to-Peak
90
150
mV
Full load
RMS
25
mV
Full load
Operating Output Current Range
0
60
A
Subject to thermal derating
Output DC Current-Limit Inception
75
A
Output Voltage 10% Low
Output DC Current-Limit Shutdown Voltage
9
V
Back-Drive Current Limit while Disabled
10
mA
Negative current drawn from output
Maximum Output Capacitance
5,000
µF
10.5 Vout at 30 A Resistive Load
EFFICIENCY
100% Load
96
%
50% Load
97
%


Similar Part No. - BQ57090QEw60xyz-G

ManufacturerPart #DatasheetDescription
logo
SynQor Worldwide Headqu...
BQ57090QZB84 SYNQOR-BQ57090QZB84 Datasheet
2Mb / 13P
   Output over-voltage protection
BQ57090QZw84xyz-G SYNQOR-BQ57090QZw84xyz-G Datasheet
2Mb / 13P
   Output over-voltage protection
More results

Similar Description - BQ57090QEw60xyz-G

ManufacturerPart #DatasheetDescription
logo
SynQor Worldwide Headqu...
BQ57120QEX50 SYNQOR-BQ57120QEX50 Datasheet
2Mb / 14P
   Industry standard quarter-brick pin-out configuration
BQ57090EZB48 SYNQOR-BQ57090EZB48 Datasheet
2Mb / 13P
   Industry standard quarter-brick pin-out configuration
BQ55120EZB38 SYNQOR-BQ55120EZB38 Datasheet
2Mb / 13P
   Industry standard quarter-brick pin-out configuration
BQ55120QZB67 SYNQOR-BQ55120QZB67 Datasheet
2Mb / 13P
   Industry standard quarter-brick pin-out configuration
BQ57120QZB67 SYNQOR-BQ57120QZB67 Datasheet
2Mb / 13P
   Industry standard quarter-brick pin-out configuration
BQ55090EZB48 SYNQOR-BQ55090EZB48 Datasheet
2Mb / 13P
   Industry standard quarter-brick pin-out configuration
PQ60050SMX10 SYNQOR-PQ60050SMX10 Datasheet
1Mb / 15P
   Industry standard sixteenth-brick pin-out configuration
PQ60018SMX25 SYNQOR-PQ60018SMX25 Datasheet
824Kb / 15P
   Industry standard sixteenth-brick pin-out configuration
PQ60025SMX20 SYNQOR-PQ60025SMX20 Datasheet
908Kb / 15P
   Industry standard sixteenth-brick pin-out configuration
PQ60010EML15 SYNQOR-PQ60010EML15 Datasheet
529Kb / 13P
   Industry standard eighth-brick pin-out configuration
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com