Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BQ57120EZB38 Datasheet(PDF) 3 Page - SynQor Worldwide Headquarters

Part # BQ57120EZB38
Description  Output over-voltage protection
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SYNQOR [SynQor Worldwide Headquarters]
Direct Link  http://www.synqor.com
Logo SYNQOR - SynQor Worldwide Headquarters

BQ57120EZB38 Datasheet(HTML) 3 Page - SynQor Worldwide Headquarters

  BQ57120EZB38 Datasheet HTML 1Page - SynQor Worldwide Headquarters BQ57120EZB38 Datasheet HTML 2Page - SynQor Worldwide Headquarters BQ57120EZB38 Datasheet HTML 3Page - SynQor Worldwide Headquarters BQ57120EZB38 Datasheet HTML 4Page - SynQor Worldwide Headquarters BQ57120EZB38 Datasheet HTML 5Page - SynQor Worldwide Headquarters BQ57120EZB38 Datasheet HTML 6Page - SynQor Worldwide Headquarters BQ57120EZB38 Datasheet HTML 7Page - SynQor Worldwide Headquarters BQ57120EZB38 Datasheet HTML 8Page - SynQor Worldwide Headquarters BQ57120EZB38 Datasheet HTML 9Page - SynQor Worldwide Headquarters Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 13 page
background image
Product # BQ57120EZB38
Phone 1-888-567-9596
www.synqor.com
Doc.# 005-0006442 Rev. D
02/17/16
Page 3
Technical Specification
Input:
40-65V
Output:
12.0V
Current:
38A
Package:
Eighth-brick
Electrical Characteristics
BQ57120EZB38 Electrical Characteristics
Ta = 25 °C, airflow rate = 300 LFM, Vin = 48V dc unless otherwise noted; full operating temperature range is -40 °C to +100 °C base plate temperature
with appropriate power derating. Specifications subject to change without notice.
Parameter
Min.
Typ.
Max.
Units Notes & Conditions
ABSOLUTE MAXIMUM RATINGS
Input Voltage
Non-Operating
-1
75
V
Continuous
Operating
40
65
V
Continuous
Isolation Voltage
Input to Output
2000
V
Operating Temperature
-40
100
°C
Storage Temperature
-45
125
°C
Voltage at ON/OFF input pin
-2
18
V
INPUT CHARACTERISTICS
Operating Input Voltage Range
40
48
65
V
Input Under-Voltage Lockout
Turn-On Voltage Threshold
37.0
V
Turn-Off Voltage Threshold
34.5
V
Lockout Voltage Hysteresis
2.5
V
Input Over-Voltage Shutdown
V
Turn-On Voltage Threshold
66.5
67.5
V
Turn-Off Voltage Threshold
69
69.9
V
Maximum Input Current
10.1
A
Vin = 40 V
No-Load Input Current
130
mA
Disabled Input Current
8.5
12.0
mA
Input Reflected-Ripple Current
10
20
mA
RMS through 10µH inductor
Input Terminal-Ripple Current
375
mA
RMS, full load
Recommended Input Fuse (see Note 1)
20
A
Fast blow external fuse recommended
Recommended External Input Capacitance
47
µF
Typical ESR 0.1-0.2 Ω
Input Filter Component Values (C)
9.4
µF
Internal value; see Note 4
OUTPUT CHARACTERISTICS
Output Voltage Set Point
11.95
V
Vin = 48 V; Io = 0 A
Output Voltage Regulation
Over Line
52.1\6.25
%\V
Over Load
4.2\500
%\mV
Over Temperature
1.7\200
%\mV
Total Output Voltage Range
9.300
16.250
V
Over sample, line, load, temperature & life
Output Voltage Ripple and Noise
20 MHz bandwidth; see Note 2
Peak-to-Peak
90
150
mV
Full load
RMS
25
mV
Full load
Operating Output Current Range
0
38
A
Subject to thermal derating
Output DC Current-Limit Inception
52
A
Output Voltage 10% Low; see Note 4
Output DC Current-Limit Shutdown Voltage
8
V
Back-Drive Current Limit while Disabled
10
mA
Negative current drawn from output
Maximum Output Capacitance
5,000
µF
12.0 Vout at 20 A Resistive Load
EFFICIENCY
100% Load
96.7
%
50% Load
96.7
%


Similar Part No. - BQ57120EZB38

ManufacturerPart #DatasheetDescription
logo
SynQor Worldwide Headqu...
BQ57120QEw50xyz-G SYNQOR-BQ57120QEw50xyz-G Datasheet
2Mb / 14P
   Industry standard quarter-brick pin-out configuration
BQ57120QEX50 SYNQOR-BQ57120QEX50 Datasheet
2Mb / 14P
   Industry standard quarter-brick pin-out configuration
BQ57120QZB67 SYNQOR-BQ57120QZB67 Datasheet
2Mb / 13P
   Industry standard quarter-brick pin-out configuration
BQ57120QZw67xyz-G SYNQOR-BQ57120QZw67xyz-G Datasheet
2Mb / 13P
   Industry standard quarter-brick pin-out configuration
More results

Similar Description - BQ57120EZB38

ManufacturerPart #DatasheetDescription
logo
Bel Fuse Inc.
0RQB-C5U54H BEL-0RQB-C5U54H Datasheet
457Kb / 11P
   Output Over-Voltage Protection Over Temperature Protection
logo
FSP TECHNOLOGY INC.
FSP100-50LG FSP-FSP100-50LG_15 Datasheet
145Kb / 1P
   Output over voltage protection
FSP180-50LE FSP-FSP180-50LE Datasheet
147Kb / 1P
   Output over voltage protection
FSP180-50LH FSP-FSP180-50LH Datasheet
152Kb / 1P
   Output over voltage protection
logo
SynQor Worldwide Headqu...
BQ57090QZB84 SYNQOR-BQ57090QZB84 Datasheet
2Mb / 13P
   Output over-voltage protection
logo
Bel Fuse Inc.
0RQB-D0W12L BEL-0RQB-D0W12L Datasheet
1,000Kb / 14P
   Output Over-voltage Protection
0RQB-50Y48X BEL-0RQB-50Y48X Datasheet
1Mb / 25P
   Output Over-Voltage Protection
logo
Delta Electronics, Inc.
Q48SQ12018 DELTA-Q48SQ12018 Datasheet
729Kb / 13P
   Hiccup output over voltage protection(OVP)
logo
Sparkle Power Inc.
FSP200-63DL12V SPI-FSP200-63DL12V Datasheet
48Kb / 1P
   Output over voltage, short circuit, and over current protection
logo
Bel Fuse Inc.
0RQB-E0S11B BEL-0RQB-E0S11B Datasheet
550Kb / 13P
   Input Under-Voltage Lockout Output Over-Voltage Protection
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com