Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DG408MIL Datasheet(PDF) 7 Page - Vishay Siliconix

Part # DG408MIL
Description  8-Ch/Dual 4-Ch High-Performance CMOS Analog Multiplexers
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

DG408MIL Datasheet(HTML) 7 Page - Vishay Siliconix

Back Button DG408MIL Datasheet HTML 3Page - Vishay Siliconix DG408MIL Datasheet HTML 4Page - Vishay Siliconix DG408MIL Datasheet HTML 5Page - Vishay Siliconix DG408MIL Datasheet HTML 6Page - Vishay Siliconix DG408MIL Datasheet HTML 7Page - Vishay Siliconix DG408MIL Datasheet HTML 8Page - Vishay Siliconix DG408MIL Datasheet HTML 9Page - Vishay Siliconix DG408MIL Datasheet HTML 10Page - Vishay Siliconix DG408MIL Datasheet HTML 11Page - Vishay Siliconix Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 16 page
background image
Document Number: 67952
www.vishay.com
S11-1003-Rev. A, 23-May-11
7
This document is subject to change without notice.
THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
DG408MIL, DG409MIL
Vishay Siliconix
TYPICAL CHARACTERISTICS (25 °C, unless otherwise noted)
Positive Supply Current vs. Switching Frequency
Positive Supply Current vs. Temperature (DG408)
RDS(on) vs. VD and Supply
ISUPPLY vs. Temperature
Charge Injection vs. Analog Voltage
RDS(on) vs. VD and Supply (Single Supply)
Switching Frequency (Hz)
10K
10M
100
1K
100K
1M
VSUPPLY = 15 V
100 mA
10 mA
1 mA
100 µA
10 µA
VEN = 2.4 V
VEN = 0 V or 5 V
Temperature (°C)
5
15
20
10
125
- 55
85
45
5
0
V+ = 15 V
V- = - 15 V
VIN = 0 V
VEN = 0 V
- 35 - 15
25
65
105
VD - Drain Voltage (V)
0
40
100
60
80
120
20
- 20
- 12
- 8
- 4
0
4
8
12
16
20
- 16
± 5 V
± 8 V
± 10 V
± 12 V
± 20 V
± 15 V
Temperature (°C)
125
- 55
85
45
5
VSUPPLY = ± 15 V
VA = 0 V
VEN = 0 V
I+
- (I-)
100 µA
1 µA
100 nA
10 nA
1 nA
100 pA
10 pA
10 µA
- 35
- 15
25
65
105
VS - Source Voltage (V)
- 10
30
50
90
70
40
0
80
60
20
10
0
15
- 15
- 10
- 5
5
10
V+ = 15 V
V- = - 15 V
V+ = 12 V
V- = 0 V
CL = 10 000 pF
VIN = 5 Vp-p
VD - Drain Voltage (V)
22
0
0
40
100
60
140
160
80
120
20
4
8
12
16
20
V+ = 7.5 V
10 V
12 V
15 V
20 V
22 V
V- = 0 V


Similar Part No. - DG408MIL

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
DG408MY/PR MAXIM-DG408MY/PR Datasheet
152Kb / 12P
   Improved, 8-Channel/Dual 4-Channel, CMOS Analog Multiplexers
Rev 4; 9/08
DG408MY/PR-T MAXIM-DG408MY/PR-T Datasheet
152Kb / 12P
   Improved, 8-Channel/Dual 4-Channel, CMOS Analog Multiplexers
Rev 4; 9/08
More results

Similar Description - DG408MIL

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
DG408 VISHAY-DG408 Datasheet
157Kb / 12P
   8-Ch/Dual 4-Ch High-Performance CMOS Analog Multiplexers
Rev. G, 11-Jun-07
DG408 VISHAY-DG408_V01 Datasheet
291Kb / 17P
   8-Ch/Dual 4-Ch High-Performance CMOS Analog Multiplexers
08-Feb-17
DG409AK-E3 VISHAY-DG409AK-E3 Datasheet
186Kb / 16P
   8-Ch/Dual 4-Ch High-Performance CMOS Analog Multiplexers
Rev. A, 23-May-11
DG408 VISHAY-DG408_10 Datasheet
148Kb / 13P
   8-Ch/Dual 4-Ch High-Performance CMOS Analog Multiplexers
Rev. I, 05-Jul-10
DG408 VISHAY-DG408_11 Datasheet
241Kb / 18P
   8-Ch/Dual 4-Ch High-Performance CMOS Analog Multiplexers
Rev. J, 16-May-11
DG406 VISHAY-DG406 Datasheet
152Kb / 12P
   16-Ch/Dual 8-Ch High-Performance CMOS Analog Multiplexers
Rev. I, 14-May-07
DG406B VISHAY-DG406B_V01 Datasheet
212Kb / 14P
   16-Ch/Dual 8-Ch High-Performance CMOS Analog Multiplexers
08-Feb-17
DG406B VISHAY-DG406B Datasheet
156Kb / 11P
   16-Ch/Dual 8-Ch High-Performance CMOS Analog Multiplexers
Rev. B, 21-May-07
DG406B VISHAY-DG406B_11 Datasheet
202Kb / 16P
   16-Ch/Dual 8-Ch High-Performance CMOS Analog Multiplexers
Rev. C, 07-Feb-11
DG406 VISHAY-DG406_V01 Datasheet
207Kb / 14P
   16-Ch/Dual 8-Ch High-Performance CMOS Analog Multiplexers
08-Feb-17
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com