Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TMS28F512A-17C3FMQ Datasheet(PDF) 5 Page - Texas Instruments

Part # TMS28F512A-17C3FMQ
Description  65536 BY 8-BIT FLASH MEMORY
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TMS28F512A-17C3FMQ Datasheet(HTML) 5 Page - Texas Instruments

  TMS28F512A-17C3FMQ Datasheet HTML 1Page - Texas Instruments TMS28F512A-17C3FMQ Datasheet HTML 2Page - Texas Instruments TMS28F512A-17C3FMQ Datasheet HTML 3Page - Texas Instruments TMS28F512A-17C3FMQ Datasheet HTML 4Page - Texas Instruments TMS28F512A-17C3FMQ Datasheet HTML 5Page - Texas Instruments TMS28F512A-17C3FMQ Datasheet HTML 6Page - Texas Instruments TMS28F512A-17C3FMQ Datasheet HTML 7Page - Texas Instruments TMS28F512A-17C3FMQ Datasheet HTML 8Page - Texas Instruments TMS28F512A-17C3FMQ Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 21 page
background image
TMS28F512A
65536 BY 8-BIT
FLASH MEMORY
SMJS514C – FEBRUARY 1994 – REVISED AUGUST 1997
5
POST OFFICE BOX 1443
HOUSTON, TEXAS 77251–1443
operation
Modes of operation are defined in Table 1.
Table 1. Operation Modes
FUNCTION†
MODE
VPP‡
(1)
E
(22)
G
(24)
A0
(12)
A9
(26)
W
(31)
DQ0 – DQ7
(13 – 15, 17 – 21)
Read
VPPL
VIL
VIL
X
X
VIH
Data Out
Output Disable
VPPL
VIL
VIH
X
X
VIH
Hi-Z
Read
Standby and Write Inhibit
VPPL
VIH
X
X
X
X
Hi-Z
Algorithm Selection Mode
VPPL
VIL
VIL
VIL
VID
VIH
Mfr Equivalent Code 89h
Algorithm-Selection Mode
VPPL
VIL
VIL
VIH
VID
VIH
Device Equivalent Code B8h
Read
VPPH
VIL
VIL
X
X
VIH
Data Out
Read /
Output Disable
VPPH
VIL
VIH
X
X
VIH
Hi-Z
Write
Standby and Write Inhibit
VPPH
VIH
X
X
X
X
Hi-Z
Write
VPPH
VIL
VIH
X
X
VIL
Data In
† X can be VIL or VIH.
‡ VPPL ≤ VCC + 2 V; VPPH is the programming voltage specified for the device. For more details, see recommended operating conditions.
read / output disable
When the outputs of two or more TMS28F512As are connected in parallel on the same bus, the output of any
particular device in the circuit can be read with no interference from the competing outputs of other devices. To
read the output of the TMS28F512A, a low-level signal is applied to the E and G pins. All other devices in the
circuit should have their outputs disabled by applying a high-level signal to one of these pins.
standby and write inhibit
Active ICC current can be reduced from 30 mA to 1 mA by applying a high TTL level on E or to 100 µA by applying
a high CMOS level on E. In this mode, all outputs are in the high-impedance state. The TMS28F512A draws
active current when it is deselected during programming, erasure, or program / erase verification. It continues
to draw active current until the operation is terminated.
algorithm-selection mode
The algorithm-selection mode provides access to a binary code that identifies the correct programming and
erase algorithms. This mode is activated when A9 is forced to VID. Two identifier bytes are accessed by toggling
A0. All other addresses must be held low. A0 low selects the manufacturer equivalent code 89h, and A0 high
selects the device equivalent code B8h, as shown in Table 2.
Table 2. Algorithm-Selection Modes
IDENTIFIER§
PINS
IDENTIFIER§
A0
DQ7
DQ6
DQ5
DQ4
DQ3
DQ2
DQ1
DQ0
HEX
Manufacturer Equivalent Code
VIL
1
0
0
0
1
0
0
1
89
Device Equivalent Code
VIH
1
0
1
1
1
0
0
0
B8
§ E = G = VIL, A1 – A8 = VIL, A9 = VID, A10–A15 = VIL, VPP = VPPL.
programming and erasure
In the erased state, all bits are at a logic one. Before erasing the device, all memory bits must be programmed
to a logic zero. Afterwards, the entire chip is erased. At this point, the bits, now logic ones, can be programmed
accordingly. Refer to the fastwrite- and fasterase-algorithms for further detail.


Similar Part No. - TMS28F512A-17C3FMQ

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TMS28F002AEB TI1-TMS28F002AEB Datasheet
1Mb / 79P
[Old version datasheet]   AUTO-SELECT BOOT-BLOCK FLASH MEMORIES
TMS28F002AET TI-TMS28F002AET Datasheet
1Mb / 79P
[Old version datasheet]   262144 BY 8-BIT/131072 BY 16-BIT AUTO-SELECT BOOT-BLOCK FLASH MEMORIES
TMS28F002AFB TI-TMS28F002AFB Datasheet
1Mb / 79P
[Old version datasheet]   262144 BY 8-BIT/131072 BY 16-BIT AUTO-SELECT BOOT-BLOCK FLASH MEMORIES
TMS28F002AFT TI-TMS28F002AFT Datasheet
1Mb / 79P
[Old version datasheet]   262144 BY 8-BIT/131072 BY 16-BIT AUTO-SELECT BOOT-BLOCK FLASH MEMORIES
TMS28F002AFT70BDCDL TI-TMS28F002AFT70BDCDL Datasheet
1Mb / 79P
[Old version datasheet]   262144 BY 8-BIT/131072 BY 16-BIT AUTO-SELECT BOOT-BLOCK FLASH MEMORIES
More results

Similar Description - TMS28F512A-17C3FMQ

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TMS28F210 TI-TMS28F210 Datasheet
367Kb / 25P
[Old version datasheet]   65536 BY 16-BIT FLASH MEMORY
TMS29F040 TI-TMS29F040 Datasheet
482Kb / 37P
[Old version datasheet]   524288 BY 8-BIT FLASH MEMORY
TMS28F020 TI-TMS28F020 Datasheet
312Kb / 21P
[Old version datasheet]   262144 BY 8-BIT FLASH MEMORY
TMS29F010 TI-TMS29F010 Datasheet
465Kb / 36P
[Old version datasheet]   131072 BY 8-BIT FLASH MEMORY
TMS28F010B TI-TMS28F010B Datasheet
332Kb / 23P
[Old version datasheet]   131072 BY 8-BIT FLASH MEMORY
SMJ28F010B TI-SMJ28F010B Datasheet
335Kb / 23P
[Old version datasheet]   131072 BY 8-BIT FLASH MEMORY
TMS27PC512-25NL TI-TMS27PC512-25NL Datasheet
198Kb / 13P
[Old version datasheet]   TMS27C512 65 536 BY 8-BIT UV ERASABLE TMS27PC512 65536 BY 8-BIT
logo
Mitsubishi Electric Sem...
M5M28F101AFP MITSUBISHI-M5M28F101AFP Datasheet
96Kb / 10P
   1048576-BIT (131072-WORD BY 8-BIT) CMOS FLASH MEMORY
M5M5165P MITSUBISHI-M5M5165P Datasheet
394Kb / 6P
   65536-BIT (8192-WORD BY 8-BIT) CMOS STATIC RAM
logo
Texas Instruments
TMS27C512 TI-TMS27C512 Datasheet
184Kb / 13P
[Old version datasheet]   TMS27PC512 65536 BY 8-BIT PROGRAMMABLE READ-ONLY MEMORIES
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com