Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DG9234E Datasheet(PDF) 1 Page - Vishay Siliconix

Part # DG9234E
Description  1 pC Charge Injection, 100 pA Leakage, 5 V / 3 V, Dual SPST Analog Switches
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

DG9234E Datasheet(HTML) 1 Page - Vishay Siliconix

  DG9234E Datasheet HTML 1Page - Vishay Siliconix DG9234E Datasheet HTML 2Page - Vishay Siliconix DG9234E Datasheet HTML 3Page - Vishay Siliconix DG9234E Datasheet HTML 4Page - Vishay Siliconix DG9234E Datasheet HTML 5Page - Vishay Siliconix DG9234E Datasheet HTML 6Page - Vishay Siliconix DG9234E Datasheet HTML 7Page - Vishay Siliconix DG9234E Datasheet HTML 8Page - Vishay Siliconix DG9234E Datasheet HTML 9Page - Vishay Siliconix Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
DG9232E, DG9233E, DG9234E
www.vishay.com
Vishay Siliconix
S16-1451-Rev. A, 25-Jul-16
1
Document Number: 75165
For technical questions, contact: analogswitchtechsupport@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
1 pC Charge Injection, 100 pA Leakage, +5 V / +3 V,
Dual SPST Analog Switches
DESCRIPTION
The DG9232E, DG9233E, and DG9234E are monolithic
CMOS switches designed for precision signal switching.
The 17
 low voltage parts feature low charge injection,
leakage, parasitic capacitance, and fast switching.
The DG9232E, DG9233E, and DG9234E can switch both
analog and digital signals. Each switch conducts equally
well in both directions when on, and blocks up to the power
supply level when off.
The DG9232E, DG9233E, and DG9234E contain two
independent single pole single throw (SPST) switches.
Switch-1 and switch-2 are normally closed for the DG9232E
and normally open for the DG9233E. For the DG9234E,
switch-1 is normally open and switch-2 is normally closed
with a break-before-make switching timing.
The DG9232E, DG9233E, and DG9234E offer 1 nW typical
power consumption and 8 kV ESD/HBM, 1 kV ESD/CDM
tolerance. They are the ideal switches for use in low voltage
instruments and healthcare devices, fitting the circuits of
low voltage ADC and DAC, sample and hold, analog front
end gain control, and signal path control. The DG9232E,
DG9233E, and DG9234E are available in 8-lead MSOP and
SOIC packages.
BENEFITS
• Low charge injection and leakage
• Low parasitic capacitance
• Fast switching speed
• High ESD tolerance
FEATURES
• 1 pC charge injection
• Guaranteed 100 pA maximum switch on
leakage at 25 °C
• 3.8 pF switch off and 7.8 pF switch on
capacitances
• +2.7 V to +5 V single supply operation
• Low on-resistance - RDS(on): 17  / typ. at 5 V
•tON: 32 ns, tOFF: 10 ns switching time
• Typical power consumption: 1 nW
• Over voltage tolerant TTL / CMOS compatible
• ESD (HBM): 8000 V, ESD (CDM): 1000 V
• Latch-up current: > 300 mA (JESD78)
• Available in MSOP-8 and SOIC-8
• Material categorization: for definitions of compliance
please see www.vishay.com/doc?99912
Note
* This datasheet provides information about parts that are
RoHS-compliant and / or parts that are non-RoHS-compliant. For
example, parts with lead (Pb) terminations are not RoHS-compliant.
Please see the information / tables in this datasheet for details.
APPLICATIONS
• Automatic test equipment
• Process control and automation
• Data acquisition systems
• Meters and instruments
• Medical and healthcare systems
• Communication systems
• Sample-and-hold systems
• Relay replacements
• Battery powered systems
Available
Available


Similar Part No. - DG9234E

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
DG9234E VISHAY-DG9234E Datasheet
277Kb / 12P
   1 pC Charge Injection, 100 pA Leakage, 5 V / 3 V, Dual SPST Analog Switches
08-Feb-17
DG9234EDQ-T1-GE3 VISHAY-DG9234EDQ-T1-GE3 Datasheet
277Kb / 12P
   1 pC Charge Injection, 100 pA Leakage, 5 V / 3 V, Dual SPST Analog Switches
08-Feb-17
DG9234EDY-GE3 VISHAY-DG9234EDY-GE3 Datasheet
277Kb / 12P
   1 pC Charge Injection, 100 pA Leakage, 5 V / 3 V, Dual SPST Analog Switches
08-Feb-17
DG9234EDY-T1-GE3 VISHAY-DG9234EDY-T1-GE3 Datasheet
277Kb / 12P
   1 pC Charge Injection, 100 pA Leakage, 5 V / 3 V, Dual SPST Analog Switches
08-Feb-17
DG9234E VISHAY-DG9234E_V01 Datasheet
277Kb / 12P
   1 pC Charge Injection, 100 pA Leakage, 5 V / 3 V, Dual SPST Analog Switches
08-Feb-17
More results

Similar Description - DG9234E

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
DG9234E VISHAY-DG9234E_V01 Datasheet
277Kb / 12P
   1 pC Charge Injection, 100 pA Leakage, 5 V / 3 V, Dual SPST Analog Switches
08-Feb-17
logo
Analog Devices
ADG611 AD-ADG611_09 Datasheet
361Kb / 16P
   1 pC Charge Injection, 100 pA Leakage, CMOS, 짹5 V/5 V/3 V, Quad SPST Switches
REV. A
logo
Vishay Siliconix
DG611A VISHAY-DG611A_V01 Datasheet
327Kb / 17P
   1 pC Charge Injection, 100 pA Leakage, Quad SPST Switches
08-Feb-17
DG611A VISHAY-DG611A_11 Datasheet
240Kb / 15P
   1 pC Charge Injection, 100 pA Leakage, Quad SPST Switches
Rev. C, 30-May-11
DG611A VISHAY-DG611A Datasheet
194Kb / 11P
   1 pC Charge Injection, 100 pA Leakage, Quad SPST Switches
Rev. A, 04-Feb-08
logo
Analog Devices
ADG611 AD-ADG611 Datasheet
152Kb / 12P
   1 pC Chanrge Injection, 100 pA Leakage, CMOS -5 V/5 V/3 V Quad SPST Switches
REV. 0
ADG636 AD-ADG636 Datasheet
147Kb / 12P
   1 pC Charge Injection, 100 pA Leakage CMOS 5 V/5 V/3 V Dual SPDT Switch
REV. 0
logo
Vishay Siliconix
DG611E VISHAY-DG611E Datasheet
410Kb / 18P
   1.4 pC Charge Injection, 100 pA Leakage, Quad SPST Switches
Rev. A, 24-Apr-17
DG611E VISHAY-DG611E_V01 Datasheet
441Kb / 18P
   1.4 pC Charge Injection, 100 pA Leakage, Quad SPST Switches
01-Jan-2022
logo
Analog Devices
ADG636YRU-REEL AD-ADG636YRU-REEL Datasheet
498Kb / 16P
   1 pC Charge Injection, 100 pA Leakage, CMOS, 짹5 V/5 V/3 V Dual SPDT Switch
REV. B
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com