Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MCOTS-F-28E-P-DM Datasheet(PDF) 1 Page - SynQor Worldwide Headquarters

Part # MCOTS-F-28E-P-DM
Description  Very low DC resistance
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SYNQOR [SynQor Worldwide Headquarters]
Direct Link  http://www.synqor.com
Logo SYNQOR - SynQor Worldwide Headquarters

MCOTS-F-28E-P-DM Datasheet(HTML) 1 Page - SynQor Worldwide Headquarters

  MCOTS-F-28E-P-DM Datasheet HTML 1Page - SynQor Worldwide Headquarters MCOTS-F-28E-P-DM Datasheet HTML 2Page - SynQor Worldwide Headquarters MCOTS-F-28E-P-DM Datasheet HTML 3Page - SynQor Worldwide Headquarters MCOTS-F-28E-P-DM Datasheet HTML 4Page - SynQor Worldwide Headquarters MCOTS-F-28E-P-DM Datasheet HTML 5Page - SynQor Worldwide Headquarters MCOTS-F-28E-P-DM Datasheet HTML 6Page - SynQor Worldwide Headquarters MCOTS-F-28E-P-DM Datasheet HTML 7Page - SynQor Worldwide Headquarters MCOTS-F-28E-P-DM Datasheet HTML 8Page - SynQor Worldwide Headquarters MCOTS-F-28E-P-DM Datasheet HTML 9Page - SynQor Worldwide Headquarters  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
Product # MCOTS-F-28E-P-DM
Phone 1-888-567-9596
Doc.# 005-0006590
Rev. A
09/10/14
Page 1
MILITARY COTS EMI FILTER
-70V to +70V
10A
60mΩ @ 100°C
>80dB @ 500kHz
Continuous Input
Output Current
Max. DC Resistance
Differential Attenuation
FULL POWER OPERATION: -55ºC to +100ºC
The Mil-COTS series of EMI filters brings SynQor’s field
proven technology and manufacturing expertise to the
industrial power application marketplace. SynQor’s
innovative packaging approach ensures survivability
in the most hostile environments. These filters have
high differential-mode and common-mode attenuation,
low DC resistance, and a stabilizing bulk capacitor
resistor. They follow conservative component derating
guidelines and they are designed and manufactured to
the highest standards.
MCOTS-F-28E-P-DM
Passive Filter
Demi-Brick
Operational Features
• 10A output current
• Very low DC resistance
• >80 dB differential-mode attenuation at 500kHz
• >60dB common-mode attenuation at 500kHz
• Stabilizing bulk capacitor and damping resistor included
• All capacitors are X7R multi-layer ceramic
• Designed to meet all MIL-STD 461 EMI requirements
(D,E,F)
Mechanical Features
• Size: 1.55" x 1.52" x 0.50" (39.4 x 38.6 x12.7 mm)
• Total weight: 1.97 oz (56g)
• Flanged baseplate version available
Safety Features
• 1000V input/output to case isolation
• Certified 60950-1 requirement for basic insulation
(Pending see Standards and Qualifications page)
Screening Qualifications
• Qualification consistent with MIL-STD-810
• Available with S-Grade or M-Grade screening
• Pre-cap inspection per IPC-610, Class III
• Temperature cycling per MIL-STD-883, Method 1010,
Condition B, 10 cycles
• Burn-In at 100°C baseplate temperature
• Final visual inspection per MIL-STD-2008
In-Line Manufacturing Process
• AS9100 and ISO 9001:2008 Certified Facility
• Full component traceability
MCOTS-F-28E-P-DM
EMI FILTER
-70V to +70Vin
10Aout
Designed and Manufactured in the USA


Similar Part No. - MCOTS-F-28E-P-DM

ManufacturerPart #DatasheetDescription
logo
SynQor Worldwide Headqu...
MCOTS-F-28-P-QT SYNQOR-MCOTS-F-28-P-QT Datasheet
1Mb / 7P
   MILITARY COTS EMI FILTER
MCOTS-F-28-P-QT-N-S SYNQOR-MCOTS-F-28-P-QT-N-S Datasheet
1Mb / 7P
   MILITARY COTS EMI FILTER
MCOTS-F-28-T-HT SYNQOR-MCOTS-F-28-T-HT Datasheet
6Mb / 14P
   Standby circuitry to minimize quiescent power draw
More results

Similar Description - MCOTS-F-28E-P-DM

ManufacturerPart #DatasheetDescription
logo
SynQor Worldwide Headqu...
MCOTS-F-48-P-QT SYNQOR-MCOTS-F-48-P-QT Datasheet
3Mb / 10P
   Very low DC resistance
MQHE-270-P SYNQOR-MQHE-270-P Datasheet
6Mb / 13P
   Very low DC resistance
MQHE-28-P SYNQOR-MQHE-28-P Datasheet
7Mb / 17P
   Very low DC resistance
logo
STMicroelectronics
STL6P3LLH6 STMICROELECTRONICS-STL6P3LLH6 Datasheet
578Kb / 15P
   Very low on-resistance
November 2014 Rev 3
STL25N15F3 STMICROELECTRONICS-STL25N15F3 Datasheet
642Kb / 12P
   Very low thermal resistance
March 2009 Rev 1
STP160N3LL STMICROELECTRONICS-STP160N3LL Datasheet
393Kb / 13P
   Very low on-resistance
June 2015 Rev 3
logo
SynQor Worldwide Headqu...
MACF-U-230-ET SYNQOR-MACF-U-230-ET Datasheet
5Mb / 9P
   Very low series resistance
logo
STMicroelectronics
STT3P2UH7 STMICROELECTRONICS-STT3P2UH7 Datasheet
563Kb / 13P
   Very low on-resistance
September 2016 Rev 3
STH260N6F6-6 STMICROELECTRONICS-STH260N6F6-6 Datasheet
817Kb / 13P
   Very low on-resistance
March 2014 Rev 2
STD15P6F6AG STMICROELECTRONICS-STD15P6F6AG Datasheet
643Kb / 15P
   Very low on-resistance
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com