Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MCOTS-F-270-P-QT Datasheet(PDF) 5 Page - SynQor Worldwide Headquarters

Part # MCOTS-F-270-P-QT
Description  All capacitors are X7R multi-layer ceramic
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SYNQOR [SynQor Worldwide Headquarters]
Direct Link  http://www.synqor.com
Logo SYNQOR - SynQor Worldwide Headquarters

MCOTS-F-270-P-QT Datasheet(HTML) 5 Page - SynQor Worldwide Headquarters

  MCOTS-F-270-P-QT Datasheet HTML 1Page - SynQor Worldwide Headquarters MCOTS-F-270-P-QT Datasheet HTML 2Page - SynQor Worldwide Headquarters MCOTS-F-270-P-QT Datasheet HTML 3Page - SynQor Worldwide Headquarters MCOTS-F-270-P-QT Datasheet HTML 4Page - SynQor Worldwide Headquarters MCOTS-F-270-P-QT Datasheet HTML 5Page - SynQor Worldwide Headquarters MCOTS-F-270-P-QT Datasheet HTML 6Page - SynQor Worldwide Headquarters MCOTS-F-270-P-QT Datasheet HTML 7Page - SynQor Worldwide Headquarters MCOTS-F-270-P-QT Datasheet HTML 8Page - SynQor Worldwide Headquarters MCOTS-F-270-P-QT Datasheet HTML 9Page - SynQor Worldwide Headquarters  
Zoom Inzoom in Zoom Outzoom out
 5 / 9 page
background image
Product # MCOTS-F-270-P-QT
Phone 1-888-567-9596
Doc.# 005-0005521
Rev. H
10/20/16
Page 5
MCOTS-F-270-P-QT
Current: 4A
1
TOP VIEW
1
2
3
4
5
6
PIN EXTENSION
0.180
[4.57]
BOTTOMSIDE CLEARANCE
0.005
[0.13]
SEATING PLANE HEIGHT
0.500±0.025
[12.7±0.63 ]
1.536 [39.01]
1.030 [26.16]
2.386
[60.60]
1.860
[47.24]
THREADED INSERT
(4 PLCS)
0.215±0.020
5.46±0.50
[
]
0.08
[2.0]
0.004 [0.10]
0.300 [7.62]
0.600 [15.24]
2.000
[50.80]
PIN DESIGNATIONS
Encased Mechanical Diagram
NOTES
1) M3 SCREWS USED TO BOLT UNIT'S BASEPLATE TO OTHER SURFACES
SUCH AS HEATSINK MUST NOT EXCEED 0.100" (2.54mm) DEPTH BELOW
THE SURFACE OF THE BASEPLATE.
2) APPLIED TORQUE PER SCREW SHOULD NOT EXCEED 6in-lb (0.7Nm).
3) PINS 1-3 & 5 ARE 0.040" (1.02mm) DIA. WITH 0.080"
(2.03mm) DIA. STANDOFF SHOULDERS
4) PINS 4 & 6 ARE 0.062" (1.57mm) DIA. WITH 0.100"
(2.54mm) DIA STANDOFF SHOULDERS.
5) ALL PINS: MATERIAL: COPPER ALLOY
FINISH: MATTE TIN OVER NICKEL PLATE
6) UNDIMENSIONED COMPONENTS ARE SHOWN FOR VISUAL
REFERENCE ONLY
7) WEIGHT 3.0 oz. (85g)
8) ALL DIMENSIONS IN INCHES(mm)
9) TOLERANCES: X.XXIN +/-0.02 (X.Xmm +/-0.5mm)
X.XXXIN +/-0.010 (X.XXmm +/-0.25mm)
Pin
Name
Function
1
Vin (+)
Positive input voltage
2
COM IN
Input-side common-mode
3
Vin (-)
Negative input voltage
4
Vout (-)
Negative output voltage
5
COM OUT
Output-side common-mode
6
Vout (+)
Positive output voltage


Similar Part No. - MCOTS-F-270-P-QT

ManufacturerPart #DatasheetDescription
logo
SynQor Worldwide Headqu...
MCOTS-F-270-P-HT SYNQOR-MCOTS-F-270-P-HT Datasheet
5Mb / 9P
   All capacitors are X7R multi-layer ceramic
More results

Similar Description - MCOTS-F-270-P-QT

ManufacturerPart #DatasheetDescription
logo
SynQor Worldwide Headqu...
IQ040PFQTX30 SYNQOR-IQ040PFQTX30 Datasheet
1Mb / 8P
   All capacitors are X7R multi-layer ceramic
IQ080PFQTX20 SYNQOR-IQ080PFQTX20 Datasheet
1Mb / 8P
   All capacitors are X7R multi-layer ceramic
IQ200PFQTC10 SYNQOR-IQ200PFQTC10 Datasheet
1Mb / 8P
   All capacitors are X7R multi-layer ceramic
MCOTS-F-270-P-HT SYNQOR-MCOTS-F-270-P-HT Datasheet
5Mb / 9P
   All capacitors are X7R multi-layer ceramic
logo
SAMWHA ELECTRIC
CS0603C0G104B6R3NRA SAMWHA-CS0603C0G104B6R3NRA Datasheet
774Kb / 14P
   Multi Layer Ceramic Capacitors
logo
Rohm
MCH18 ROHM-MCH18 Datasheet
132Kb / 6P
   Multi-layer ceramic chip capacitors
MCH02 ROHM-MCH02 Datasheet
78Kb / 7P
   Multi-layer ceramic chip capacitors
MCH43 ROHM-MCH43 Datasheet
156Kb / 11P
   Multi-layer ceramic chip capacitors
MCH155A151JK ROHM-MCH155A151JK Datasheet
123Kb / 10P
   Multi-layer ceramic chip capacitors
MCH55 ROHM-MCH55 Datasheet
185Kb / 10P
   Multi-layer ceramic chip capacitors
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com