Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IRF9620S Datasheet(PDF) 4 Page - Vishay Siliconix

Part # IRF9620S
Description  Power MOSFET
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

IRF9620S Datasheet(HTML) 4 Page - Vishay Siliconix

  IRF9620S Datasheet HTML 1Page - Vishay Siliconix IRF9620S Datasheet HTML 2Page - Vishay Siliconix IRF9620S Datasheet HTML 3Page - Vishay Siliconix IRF9620S Datasheet HTML 4Page - Vishay Siliconix IRF9620S Datasheet HTML 5Page - Vishay Siliconix IRF9620S Datasheet HTML 6Page - Vishay Siliconix IRF9620S Datasheet HTML 7Page - Vishay Siliconix IRF9620S Datasheet HTML 8Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
www.vishay.com
Document Number: 91083
4
S11-1051-Rev. C, 30-May-11
This document is subject to change without notice.
THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
IRF9620S, SiHF9620S
Vishay Siliconix
Fig. 6 - Typical Transconductance vs. Drain Current
Fig. 7 - Typical Source-Drain Diode Forward Voltage
Fig. 8 - Breakdown Voltage vs. Temperature
Fig. 9 - Normalized On-Resistance vs. Temperature
Fig. 10 - Typical Capacitance vs. Drain-to-Source Voltage
Fig. 11 - Typical Gate Charge vs. Gate-to-Source Voltage
4.0
ID, Drain Current (A)
- 1
- 2
- 3
- 4
- 5
0
T
J = 25 °C
T
J = - 55 °C
91083_06
T
J = 125 °C
80 µs Pulse Test
V
DS > ID(on) x RDS(on) max.
3.2
2.4
1.6
0.8
0.0
T
J = 25 °C
T
J = 150 °C
- 20
VSD, Source-to-Drain Voltage (V)
- 2.0
- 6.8
- 5.6
- 4.4
- 3.2
91083_07
- 0.1
- 0.2
- 1.0
- 2
- 5
- 10
- 8.0
- 0.5
91083_08
TJ, Junction Temperature (°C)
1.25
1.15
0.75
0.85
0.95
1.05
- 40
160
120
80
40
0
91083_09
TJ, Junction Temperature (°C)
2.5
2.0
0.0
0.5
1.0
1.5
- 40
160
120
80
40
0
I
D = - 1.0 A
V
GS = - 10 V
91083_10
VDS, Drain-to-Source Voltage (V)
500
0
100
200
300
400
0
- 50
- 40
- 30
- 20
- 10
C
iss
C
rss
C
oss
V
GS = 0 V, f = 1 MHz
C
iss = Cgs + Cgd, Cds Shorted
C
rss = Cgd
C
oss = Cds +
C
gs, Cgd
C
gs + Cgd
≈ C
gs + Cgd
QG, Total Gate Charge (nC)
20
16
12
8
0
4
04
16
12
8
V
DS = - 40 V
V
DS = - 60 V
For test circuit
see figure 18
V
DS = - 100 V
91083_11
I
D = - 3.5 A
20


Similar Part No. - IRF9620S

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRF9620S IRF-IRF9620S Datasheet
165Kb / 6P
   Power MOSFET(Vdss=-200V, Rds(on)=1.5ohm, Id=-3.5A)
logo
Vishay Siliconix
IRF9620S VISHAY-IRF9620S Datasheet
200Kb / 9P
   Power MOSFET
01-Jan-2022
logo
International Rectifier
IRF9620SPBF IRF-IRF9620SPBF Datasheet
1Mb / 9P
   HEXFET Power MOSFET
logo
Vishay Siliconix
IRF9620SPBF VISHAY-IRF9620SPBF Datasheet
200Kb / 9P
   Power MOSFET
01-Jan-2022
IRF9620STRLPBFA VISHAY-IRF9620STRLPBFA Datasheet
200Kb / 9P
   Power MOSFET
01-Jan-2022
More results

Similar Description - IRF9620S

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NTP35N15G ONSEMI-NTP35N15G Datasheet
161Kb / 7P
   Power MOSFET Power MOSFET
May, 2010 ??Rev. 4
NTMS4937N ONSEMI-NTMS4937N Datasheet
142Kb / 5P
   Power MOSFET Power MOSFET
September, 2009 ??Rev. 0
logo
Fuji Electric
2SK2052-R FUJI-2SK2052-R Datasheet
146Kb / 10P
   Power MOSFET
2SK2100-01MR FUJI-2SK2100-01MR Datasheet
159Kb / 11P
   Power MOSFET
2SK1390-R FUJI-2SK1390-R Datasheet
341Kb / 10P
   Power MOSFET
2SK2849-01L FUJI-2SK2849-01L Datasheet
224Kb / 12P
   Power MOSFET
logo
International Rectifier
IRLIZ44N IRF-IRLIZ44N Datasheet
105Kb / 8P
   Power MOSFET
logo
Fuji Electric
2SK3523-01R FUJI-2SK3523-01R Datasheet
356Kb / 19P
   POWER MOSFET
2SK903 FUJI-2SK903 Datasheet
161Kb / 10P
   POWER MOSFET
logo
Torex Semiconductor
XP135A1145SR TOREX-XP135A1145SR Datasheet
66Kb / 5P
   POWER MOSFET
logo
List of Unclassifed Man...
CMT10N40 ETC1-CMT10N40 Datasheet
158Kb / 5P
   POWER MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com