Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PG-100B-103R-WX1T Datasheet(PDF) 1 Page - Copal Electronics

Part # PG-100B-103R-WX1T
Description  HANDHELD DIGITAL MANOMETER
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COPAL [Copal Electronics]
Direct Link  http://www.nidec-copal-electronics.com/e
Logo COPAL - Copal Electronics

PG-100B-103R-WX1T Datasheet(HTML) 1 Page - Copal Electronics

  PG-100B-103R-WX1T Datasheet HTML 1Page - Copal Electronics PG-100B-103R-WX1T Datasheet HTML 2Page - Copal Electronics PG-100B-103R-WX1T Datasheet HTML 3Page - Copal Electronics PG-100B-103R-WX1T Datasheet HTML 4Page - Copal Electronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
Pressure reference
Gauge(Compound)
Absolute
Rated pressure range (kPa)
−100 ~ 100
−100 ~ 1000
0 ~ 100
(abs)
kPa
PG-100B-102R- ***
PG-100B-103R- ***
PG-100B-102A- ***
MPa
PG-100B-103R-M **
mmHg
PG-100B-102R-H **
Selectable
PG-100B-102R-W **
PG-100B-103R-W **
PG-100B-102A-W ***
New lineup of PG-100 series for measuring gas and
liquid pressure
Capable of measuring Absolute pressure
(PG-100B-102A)
Excellent stability
High precision semiconductor chip combined with temperature
compensation circuit guarantee excellent stability.
Long battery life
Lasts more than 1000hrs with two AAA dry batteries.
Automatic power off function
Easy, one-handed operation
Easy-to-read large LCD display
Pressure unit selectable type also available
(PG-100B-****-W).
FEATURES
HANDHELD DIGITAL MANOMETER
PG-100B
LIST OF MODEL NUMBERS
Zero point adjustment button
Pressure port
パワーボタン
Power button
OUTLINE DIMENSIONS
W55mm × H110 × D16.9mm
Hold button
Unit of display
3 12 桁デジタル液晶表示
Digital 3 1/2 digits
3 1/2 digit LCD display
Power button
MODEL NUMBER DESIGNATION
P G - 1 0 0 B - 1 0 2 R - M X2 T
Series name
Rated pressure range
Pressure reference
102R
:− 100 ~ 100 kPa Gauge(Compound)
103R
:− 100 ~ 1000 kPa Gauge(Compound)
102A
:0 ~ 100 kPa abs
Unit of display
Traceability system chart
Blank
:Not attached
X1
:Inspection report
X2
:Inspection report and Calibration certificate
Blank
:kPa
M
:MPa
H
:mmHg※1
W
:Selectable(bar, psi, inch Hg, mmHg, kPa, MPa
according to the pressure range)※2
Inspection report / Calibration Certificate
Blank
:Not attached
T:Traceability system chart


Similar Part No. - PG-100B-103R-WX1T

ManufacturerPart #DatasheetDescription
logo
Copal Electronics
PG-100B COPAL-PG-100B Datasheet
289Kb / 5P
   HANDY MANOMETER
More results

Similar Description - PG-100B-103R-WX1T

ManufacturerPart #DatasheetDescription
logo
Copal Electronics
PG-100 COPAL-PG-100_16 Datasheet
150Kb / 6P
   HANDHELD DIGITAL MANOMETER
PG-100N COPAL-PG-100N_16 Datasheet
85Kb / 4P
   HANDHELD DIGITAL MANOMETER
logo
Keysight Technologies
U1604B KEYSIGHT-U1604B Datasheet
498Kb / 12P
   Handheld Digital Oscilloscopes
U1240 KEYSIGHT-U1240 Datasheet
1Mb / 9P
   Handheld Digital Multimeters
U1620A KEYSIGHT-U1620A Datasheet
1Mb / 13P
   Handheld Digital Oscilloscopes
U1602B KEYSIGHT-U1602B Datasheet
498Kb / 12P
   Handheld Digital Oscilloscopes
U1610A KEYSIGHT-U1610A Datasheet
1Mb / 13P
   Handheld Digital Oscilloscopes
logo
B&K Precision Corporati...
388B BK-388B Datasheet
1Mb / 2P
   Handheld Digital Multimeters
logo
Agilent(Hewlett-Packard...
U1230 HP-U1230 Datasheet
327Kb / 10P
   Handheld Digital Multimeter (DMM)
logo
Keysight Technologies
U1273AX KEYSIGHT-U1273AX Datasheet
4Mb / 22P
   U1270 Series Handheld Digital Multimeters
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com