Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PG-35L-103R-NR2 Datasheet(PDF) 2 Page - Copal Electronics

Part # PG-35L-103R-NR2
Description  PRESSURE GAUGES
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COPAL [Copal Electronics]
Direct Link  http://www.nidec-copal-electronics.com/e
Logo COPAL - Copal Electronics

PG-35L-103R-NR2 Datasheet(HTML) 2 Page - Copal Electronics

  PG-35L-103R-NR2 Datasheet HTML 1Page - Copal Electronics PG-35L-103R-NR2 Datasheet HTML 2Page - Copal Electronics PG-35L-103R-NR2 Datasheet HTML 3Page - Copal Electronics PG-35L-103R-NR2 Datasheet HTML 4Page - Copal Electronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
Permissible change
PG-35L
PG-35L
PRESSURE GAUGES
Item
Model number
102R
103R
STANDARD SPECIFICATIONS
Pressure reference
Gauge
Corrosive gases/liquids compatible with SUS 316L
− 100 ~ 100
− 100 ~ 1000
200
1500
300
2000
− 10 ~ 50
0 ~ 50
35 ~ 85No condensation
IP65
R 1/4, G 1/4, VC (9/16 - 18 UNF)
SUS 316L
Approx. 150
(Including 2 m cable)
± 3 %F.S. (0 ~ 50 °C)
50 M
Ω minimum
125 V DC 1 minute
1.4
× 10-4 Pa abs minimum
10.8 ~ 30 V DCIncluding ripple percentage
50 mA maximum
Full 3-digit LED
− 99.9 ~ 99.9
− 100 ~ 999
Max. 11 settings
Approx. 4 times/s
“–” LED is ON
± 1 %
2-point output (Transistor, Open collector output)
Separate mode / window comparator mode
30 V DC 100 mA maximum
1.2 V maximum (NPN), 2.2 V maximum (PNP)
Output 1 (Green LED),
 Output 2 (Red LED) Lighted when output is ON.
0 ~ 300 countsAdjustable
± 0.2 %F.S. ± 1 count
Approx. 5, 25, 250, 2500 msadjustable
3 modes
10 k
Ω
1/204(Approx. 4.9mV/ Approx.0.123% F.S.)
NPN/PNP
Pressure medium
Rated pressure range
Maximum pressure
kPa
kPa
Break-down pressure
Operating temp. range
Compensated temp. range
Operating humidity
Protection grade
Type of mounting
Material of pressure port attachment
Net weight
g
Thermal error
Insulation resistance
Dielectric strength
Vacuum working pressure
Input voltage
Consumption current
Display element
Rated display range
kPa
Multiplier settings
Display cycle
Negative pressure display
Display accuracy
Output status
Output mode
Switching capacity
Residual voltage
State indication
Switch
hysteresis
Repeatability
Response
Output mode
Output voltage
V zero : Pin=0, V span : Pin=0
∼ Pin (H)
Impedance
Resolution
kPa
°C
°C
%RH
O Unless otherwise specified, the specs are defined at an ambient temperature of 25±5 °C and excitation voltage of 12 V DC.
※1 Change in the pressure indication, switch operating points and analog output.
ENVIRONMENTAL CHARACTERISTICS
Test item
Test conditions
± 2 %F.S. maximum after test ※1
Amount of analog output fluctuation is permitted
by adding conversion error of 20 mV.
Vibration
10 ~ 500 Hz, 98.1 m/s2 or 1.5 mm P-P, 3 directions for 2 hours each
490 m/s2, 3 directions for 3 times each
0 ~ Rated pressure106 cycles
40 °C, 90 ~ 95 %RH, 240 hrs.
EMI : EN55011: 2007, A2 : 2007 Group 1, class B
ý
EMS : EN61326-1: 2006 Table 2
Pressure indication, switch operating pressure and analog output :
±5%F.S.maximumduringtest
※1
Shock
Pressure cycling
Moisture resistance
EMC
[
]
1 ~ 5 V
G/V mode ZERO : 1
± 0.2 V, SPAN : 4 ± 0.2 V
R mode
ZERO : 3
± 0.2 V, SPAN : 2 ± 0.2 V
103 R (R mode) ZERO : 1.36
± 0.2 V
SPAN : 3.64
± 0.2 V
()


Similar Part No. - PG-35L-103R-NR2

ManufacturerPart #DatasheetDescription
logo
Copal Electronics
PG-35L COPAL-PG-35L Datasheet
280Kb / 8P
   HIGH VACUUM CORRESPONDENCE
More results

Similar Description - PG-35L-103R-NR2

ManufacturerPart #DatasheetDescription
logo
Copal Electronics
PG-35 COPAL-PG-35_16 Datasheet
191Kb / 6P
   PRESSURE GAUGES
PG-30 COPAL-PG-30 Datasheet
124Kb / 6P
   PRESSURE GAUGES
PG-35H COPAL-PG-35H_16 Datasheet
108Kb / 4P
   PRESSURE GAUGES
PG-20 COPAL-PG-20_16 Datasheet
143Kb / 4P
   PRESSURE GAUGES
PG-200 COPAL-PG-200_16 Datasheet
129Kb / 8P
   PRESSURE GAUGES
PG-208 COPAL-PG-208_16 Datasheet
129Kb / 8P
   PRESSURE GAUGES
logo
Ralston Instruments.
QTHA-HCBL-45 RALSTON-QTHA-HCBL-45 Datasheet
645Kb / 1P
   Connect to pressure gauges, pressure calibrators and adapters easily and quickly
logo
Extech Instruments Corp...
475040 EXTECH-475040_15 Datasheet
367Kb / 1P
   Digital Forge Gauges
TKG150 EXTECH-TKG150 Datasheet
963Kb / 2P
   Ultrasonic Thickness Gauges
475044 EXTECH-475044_15 Datasheet
367Kb / 1P
   Digital Forge Gauges
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com