Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PG-200-103AP-3-P Datasheet(PDF) 8 Page - Copal Electronics

Part # PG-200-103AP-3-P
Description  PRESSURE GAUGES
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COPAL [Copal Electronics]
Direct Link  http://www.nidec-copal-electronics.com/e
Logo COPAL - Copal Electronics

PG-200-103AP-3-P Datasheet(HTML) 8 Page - Copal Electronics

  PG-200-103AP-3-P Datasheet HTML 1Page - Copal Electronics PG-200-103AP-3-P Datasheet HTML 2Page - Copal Electronics PG-200-103AP-3-P Datasheet HTML 3Page - Copal Electronics PG-200-103AP-3-P Datasheet HTML 4Page - Copal Electronics PG-200-103AP-3-P Datasheet HTML 5Page - Copal Electronics PG-200-103AP-3-P Datasheet HTML 6Page - Copal Electronics PG-200-103AP-3-P Datasheet HTML 7Page - Copal Electronics PG-200-103AP-3-P Datasheet HTML 8Page - Copal Electronics  
Zoom Inzoom in Zoom Outzoom out
 8 / 8 page
background image
7
Grommet
φ
27
(P 18)
“O” ring (Fluoro – rubber)
40
11.5
BATT
PRESSURE GAUGE
COPAL ELECTRONICS
72
SUS 316
Pressure port
(SUS 316L)
Diaphragm
Unit of display
151
28.5
SUS 316
G 3/8 (PF 3/8)
circuit
supply
Power
External power
Voltage output
Switch LO
Switch HI
LCD
Sensor
Main circuit
Pressure indication
Switch LO
Switch HI
Pressure indication
LCD
Sensor
Main circuit
Pressure
Pressure
POWER
BATT
LH
SET
LO
ON
HI
SPAN ZERP
Digital 3 1/2 digits
Low battery indication
SW output indication
Decimal point
Power SW
Set SW
LO setting VR
HI setting VR
ZERO adjustment VR
SPAN adjustment VR
Polarity
PG-200/PG-208
PRESSURE GAUGES
O PG-208
Stand type
For corrosive
gases or liquids
O INSIDE OF A PANEL
INTERNAL ELECTRICAL SCHEMATICS
O Battery type
O External power type
CORD CONNECTION
5
V
10
C
O
M
V
24
10
5
6
8
9
10
11
YL
YH
X
Electrical terminals are located inside.
Use connecting wires AWG 26 or thinner one.
Battery type
External power
DC5 ~ 10 V
DC10 ~ 24 V
D
E
F
External power
B
C
C
B
Switch HI
C
B
Switch LO
C
B
Voltage output
C
B
Switch HI
C
B
Switch LO
C
B
Electrical connection
External power should be connected to proper terminals depending on voltage.
No Switch LO as to Panel type.
OUTLINE DIMENSIONS
Unless otherwise specified, tolerance :
± 0.5 (Unit: mm)
Extra care should be taken with the diaphragm part. Do not touch the
diaphragm directly to avoid damaging the diaphragm.


Similar Part No. - PG-200-103AP-3-P

ManufacturerPart #DatasheetDescription
logo
Copal Electronics
PG-200-103AP-3-P COPAL-PG-200-103AP-3-P Datasheet
129Kb / 8P
   PRESSURE GAUGES
More results

Similar Description - PG-200-103AP-3-P

ManufacturerPart #DatasheetDescription
logo
Copal Electronics
PG-35 COPAL-PG-35_16 Datasheet
191Kb / 6P
   PRESSURE GAUGES
PG-30 COPAL-PG-30 Datasheet
124Kb / 6P
   PRESSURE GAUGES
PG-35H COPAL-PG-35H_16 Datasheet
108Kb / 4P
   PRESSURE GAUGES
PG-20 COPAL-PG-20_16 Datasheet
143Kb / 4P
   PRESSURE GAUGES
PG-200 COPAL-PG-200_16 Datasheet
129Kb / 8P
   PRESSURE GAUGES
PG-35L COPAL-PG-35L_16 Datasheet
126Kb / 4P
   PRESSURE GAUGES
logo
Ralston Instruments.
QTHA-HCBL-45 RALSTON-QTHA-HCBL-45 Datasheet
645Kb / 1P
   Connect to pressure gauges, pressure calibrators and adapters easily and quickly
logo
Extech Instruments Corp...
475040 EXTECH-475040_15 Datasheet
367Kb / 1P
   Digital Forge Gauges
TKG150 EXTECH-TKG150 Datasheet
963Kb / 2P
   Ultrasonic Thickness Gauges
475044 EXTECH-475044_15 Datasheet
367Kb / 1P
   Digital Forge Gauges
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com