Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SI4447ADY Datasheet(PDF) 3 Page - Vishay Siliconix

Part # SI4447ADY
Description  P-Channel 40 V (D-S) MOSFET
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

SI4447ADY Datasheet(HTML) 3 Page - Vishay Siliconix

  SI4447ADY Datasheet HTML 1Page - Vishay Siliconix SI4447ADY Datasheet HTML 2Page - Vishay Siliconix SI4447ADY Datasheet HTML 3Page - Vishay Siliconix SI4447ADY Datasheet HTML 4Page - Vishay Siliconix SI4447ADY Datasheet HTML 5Page - Vishay Siliconix SI4447ADY Datasheet HTML 6Page - Vishay Siliconix SI4447ADY Datasheet HTML 7Page - Vishay Siliconix SI4447ADY Datasheet HTML 8Page - Vishay Siliconix SI4447ADY Datasheet HTML 9Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 3 / 9 page
background image
Document Number: 67189
S10-2767-Rev. A, 29-Nov-10
www.vishay.com
3
Vishay Siliconix
Si4447ADY
New Product
TYPICAL CHARACTERISTICS (25 °C, unless otherwise noted)
Output Characteristics
On-Resistance vs. Drain Current
Gate Charge
0
6
12
18
24
30
0.0
0.5
1.0
1.5
2.0
2.5
VGS =10 V thru 5V
VGS =4V
VGS =3V
V
DS - Drain-to-Source Voltage (V)
0.00
0.02
0.04
0.06
0.08
0.10
0
6
12
18
24
30
VGS =10V
VGS =4.5 V
I
D - Drain Current (A)
0
2
4
6
8
10
0.0
5.1
10.2
15.3
20.4
25.5
ID =5A
VDS =20V
VDS =30V
VDS =10V
Q
g - Total Gate Charge (nC)
Transfer Characteristics
Capacitance
On-Resistance vs. Junction Temperature
0
1
2
3
4
5
01
2
3
45
TC = 125 °C
TC = 25 °C
TC = - 55 °C
V
GS - Gate-to-Source Voltage (V)
Crss
0
320
640
960
1280
1600
0.0
2.4
4.8
7.2
9.6
12.0
Ciss
Coss
V
DS - Drain-to-Source Voltage (V)
0.6
0.9
1.2
1.5
1.8
- 50
- 25
0
25
50
75
100
125
150
ID =5A
VGS =4.5 V
VGS =10V
T
J - Junction Temperature (°C)


Similar Part No. - SI4447ADY

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
SI4447ADY VISHAY-SI4447ADY Datasheet
218Kb / 9P
   P-Channel 40 V (D-S) MOSFET
01-Jan-2022
SI4447ADY VISHAY-SI4447ADY Datasheet
218Kb / 9P
   P-Channel 40 V (D-S) MOSFET
01-Jan-2022
logo
VBsemi Electronics Co.,...
SI4447ADY-T1-GE3 VBSEMI-SI4447ADY-T1-GE3 Datasheet
1,003Kb / 9P
   P-Channel 40 V (D-S) MOSFET
logo
Vishay Siliconix
SI4447ADY-T1-GE3 VISHAY-SI4447ADY-T1-GE3 Datasheet
218Kb / 9P
   P-Channel 40 V (D-S) MOSFET
01-Jan-2022
SI4447ADY VISHAY-SI4447ADY_V01 Datasheet
218Kb / 9P
   P-Channel 40 V (D-S) MOSFET
01-Jan-2022
More results

Similar Description - SI4447ADY

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
SI4401DY-T1 VISHAY-SI4401DY-T1 Datasheet
250Kb / 8P
   P-Channel 40-V (D-S) MOSFET
Rev. D, 02-Mar-09
SI2319CDS VISHAY-SI2319CDS_15 Datasheet
226Kb / 11P
   P-Channel 40 V (D-S) MOSFET
Rev. A, 31-May-10
logo
Analog Power
AM3949P ANALOGPOWER-AM3949P Datasheet
184Kb / 3P
   P-Channel 40-V (D-S) MOSFET
logo
Vishay Siliconix
SI7611DN VISHAY-SI7611DN Datasheet
578Kb / 13P
   P-Channel 40-V (D-S) MOSFET
Rev. B, 21-Apr-08
logo
Analog Power
AM40P04-20DE ANALOGPOWER-AM40P04-20DE Datasheet
241Kb / 5P
   P-Channel 40-V (D-S) MOSFET
AM90P04-03P ANALOGPOWER-AM90P04-03P Datasheet
60Kb / 2P
   P-Channel 40-V (D-S) MOSFET
logo
Vishay Siliconix
SUD50P04-40P VISHAY-SUD50P04-40P Datasheet
143Kb / 7P
   P-Channel 40-V (D-S) MOSFET
Rev. B, 21-Jan-08
logo
VBsemi Electronics Co.,...
15P04SC VBSEMI-15P04SC Datasheet
1Mb / 9P
   P-Channel 40 V (D-S) MOSFET
9563GM VBSEMI-9563GM Datasheet
1,002Kb / 9P
   P-Channel 40 V (D-S) MOSFET
AFP4637WS8RG VBSEMI-AFP4637WS8RG Datasheet
1,002Kb / 9P
   P-Channel 40 V (D-S) MOSFET
FDS4685-NL VBSEMI-FDS4685-NL Datasheet
1Mb / 9P
   P-Channel 40 V (D-S) MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com