Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MQHE-28E-P Datasheet(PDF) 9 Page - SynQor Worldwide Headquarters

Part # MQHE-28E-P
Description  10 amps output current
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SYNQOR [SynQor Worldwide Headquarters]
Direct Link  http://www.synqor.com
Logo SYNQOR - SynQor Worldwide Headquarters

MQHE-28E-P Datasheet(HTML) 9 Page - SynQor Worldwide Headquarters

Back Button MQHE-28E-P Datasheet HTML 5Page - SynQor Worldwide Headquarters MQHE-28E-P Datasheet HTML 6Page - SynQor Worldwide Headquarters MQHE-28E-P Datasheet HTML 7Page - SynQor Worldwide Headquarters MQHE-28E-P Datasheet HTML 8Page - SynQor Worldwide Headquarters MQHE-28E-P Datasheet HTML 9Page - SynQor Worldwide Headquarters MQHE-28E-P Datasheet HTML 10Page - SynQor Worldwide Headquarters MQHE-28E-P Datasheet HTML 11Page - SynQor Worldwide Headquarters MQHE-28E-P Datasheet HTML 12Page - SynQor Worldwide Headquarters MQHE-28E-P Datasheet HTML 13Page - SynQor Worldwide Headquarters Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 17 page
background image
Product # MQHE-28E-P
Phone 1-888-567-9596
www.synqor.com
Doc.# 005-0005151 Rev. G
05/27/16
Page 9
Current: 10A
MQHE-28E-P
Technical Specification
VOLTAGE SURGE AND SPIKE COMPLIANCE MATRIX
These tables show the Voltage Surge and Spike requirements/limits that have been met* by a stand-alone setup comprised of:
- MQME-28-P (or –T) Filter
- MQFL-28-05S DC/DC Converter
- 120W Resistive Load
- Metal Chassis Plane
* Surge/spike requirements/limits are deemed to have been met as long as transient deviations in the converter’s output voltage
remain within ±10% of its initial value.
§ These are defined as the maximum disturbances that equipment can inflict upon the power system, not as disturbances imposed
upon utilization equipment. To ensure compatablitily, however, these are within the designed stress envelope of the indicated filters &
converters.
† For the DEF STAN 61-5 specification:
1) Negative surges require reverse voltage protection circuitry to protect the converter (but not the filter) from a negative input.
This circuitry is included in the MQME-28-T but not the MQME-28-P and MQHE-28-P filters.
2) The negative surges may cause the converter to shut down unless additional holdup capacitance is included.
3) Maximum spike voltages are assumed to last <1µs
Vehicle 28Vin
Part
Worst Case Over-Voltage Surge
(Voltage/Duration)
Short Duration Spikes
(Voltage/Duration/Impedance)
MIL-STD-1275D
(Gen. + Bat.)
40V / 50ms
±250V / 15mJ / 0.5Ω
(Bat. only)
100V / 50ms
(Gen. only)
100V / 50ms
DEF STAN 61-5 (PART 6)/5†
(Gen. + Bat.)
40V / 50ms
+130V to -100V max §
+90V to -60V / 10µs §
+70V to -40V / 5ms §
(Bat. Only)
+70V to -40V / 5ms §
(Bat. Only, Non-Regen. Ld. Sw.)
80V / 80ms §
(Bat. Only, Regen. Ld. Sw.)
40V / 50ms
(Gen. only)
80V / 80ms §
100V / 50ms
+110V to -50V / 5ms §
+280V to -220V max §
+130V to -70V / 10µs §
DEF STAN 61-5 (PART 6)/6†
DIT08.B, DIT07.B
+174V / 350ms
±200V / 200ns / 50Ω
DET03.A
40V / 50ms §
+90V to -60V / 10µs §
DET04.A
+70V to -40V / 1ms §
DIT04.A
+110V / 300ms §
Aircraft 28Vin
Part
Worst Case Over-Voltage Surge
(Voltage/Duration)
Short Duration Spikes
(Voltage/Duration/Impedance)
MIL-HDBK-704-8
(704A)
80V / 50ms
N/A
60V / 550ms
(704B, C, D, E, F)
50V / 50ms
RTCA/DO-160E
(Cat A)
47V / 100ms
±600V / 10µs / 50Ω
38V / 1s
(Cat B)
60V / 100ms
±200V / 10µs / 50Ω
40V / 1s
(Cat C)
80V / 100ms
N/A
48V / 1s
Met by any Hi-Rel Filter
Met by an MQME-28-T Filter having the Transient Suppression
and Reverse Polarity Protection Features
Met by MQME-28E-T6 Filter Only:
Performance Criteria C


Similar Part No. - MQHE-28E-P

ManufacturerPart #DatasheetDescription
logo
SynQor Worldwide Headqu...
MQHE-28E SYNQOR-MQHE-28E Datasheet
7Mb / 17P
   Very low DC resistance
MQHE-28E SYNQOR-MQHE-28E Datasheet
6Mb / 13P
   Very low DC resistance
MQHE-28E SYNQOR-MQHE-28E Datasheet
6Mb / 17P
   Output current limit for short-circuit protection
MQHE-28E SYNQOR-MQHE-28E Datasheet
7Mb / 18P
   Input over-voltage shutdown
MQHE-28E SYNQOR-MQHE-28E Datasheet
6Mb / 17P
   Soft-Start circuitry to limit in-rush charging currents
More results

Similar Description - MQHE-28E-P

ManufacturerPart #DatasheetDescription
logo
M.S. Kennedy Corporatio...
MSK541 MSK-MSK541_15 Datasheet
246Kb / 8P
   High Output Current - 10 Amps Peak
MSK2541 MSK-MSK2541_15 Datasheet
191Kb / 7P
   High Output Current - 10 Amps Peak
logo
Shanghai Leiditech Elec...
FZT955 LEIDITECH-FZT955 Datasheet
1Mb / 3P
   4 Amps continuous current (10 Amps peak current)
logo
M.S. Kennedy Corporatio...
MSK0041 MSK-MSK0041_15 Datasheet
169Kb / 7P
   Output Current - 0.5 Amps Peak
MSK0021FP MSK-MSK0021FP_15 Datasheet
185Kb / 8P
   High Output Current - 2 Amps Peak
logo
List of Unclassifed Man...
2N4301 ETC1-2N4301 Datasheet
93Kb / 2P
   COLLECTOR CURRENT = 10 AMPS NPN TYPES
GNR30DCZ ETC2-GNR30DCZ Datasheet
618Kb / 6P
   Current ratings 10, 20 and 30 amps
logo
Emerson Network Power
LDO10C EMERSON-NETWORKPOWER-LDO10C Datasheet
160Kb / 4P
   10 A output current rating
logo
JMK Inc.
EF-1356-10B JMK-EF-1356-10B Datasheet
51Kb / 1P
   Operating voltage = 115-250vac Operating current = 10 amps
logo
Crydom Inc.,
GNR10DHZ CRYDOM-GNR10DHZ Datasheet
1Mb / 6P
   Current ratings of 10, 20 and 30 amps
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com