Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MQME-28 Datasheet(PDF) 5 Page - SynQor Worldwide Headquarters

Part # MQME-28
Description  10 amps output current
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SYNQOR [SynQor Worldwide Headquarters]
Direct Link  http://www.synqor.com
Logo SYNQOR - SynQor Worldwide Headquarters

MQME-28 Datasheet(HTML) 5 Page - SynQor Worldwide Headquarters

  MQME-28 Datasheet HTML 1Page - SynQor Worldwide Headquarters MQME-28 Datasheet HTML 2Page - SynQor Worldwide Headquarters MQME-28 Datasheet HTML 3Page - SynQor Worldwide Headquarters MQME-28 Datasheet HTML 4Page - SynQor Worldwide Headquarters MQME-28 Datasheet HTML 5Page - SynQor Worldwide Headquarters MQME-28 Datasheet HTML 6Page - SynQor Worldwide Headquarters MQME-28 Datasheet HTML 7Page - SynQor Worldwide Headquarters MQME-28 Datasheet HTML 8Page - SynQor Worldwide Headquarters MQME-28 Datasheet HTML 9Page - SynQor Worldwide Headquarters Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 17 page
background image
Product # MQHE-28E-P
Phone 1-888-567-9596
www.synqor.com
Doc.# 005-0005151 Rev. G
05/27/16
Page 5
Current: 10A
MQHE-28E-P
Technical Specification
-180
-160
-140
-120
-100
-80
-60
-40
-20
0
20
1
10
100
1000
10000
Frequency (kHz)
Differential Mode
Common Mode
0.001
0.01
0.1
1
10
0.01
0.1
1
10
100
1000
Frequency (kHz)
Figure 2: Typical Output Impedance (magnitude) of the filter looking
back into its output pins with the input pins connected to a source
with zero source impedance.
Figure 1: Simulation of calculated common-mode and differential-mode current
attenuation. The curves plot the ratio of noise current in a 50Ω LISN sensing port
connected to the noise output side of the filter to the noise current on the input side.
The filter case is also connected to chassis ground. Refer to Figures A and B.
Figure 3: MIL-STD-461E Method CE101 Low Frequency Conducted
Emissions of the MQHE-28-P filter with a MQHL-28-05S at 50W
output. Limit line (in red) is the ‘Submarine Applications DC Curve’.
Figure 4: MIL-STD-461E Method CE102 High Frequency
Conducted Emissions of the MQHE-28-P filter with a MQHL-28-05S
at 50W output. Limit line (in red) is the ‘Basic Curve’.
Figure 5: MIL-STD-461E Method RE101 Low Frequency Radiated
Emissions of the MQHE-28-P filter with a MQHL-28-05S at 50W
output. Limit line (in red) is the ‘Standard Curve’ from MIL-STD-
461C Method RE01, which is more strict than all RE101 limits.
Figure 6: MIL-STD-461E Method RE102 High Frequency Radiated
Emissions of the MQHE-28-P filter with a MQHL-28-05S at 50W
output. Limit line (in red) is the ‘Submarine External to Pressure
Hull Curve’.


Similar Part No. - MQME-28

ManufacturerPart #DatasheetDescription
logo
SynQor Worldwide Headqu...
MQME-28 SYNQOR-MQME-28 Datasheet
7Mb / 17P
   Very low DC resistance
MQME-28 SYNQOR-MQME-28 Datasheet
6Mb / 13P
   Very low DC resistance
MQME-28 SYNQOR-MQME-28 Datasheet
6Mb / 17P
   Output current limit for short-circuit protection
MQME-28 SYNQOR-MQME-28 Datasheet
7Mb / 18P
   Input over-voltage shutdown
MQME-28 SYNQOR-MQME-28 Datasheet
6Mb / 17P
   Soft-Start circuitry to limit in-rush charging currents
More results

Similar Description - MQME-28

ManufacturerPart #DatasheetDescription
logo
M.S. Kennedy Corporatio...
MSK541 MSK-MSK541_15 Datasheet
246Kb / 8P
   High Output Current - 10 Amps Peak
MSK2541 MSK-MSK2541_15 Datasheet
191Kb / 7P
   High Output Current - 10 Amps Peak
logo
Shanghai Leiditech Elec...
FZT955 LEIDITECH-FZT955 Datasheet
1Mb / 3P
   4 Amps continuous current (10 Amps peak current)
logo
M.S. Kennedy Corporatio...
MSK0041 MSK-MSK0041_15 Datasheet
169Kb / 7P
   Output Current - 0.5 Amps Peak
MSK0021FP MSK-MSK0021FP_15 Datasheet
185Kb / 8P
   High Output Current - 2 Amps Peak
logo
List of Unclassifed Man...
2N4301 ETC1-2N4301 Datasheet
93Kb / 2P
   COLLECTOR CURRENT = 10 AMPS NPN TYPES
GNR30DCZ ETC2-GNR30DCZ Datasheet
618Kb / 6P
   Current ratings 10, 20 and 30 amps
logo
Emerson Network Power
LDO10C EMERSON-NETWORKPOWER-LDO10C Datasheet
160Kb / 4P
   10 A output current rating
logo
JMK Inc.
EF-1356-10B JMK-EF-1356-10B Datasheet
51Kb / 1P
   Operating voltage = 115-250vac Operating current = 10 amps
logo
Crydom Inc.,
GNR10DHZ CRYDOM-GNR10DHZ Datasheet
1Mb / 6P
   Current ratings of 10, 20 and 30 amps
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com