Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PS40-102V-PAM Datasheet(PDF) 2 Page - Copal Electronics

Part # PS40-102V-PAM
Description  PRESSURE SWITCHES
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COPAL [Copal Electronics]
Direct Link  http://www.nidec-copal-electronics.com/e
Logo COPAL - Copal Electronics

PS40-102V-PAM Datasheet(HTML) 2 Page - Copal Electronics

  PS40-102V-PAM Datasheet HTML 1Page - Copal Electronics PS40-102V-PAM Datasheet HTML 2Page - Copal Electronics PS40-102V-PAM Datasheet HTML 3Page - Copal Electronics PS40-102V-PAM Datasheet HTML 4Page - Copal Electronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
PS40
PRESSURE SWITCHES
STANDARD SPECIFICATIONS
Item
Pressure reference
Rated pressure range
Maximum pressure
Break-down pressure
Operating temp. range
Compensated temp. range
Storage temp.
Operating humidity
Supply voltage
Pressure medium
Insulation resistance
Dielectric strength
Pressure port
Net weight
Model number
102V
501G
102G
103G
Gauge
− 100
50
100
1000
200
100
200
1500
500
250
500
2000
Non-corrosive gases
Approx. 50
10.8 ~ 30 VIncluding ripple percentage
100 (500 V DC)
500 V AC, 60 sLeakage current 1 mA maximum
R 1/8M5 Female screwor
“O” ring grooveM5 Female screw
0 ~ 50
35 ~ 85No condensation
− 20 ~ 80
− 20 ~ 70
kPa
kPa
kPa
°C
°C
%RH
°C
V DC
M
Ω
minimum
g
Consumption current
17 mAOnly W type 25 mA maximum
maximum
Output interface
Setting method
Adjustable range
Display
No. of outputs
1 or 2
Open collector output (NPN or PNP)
Adjustable by VR
Zero through rated pressure minimum
Red LED ON (W type only : SW1 Red, SW2 Green)
Accuracy
0 ~ 50 °C (Reference temp.: 25 °C)
Hysteresis
% F.S.
Switching capacity
Residual voltage
Response
Output voltage
Zero voltage
Span voltage
Output current
30 V 80 mA
0.8 (NPN), 1.2 (PNP)
Approx. 1
1 ~ 5
1 ± 0.1
4 ± 0.1
1Load resistance 5 k
Ω minimum
V
maximum
ms
V
V
V
mA
maximum
± 3
Approx. 1 ~ 15 % of the set value (W type only 2 % F.S. maximum)
O Unless otherwise specified, the specs are defined at an ambient temperature of 25±5 °C and excitation voltage of 12 V DC.


Similar Part No. - PS40-102V-PAM

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
PS40 VISHAY-PS40 Datasheet
89Kb / 3P
   Plate Capacitors with Contoured Rim - Class 2 Ceramic
Revision: 14-Aug-02
PS40 VISHAY-PS40 Datasheet
96Kb / 3P
   Plate Capacitors with Contoured Rim - Class 1 Ceramic
Revision: 14-Aug-02
logo
Copal Electronics
PS40 COPAL-PS40 Datasheet
1Mb / 1P
   ELECTRONIC PRESSURE SWITCH
logo
Axiomtek Co., Ltd.
PS400-HRP AXIOMTEK-PS400-HRP Datasheet
199Kb / 2P
   Power Supplies
PS400-XP2 AXIOMTEK-PS400-XP2 Datasheet
195Kb / 2P
   Power Supplies
More results

Similar Description - PS40-102V-PAM

ManufacturerPart #DatasheetDescription
logo
Copal Electronics
PS8 COPAL-PS8_16 Datasheet
72Kb / 3P
   PRESSURE SWITCHES
PS85 COPAL-PS85 Datasheet
99Kb / 5P
   PRESSURE SWITCHES
PS83 COPAL-PS83_16 Datasheet
207Kb / 4P
   PRESSURE SWITCHES
PS91 COPAL-PS91_16 Datasheet
739Kb / 3P
   PRESSURE SWITCHES
PS86 COPAL-PS86 Datasheet
101Kb / 5P
   PRESSURE SWITCHES
PS20 COPAL-PS20_16 Datasheet
708Kb / 3P
   PRESSURE SWITCHES
PS83 COPAL-PS83 Datasheet
87Kb / 4P
   PRESSURE SWITCHES
logo
Systemsensor advanced i...
EPS120-1 SYSTEMSENSOR-EPS120-1 Datasheet
160Kb / 2P
   Supervisory Pressure Switches
logo
List of Unclassifed Man...
6819-01 ETC2-6819-01 Datasheet
848Kb / 20P
   Pressure & Vacuum Switches
PSW-200 ETC-PSW-200 Datasheet
273Kb / 2P
   INDUSTRIAL PRESSURE SWitCHes
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com