Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MQME-28 Datasheet(PDF) 3 Page - SynQor Worldwide Headquarters

Part # MQME-28
Description  Very low DC resistance
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SYNQOR [SynQor Worldwide Headquarters]
Direct Link  http://www.synqor.com
Logo SYNQOR - SynQor Worldwide Headquarters

MQME-28 Datasheet(HTML) 3 Page - SynQor Worldwide Headquarters

  MQME-28 Datasheet HTML 1Page - SynQor Worldwide Headquarters MQME-28 Datasheet HTML 2Page - SynQor Worldwide Headquarters MQME-28 Datasheet HTML 3Page - SynQor Worldwide Headquarters MQME-28 Datasheet HTML 4Page - SynQor Worldwide Headquarters MQME-28 Datasheet HTML 5Page - SynQor Worldwide Headquarters MQME-28 Datasheet HTML 6Page - SynQor Worldwide Headquarters MQME-28 Datasheet HTML 7Page - SynQor Worldwide Headquarters MQME-28 Datasheet HTML 8Page - SynQor Worldwide Headquarters MQME-28 Datasheet HTML 9Page - SynQor Worldwide Headquarters Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 17 page
background image
Product # MQHE-28-P
Phone 1-888-567-9596
www.synqor.com
Doc.# 005-0005267 Rev. G
05/27/16
Page 3
Current: 10A
MQHE-28-P
Technical Specification
MQHE-28-P ELECTRICAL CHARACTERISTICS
Parameter
Min. Typ. Max. Units Notes & Conditions
Group A
Specifications subject to change without notice
Vin=28V DC ±5%, Iout= 10A unless otherwise specified Subgroup
(See Note 3)
ABSOLUTE MAXIMUM RATINGS
Input Voltage
See Note 1
Continuous
-100
100
V
Transient (≤1 s)
-200
200
V
Isolation Voltage (Input/Output to case)
Continuous
-500
500
V
Transient (≤1 s)
-1000
1000
V
Output Current
10
A
Operating Case Temperature
-55
125
°C
HB Grade Products, See Note 4
Storage Case Temperature
-65
135
°C
Lead Temperature (20 s)
300
°C
ELECTRICAL CHARACTERISTICS
Input Voltage
See Note 1
Continuous
-40
40
V
1, 2, 3
Transient (≤1 s, Rs* = 0 Ω)
-50
50
V
Transient (≤100 ms, Rs* = 0 Ω)
-100
100
V
Output Voltage (continuous)
Vout = Vin - (Iin x Rdc)
V
1, 2, 3
Output Current (continuous)
10
A
1, 2, 3
DC Resistance RDC
TCASE = 25°C
40
1
TCASE = 125°C
60
3
Power Dissipation (10A output current)
TCASE = 25°C
4
W
TCASE = 125°C
6
W
1, 2, 3
Total Differential-Mode Capacitance
54
µF
Measured across input or output pins
Total Common-Mode Capacitance
0.29
µF
Measured between any pin to case
Bulk Capacitor
41
µF
Damping Resistor
0.3
Ω
Noise Attenuation
See Figure 1
INPUT VOLTAGE SPIKE SUPPRESSION
Output Voltage Deviation due to a Spike
See Note 2
Input Voltage Spike (Centered on Vin)
±250V, 100µs, Emax = 15mJ
-5
5
ΔV
MIL-STD-1275B/D
±600V, 10µs, Rs* = 50Ω
-5
10
ΔV
RTCA/DO-160E
ISOLATION CHARACTERISTICS
Isolation Voltage (any pin to case)
Continuous
-500
500
V
1
Transient (≤ 100 µs)
-800
800
V
Isolation Resistance (any pin to case)
100
1
* Rs = Source Impedance


Similar Part No. - MQME-28

ManufacturerPart #DatasheetDescription
logo
SynQor Worldwide Headqu...
MQME-28 SYNQOR-MQME-28 Datasheet
7Mb / 17P
   10 amps output current
MQME-28 SYNQOR-MQME-28 Datasheet
6Mb / 13P
   Very low DC resistance
MQME-28 SYNQOR-MQME-28 Datasheet
6Mb / 17P
   Output current limit for short-circuit protection
MQME-28 SYNQOR-MQME-28 Datasheet
7Mb / 18P
   Input over-voltage shutdown
MQME-28 SYNQOR-MQME-28 Datasheet
6Mb / 17P
   Soft-Start circuitry to limit in-rush charging currents
More results

Similar Description - MQME-28

ManufacturerPart #DatasheetDescription
logo
SynQor Worldwide Headqu...
MCOTS-F-28E-P-DM SYNQOR-MCOTS-F-28E-P-DM Datasheet
6Mb / 9P
   Very low DC resistance
MCOTS-F-48-P-QT SYNQOR-MCOTS-F-48-P-QT Datasheet
3Mb / 10P
   Very low DC resistance
MQHE-270-P SYNQOR-MQHE-270-P Datasheet
6Mb / 13P
   Very low DC resistance
logo
STMicroelectronics
STL6P3LLH6 STMICROELECTRONICS-STL6P3LLH6 Datasheet
578Kb / 15P
   Very low on-resistance
November 2014 Rev 3
STL25N15F3 STMICROELECTRONICS-STL25N15F3 Datasheet
642Kb / 12P
   Very low thermal resistance
March 2009 Rev 1
STP160N3LL STMICROELECTRONICS-STP160N3LL Datasheet
393Kb / 13P
   Very low on-resistance
June 2015 Rev 3
logo
SynQor Worldwide Headqu...
MACF-U-230-ET SYNQOR-MACF-U-230-ET Datasheet
5Mb / 9P
   Very low series resistance
logo
STMicroelectronics
STT3P2UH7 STMICROELECTRONICS-STT3P2UH7 Datasheet
563Kb / 13P
   Very low on-resistance
September 2016 Rev 3
STH260N6F6-6 STMICROELECTRONICS-STH260N6F6-6 Datasheet
817Kb / 13P
   Very low on-resistance
March 2014 Rev 2
STD15P6F6AG STMICROELECTRONICS-STD15P6F6AG Datasheet
643Kb / 15P
   Very low on-resistance
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com