Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MQME-28E Datasheet(PDF) 1 Page - SynQor Worldwide Headquarters

Part # MQME-28E
Description  Very low DC resistance
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SYNQOR [SynQor Worldwide Headquarters]
Direct Link  http://www.synqor.com
Logo SYNQOR - SynQor Worldwide Headquarters

MQME-28E Datasheet(HTML) 1 Page - SynQor Worldwide Headquarters

  MQME-28E Datasheet HTML 1Page - SynQor Worldwide Headquarters MQME-28E Datasheet HTML 2Page - SynQor Worldwide Headquarters MQME-28E Datasheet HTML 3Page - SynQor Worldwide Headquarters MQME-28E Datasheet HTML 4Page - SynQor Worldwide Headquarters MQME-28E Datasheet HTML 5Page - SynQor Worldwide Headquarters MQME-28E Datasheet HTML 6Page - SynQor Worldwide Headquarters MQME-28E Datasheet HTML 7Page - SynQor Worldwide Headquarters MQME-28E Datasheet HTML 8Page - SynQor Worldwide Headquarters MQME-28E Datasheet HTML 9Page - SynQor Worldwide Headquarters Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 17 page
background image
The MilQor® series of high-reliability EMI filters brings SynQor’s
field proven technology and manufacturing expertise to the
Military/Aerospace industry. SynQor’s innovative QorSeal®
packaging approach ensures survivability in the most hostile
environments. Compatible with the industry standard format,
these filters have high differential-mode and common-mode
attenuation, low DC resistance, and a stabilizing bulk
capacitor resistor.
They follow conservative component
derating guidelines and they are designed and manufactured
to comply with a wide range of military standards.
HigH Reliability eMi FilteR
Full PoweR oPeRation: -55ºC to +125ºC
•10ampsoutputcurrent
•VerylowDCresistance
•>80dBdifferential-modeattenuationat500kHz
•>60dBcommon-modeattenuationat500kHz
•Stabilizingbulkcapacitoranddampingresistorincluded
•AllcapacitorsareX7Rmulti-layerceramic
•DesignedtomeetallMIL-STD461EMIandmostRTCA/
DO-160ESection22lightningrequirements
Features
MQHEseriesfilters(withMQHLconverters)aredesignedtomeet:
•MIL-HDBK-704-8(AthroughF)
•RTCA/DO-160ESection16
•MIL-STD-1275DforVIN>16V
•DEF-STAN61-5(part6)/5forVIN>16V
•MIL-STD-461(C,D,E,F)
•RTCA/DO-160ESection22
Specification Compliance
MQHEseriesfiltersare:
•DesignedforreliabilityperNAVSO-P3641-Aguidelines
•Designedwithcomponentsderatedper:
—MIL-HDBK-1547A
—NAVSOP-3641A
Design Process
MQHEseriesfiltersarequalifiedto:
•MIL-STD-810F
—consistentwithRTCA/DO-160E
•SynQor’sFirstArticleQualification
—consistentwithMIL-STD-883F
•SynQor’sLong-TermStorageSurvivabilityQualification
•SynQor’son-goinglifetest
Qualification Process
•AS9100andISO9001certifiedfacility
•Fullcomponenttraceability
•Temperaturecycling
•Constantacceleration
•24,96,160hourburn-in
•Threeleveltemperaturescreening
In-Line Manufacturing Process
DesigneD & ManufactureD in the usa
featuring Qorseal® hi-rel asseMbly
MQHE-28-P
Passive Filter
Product # MQHE-28-P
Phone 1-888-567-9596
www.synqor.com
Doc.# 005-0005267 Rev. G
05/27/16
Page 1
MQHE-28-P-Y
-HB
EMI FIL
TER
28Vin
10A
160W
-40V to +40V
10A
60mΩ @ 125°C
>80dB @ 500kHz
Continuous Input
Output Current
Max. DC Resistance
Differential Attenuation


Similar Part No. - MQME-28E

ManufacturerPart #DatasheetDescription
logo
SynQor Worldwide Headqu...
MQME-28E SYNQOR-MQME-28E Datasheet
7Mb / 17P
   10 amps output current
MQME-28E SYNQOR-MQME-28E Datasheet
6Mb / 13P
   Very low DC resistance
MQME-28E SYNQOR-MQME-28E Datasheet
6Mb / 17P
   Output current limit for short-circuit protection
MQME-28E SYNQOR-MQME-28E Datasheet
7Mb / 18P
   Input over-voltage shutdown
MQME-28E SYNQOR-MQME-28E Datasheet
6Mb / 17P
   Soft-Start circuitry to limit in-rush charging currents
More results

Similar Description - MQME-28E

ManufacturerPart #DatasheetDescription
logo
SynQor Worldwide Headqu...
MCOTS-F-28E-P-DM SYNQOR-MCOTS-F-28E-P-DM Datasheet
6Mb / 9P
   Very low DC resistance
MCOTS-F-48-P-QT SYNQOR-MCOTS-F-48-P-QT Datasheet
3Mb / 10P
   Very low DC resistance
MQHE-270-P SYNQOR-MQHE-270-P Datasheet
6Mb / 13P
   Very low DC resistance
logo
STMicroelectronics
STL6P3LLH6 STMICROELECTRONICS-STL6P3LLH6 Datasheet
578Kb / 15P
   Very low on-resistance
November 2014 Rev 3
STL25N15F3 STMICROELECTRONICS-STL25N15F3 Datasheet
642Kb / 12P
   Very low thermal resistance
March 2009 Rev 1
STP160N3LL STMICROELECTRONICS-STP160N3LL Datasheet
393Kb / 13P
   Very low on-resistance
June 2015 Rev 3
logo
SynQor Worldwide Headqu...
MACF-U-230-ET SYNQOR-MACF-U-230-ET Datasheet
5Mb / 9P
   Very low series resistance
logo
STMicroelectronics
STT3P2UH7 STMICROELECTRONICS-STT3P2UH7 Datasheet
563Kb / 13P
   Very low on-resistance
September 2016 Rev 3
STH260N6F6-6 STMICROELECTRONICS-STH260N6F6-6 Datasheet
817Kb / 13P
   Very low on-resistance
March 2014 Rev 2
STD15P6F6AG STMICROELECTRONICS-STD15P6F6AG Datasheet
643Kb / 15P
   Very low on-resistance
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com