Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MQHE-270-P Datasheet(PDF) 1 Page - SynQor Worldwide Headquarters

Part # MQHE-270-P
Description  Very low DC resistance
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SYNQOR [SynQor Worldwide Headquarters]
Direct Link  http://www.synqor.com
Logo SYNQOR - SynQor Worldwide Headquarters

MQHE-270-P Datasheet(HTML) 1 Page - SynQor Worldwide Headquarters

  MQHE-270-P Datasheet HTML 1Page - SynQor Worldwide Headquarters MQHE-270-P Datasheet HTML 2Page - SynQor Worldwide Headquarters MQHE-270-P Datasheet HTML 3Page - SynQor Worldwide Headquarters MQHE-270-P Datasheet HTML 4Page - SynQor Worldwide Headquarters MQHE-270-P Datasheet HTML 5Page - SynQor Worldwide Headquarters MQHE-270-P Datasheet HTML 6Page - SynQor Worldwide Headquarters MQHE-270-P Datasheet HTML 7Page - SynQor Worldwide Headquarters MQHE-270-P Datasheet HTML 8Page - SynQor Worldwide Headquarters MQHE-270-P Datasheet HTML 9Page - SynQor Worldwide Headquarters Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 13 page
background image
The MilQor® series of high-reliability EMI filters brings SynQor’s
field proven technology and manufacturing expertise to the
Military/Aerospace industry. SynQor’s innovative QorSealTM pack-
aging approach ensures survivability in the most hostile environ-
ments. Compatible with the industry standard format, these
filters have high differential-mode and common-mode attenua-
tion, low DC resistance, and a stabilizing bulk capacitor resistor.
They follow conservative component derating guidelines and
they are designed and manufactured to comply with a wide
range of military standards.
HigH Reliability eMi FilteR
Full PoweR oPeRation: -55ºC to +125ºC
• 1ampsoutputcurrent
• VerylowDCresistance
• >50dBdifferential-modeattenuationat500kHz
• >60dBcommon-modeattenuationat500kHz
• Stabilizingbulkcapacitoranddampingresistorincluded
• AllcapacitorsareX7Rmulti-layerceramic
• DesignedtomeetallMIL-STD461EMIandmostRTCA/
DO-160ESection22lightningrequirements
Features
MQHEseriesfilters(withMQFLconverters)aredesignedtomeet:
• MIL-HDBK-704-7(AthroughF)
• RTCA/DO-160ESection16
• MIL-STD-1275D
• DEF-STAN61-5(part6)/5
• MIL-STD-461(C,D,E,F)
• RTCA/DO-160ESection22
Specification Compliance
MQHEseriesfiltersare:
• DesignedforreliabilityperNAVSO-P3641-Aguidelines
• Designedwithcomponentsderatedper:
—MIL-HDBK-1547A
—NAVSOP-3641A
DesignProcess
MQHEseriesfiltersarequalifiedto:
• MIL-STD-810F
—consistentwithRTCA/DO-160E
• SynQor’sFirstArticleQualification
—consistentwithMIL-STD-883F
• SynQor’sLong-TermStorageSurvivabilityQualification
• SynQor’son-goinglifetest
QualificationProcess
• AS9100andISO9001:2008certifiedfacility
• Fullcomponenttraceability
• Temperaturecycling
• Constantacceleration
• 24,96,160hourburn-in
• Threeleveltemperaturescreening
In-LineManufacturingProcess
DesigneD & ManuFaCtuReD in tHe usa
FeatuRing QoRsealHi-Rel asseMbly
MQHE-270-P
Passive Filter
Product # MQHE-270-P
Phone 1-888-567-9596
www.synqor.com
Doc.# 005-0005975 Rev. C
02/05/15
Page 1
MQHE-270-P-Y
-HB
EMI FIL
TER
270Vin
1.0A
160W
-400V to +400V
1A
450mΩ @ 125°C
>50dB @ 500kHz
Continuous Input
Output Current
Max. DC Resistance
Differential Attenuation


Similar Part No. - MQHE-270-P

ManufacturerPart #DatasheetDescription
logo
SynQor Worldwide Headqu...
MQHE-270 SYNQOR-MQHE-270 Datasheet
7Mb / 17P
   10 amps output current
MQHE-270 SYNQOR-MQHE-270 Datasheet
7Mb / 17P
   Very low DC resistance
MQHE-270 SYNQOR-MQHE-270 Datasheet
6Mb / 17P
   Output current limit for short-circuit protection
MQHE-270 SYNQOR-MQHE-270 Datasheet
7Mb / 18P
   Input over-voltage shutdown
MQHE-270 SYNQOR-MQHE-270 Datasheet
6Mb / 17P
   Soft-Start circuitry to limit in-rush charging currents
More results

Similar Description - MQHE-270-P

ManufacturerPart #DatasheetDescription
logo
SynQor Worldwide Headqu...
MCOTS-F-28E-P-DM SYNQOR-MCOTS-F-28E-P-DM Datasheet
6Mb / 9P
   Very low DC resistance
MCOTS-F-48-P-QT SYNQOR-MCOTS-F-48-P-QT Datasheet
3Mb / 10P
   Very low DC resistance
MQHE-28-P SYNQOR-MQHE-28-P Datasheet
7Mb / 17P
   Very low DC resistance
logo
STMicroelectronics
STL6P3LLH6 STMICROELECTRONICS-STL6P3LLH6 Datasheet
578Kb / 15P
   Very low on-resistance
November 2014 Rev 3
STL25N15F3 STMICROELECTRONICS-STL25N15F3 Datasheet
642Kb / 12P
   Very low thermal resistance
March 2009 Rev 1
STP160N3LL STMICROELECTRONICS-STP160N3LL Datasheet
393Kb / 13P
   Very low on-resistance
June 2015 Rev 3
logo
SynQor Worldwide Headqu...
MACF-U-230-ET SYNQOR-MACF-U-230-ET Datasheet
5Mb / 9P
   Very low series resistance
logo
STMicroelectronics
STT3P2UH7 STMICROELECTRONICS-STT3P2UH7 Datasheet
563Kb / 13P
   Very low on-resistance
September 2016 Rev 3
STH260N6F6-6 STMICROELECTRONICS-STH260N6F6-6 Datasheet
817Kb / 13P
   Very low on-resistance
March 2014 Rev 2
STD15P6F6AG STMICROELECTRONICS-STD15P6F6AG Datasheet
643Kb / 15P
   Very low on-resistance
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com