Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PG-200-101GMP--P Datasheet(PDF) 1 Page - Copal Electronics

Part # PG-200-101GMP--P
Description  PRESSURE GAUGES
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COPAL [Copal Electronics]
Direct Link  http://www.nidec-copal-electronics.com/e
Logo COPAL - Copal Electronics

PG-200-101GMP--P Datasheet(HTML) 1 Page - Copal Electronics

  PG-200-101GMP--P Datasheet HTML 1Page - Copal Electronics PG-200-101GMP--P Datasheet HTML 2Page - Copal Electronics PG-200-101GMP--P Datasheet HTML 3Page - Copal Electronics PG-200-101GMP--P Datasheet HTML 4Page - Copal Electronics PG-200-101GMP--P Datasheet HTML 5Page - Copal Electronics PG-200-101GMP--P Datasheet HTML 6Page - Copal Electronics PG-200-101GMP--P Datasheet HTML 7Page - Copal Electronics PG-200-101GMP--P Datasheet HTML 8Page - Copal Electronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
※Please refer to the LIST OF MODEL NUMBERS when placing orders.
PRESSURE GAUGES
PG-200/PG-208
MODEL NUMBER DESIGNATION
P G - 2 0 0 - 1 0 2 G P - 3 - P
Series name
Rated pressure range
101
:0 ~ 9.81 kPa {0 ~ 0.1 kgf/cm2}
0 ~ 10 kPa
(When displayed in the unit of Pa)
102
:0 ~ 98.1 kPa {0 ~ 1 kgf/cm2}
0 ~ 100 kPa
(When displayed in the unit of Pa)
103
:0 ~ 981 kPa {0 ~ 10 kgf/cm2}
0 ~
1 MPa
(When displayed in the unit of Pa)
Pressure reference
G
:Gauge
VH
:Gauge (Vacuum)
AH
:Absolute
GP
:Gauge
Pa unit display
GMP
:Gauge (103 type only)
Pa unit display
VP
:Gauge (Vacuum)
Pa unit display
AP
:Absolute
Pa unit display
Power
Blank
:Battery
3
:External power
(Analog output is available)
Installation
P
:Panel type
Except for PG-208
S
:Stand type
PG-200, PG-208
O Excellent stability
A semiconductor chip is used as pressure a sensing
element. State of the art circuit technology guarantees
excellent temperature compensation.
O Low power consumption
Approx. 9000 hours (one year) continuous operation by
3.6 V lithium battery is expected due to the adoption
time sharing operation method.
O Easy reading with a large LCD display
O With pressure switches function
Two independent pressure setting points of HI and LO
O With analog output (0 ~ 1 V)
O Meets DIN sizes W72 × H72 × D40 mm
O PG-200 is for non-corrosive gases.
O PG-208 is corrosion resistant due to the use
of stainless steel diaphragm.
FEATURES
(PG-200)
(PG-208)
LO setting VR for switch output “LO”
HI setting VR for switch output “HI”
SPAN adjustment VR
Zero adjustment VR
Digital 3 1/2 digits
Battery monitor
Set button for switch output HI or LO
Power switch
Digital 3 1/2 digits


Similar Part No. - PG-200-101GMP--P

ManufacturerPart #DatasheetDescription
logo
Copal Electronics
PG-200-101GMP--P COPAL-PG-200-101GMP--P Datasheet
129Kb / 8P
   PRESSURE GAUGES
More results

Similar Description - PG-200-101GMP--P

ManufacturerPart #DatasheetDescription
logo
Copal Electronics
PG-35 COPAL-PG-35_16 Datasheet
191Kb / 6P
   PRESSURE GAUGES
PG-30 COPAL-PG-30 Datasheet
124Kb / 6P
   PRESSURE GAUGES
PG-35H COPAL-PG-35H_16 Datasheet
108Kb / 4P
   PRESSURE GAUGES
PG-20 COPAL-PG-20_16 Datasheet
143Kb / 4P
   PRESSURE GAUGES
PG-200 COPAL-PG-200_16 Datasheet
129Kb / 8P
   PRESSURE GAUGES
PG-35L COPAL-PG-35L_16 Datasheet
126Kb / 4P
   PRESSURE GAUGES
logo
Ralston Instruments.
QTHA-HCBL-45 RALSTON-QTHA-HCBL-45 Datasheet
645Kb / 1P
   Connect to pressure gauges, pressure calibrators and adapters easily and quickly
logo
Extech Instruments Corp...
475040 EXTECH-475040_15 Datasheet
367Kb / 1P
   Digital Forge Gauges
TKG150 EXTECH-TKG150 Datasheet
963Kb / 2P
   Ultrasonic Thickness Gauges
475044 EXTECH-475044_15 Datasheet
367Kb / 1P
   Digital Forge Gauges
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com