Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MQME-28E-T6 Datasheet(PDF) 5 Page - SynQor Worldwide Headquarters

Part # MQME-28E-T6
Description  Input over-voltage shutdown
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SYNQOR [SynQor Worldwide Headquarters]
Direct Link  http://www.synqor.com
Logo SYNQOR - SynQor Worldwide Headquarters

MQME-28E-T6 Datasheet(HTML) 5 Page - SynQor Worldwide Headquarters

  MQME-28E-T6 Datasheet HTML 1Page - SynQor Worldwide Headquarters MQME-28E-T6 Datasheet HTML 2Page - SynQor Worldwide Headquarters MQME-28E-T6 Datasheet HTML 3Page - SynQor Worldwide Headquarters MQME-28E-T6 Datasheet HTML 4Page - SynQor Worldwide Headquarters MQME-28E-T6 Datasheet HTML 5Page - SynQor Worldwide Headquarters MQME-28E-T6 Datasheet HTML 6Page - SynQor Worldwide Headquarters MQME-28E-T6 Datasheet HTML 7Page - SynQor Worldwide Headquarters MQME-28E-T6 Datasheet HTML 8Page - SynQor Worldwide Headquarters MQME-28E-T6 Datasheet HTML 9Page - SynQor Worldwide Headquarters Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 18 page
background image
Product # MQME-28E-T6
Phone 1-888-567-9596
www.synqor.com
Doc.# 005-0006011 Rev. C
05/27/16
Page 5
Current: 20A
MQME-28E-T6
Technical Specification
-180
-160
-140
-120
-100
-80
-60
-40
-20
0
20
0.01
0.1
1
10
100
1000
10000
100000
Frequency (kHz)
Common Mode
Differential Mode
0.001
0.01
0.1
1
10
0.01
0.1
1
10
100
1000
Frequency (kHz)
Figure 2: Typical Output Impedance (magnitude) of the filter looking
back into its output pins with the input pins connected to a source
with zero source impedance.
Figure 1: Typical Common Mode and Differential Mode Attenuation
provided by the filter as a function of frequency. Both input lines are
connected to chassis ground through 50Ω resistors. The filter case is
also connected to chassis ground.
Figure 3: MIL-STD-461E Method CE101 Low Frequency Conducted
Emissions. Limit line (in red) is the ‘Submarine Applications DC Curve’.
See MIL-STD-461 Compliance Matrix Table for test setup.
Figure 4: MIL-STD-461E Method CE102 High Frequency Conducted
Emissions. Limit line (in red) is the ‘Basic Curve’. See MIL-STD-461
Compliance Matrix Table for test setup.
Figure 5: MIL-STD-461E Method RE101 Low Frequency Radiated
Emissions. Limit line (in red) is the ‘Standard Curve’ from MIL-STD-
461C Method RE01, which is more strict than all RE101 limits. See
MIL-STD-461 Compliance Matrix Table for test setup.
Figure 6: MIL-STD-461E Method RE102 High Frequency Radiated
Emissions. Limit line (in red) is the ‘Submarine External to Pressure
Hull Curve’. See MIL-STD-461 Compliance Matrix Table for test setup.


Similar Part No. - MQME-28E-T6

ManufacturerPart #DatasheetDescription
logo
SynQor Worldwide Headqu...
MQME-28E-T SYNQOR-MQME-28E-T Datasheet
6Mb / 17P
   Output current limit for short-circuit protection
MQME-28E-T-U-B SYNQOR-MQME-28E-T-U-B Datasheet
1Mb / 13P
   High Reliability EMI Filter
MQME-28E-T-U-C SYNQOR-MQME-28E-T-U-C Datasheet
1Mb / 13P
   High Reliability EMI Filter
MQME-28E-T-U-ES SYNQOR-MQME-28E-T-U-ES Datasheet
1Mb / 13P
   High Reliability EMI Filter
MQME-28E-T-U-HB SYNQOR-MQME-28E-T-U-HB Datasheet
1Mb / 13P
   High Reliability EMI Filter
More results

Similar Description - MQME-28E-T6

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
PT4822A TI-PT4822A Datasheet
751Kb / 34P
[Old version datasheet]   Over-Temperature Shutdown Under-Voltage Lockout
logo
Bel Fuse Inc.
0RQB-50Y12X BEL-0RQB-50Y12X Datasheet
1Mb / 25P
   Input Over-Voltage Lockout
0RQB-50Y05X BEL-0RQB-50Y05X Datasheet
1Mb / 25P
   Input Over-Voltage Lockout
logo
Unisonic Technologies
UD38501G-SH2-R UTC-UD38501G-SH2-R Datasheet
244Kb / 7P
   Input Under/Over Voltage Lockout
UCC36351G-SH2-R UTC-UCC36351G-SH2-R Datasheet
367Kb / 7P
   Input Under/Over Voltage Lockout
logo
Bel Fuse Inc.
0RQB-S0S10 BEL-0RQB-S0S10 Datasheet
760Kb / 18P
   Input Under / Over-Voltage Protection
logo
CUI INC
VSUU-120-D CUI-VSUU-120-D Datasheet
215Kb / 4P
   input surge current, over voltage, over load, and over current protections
logo
Bel Fuse Inc.
0RQB-E0S11B BEL-0RQB-E0S11B Datasheet
550Kb / 13P
   Input Under-Voltage Lockout Output Over-Voltage Protection
logo
MORNSUN Science& Techno...
PV200-27B12 MORNSUN-PV200-27B12 Datasheet
1Mb / 5P
   New energy over wide and over high input voltage isolation converter
PV120-27B12 MORNSUN-PV120-27B12 Datasheet
962Kb / 3P
   New energy over wide and over high input voltage isolation converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com