Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MQME-28 Datasheet(PDF) 9 Page - SynQor Worldwide Headquarters

Part # MQME-28
Description  Input over-voltage shutdown
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SYNQOR [SynQor Worldwide Headquarters]
Direct Link  http://www.synqor.com
Logo SYNQOR - SynQor Worldwide Headquarters

MQME-28 Datasheet(HTML) 9 Page - SynQor Worldwide Headquarters

Back Button MQME-28 Datasheet HTML 5Page - SynQor Worldwide Headquarters MQME-28 Datasheet HTML 6Page - SynQor Worldwide Headquarters MQME-28 Datasheet HTML 7Page - SynQor Worldwide Headquarters MQME-28 Datasheet HTML 8Page - SynQor Worldwide Headquarters MQME-28 Datasheet HTML 9Page - SynQor Worldwide Headquarters MQME-28 Datasheet HTML 10Page - SynQor Worldwide Headquarters MQME-28 Datasheet HTML 11Page - SynQor Worldwide Headquarters MQME-28 Datasheet HTML 12Page - SynQor Worldwide Headquarters MQME-28 Datasheet HTML 13Page - SynQor Worldwide Headquarters Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 18 page
background image
Product # MQME-28E-T6
Phone 1-888-567-9596
www.synqor.com
Doc.# 005-0006011 Rev. C
05/27/16
Page 9
Current: 20A
MQME-28E-T6
Technical Specification
MADE IN USA
1
2
3
4
5
6
12
11
10
9
8
7
1.260
[32.00]
1.50 [38.10]
0.128 [3.25]
SEE
NOTE 7
0.220 [5.59]
0.42
[10.7]
0.050 [1.27]
0.040 [1.02]
PIN
0.200 [5.08]
TYP. NON-CUM.
0.250 [6.35]
0.390 [9.91]
2.50 [63.50]
2.76 [70.10]
3.00 [76.20]
+VIN
+VIN
+VIN
ENA IN
+VOUT
+VOUT
+VOUT
ENA OUT
OUT RTN
STDBY
IN RTN
IN RTN
S/N 0000000 D/C 3205-301 CAGE 1WX10
2.80 [71.1]
MADE IN USA
1
2
3
4
5
6
12
11
10
9
8
7
1.260
[32.00]
1.50 [38.10]
0.128 [3.25]
0.228 [5.79]
SEE
NOTE 7
0.220 [5.59]
0.050 [1.27]
0.040 [1.02]
PIN
0.200 [5.08]
TYP. NON-CUM.
0.250 [6.35]
0.390 [9.91]
2.50 [63.50]
2.76 [70.10]
3.00 [76.20]
2.96 [75.2]
+VIN
+VIN
+VIN
ENA IN
+VOUT
+VOUT
+VOUT
ENA OUT
OUT RTN
STDBY
IN RTN
IN RTN
S/N 0000000 D/C 3205-301 CAGE 1WX10
Case X
Case U
PIN DESIGNATIONS
Pin # Function
Pin # Function
1
Positive input
7
Output Return
2
Positive input
8
Standby
3
Positive input
9
Enable output
4
Enable input
10
Positive output
5
Input return
11
Positive output
6
Input return
12
Positive output
NOTES
1)
Pins 0.040’’ (1.02 mm) diameter
2)
Pins Material: Copper Alloy
Finish: Gold over Nickel plating, followed by Sn/Pb solder dip
3)
All dimensions in inches (mm) Tolerances: x.xx +/-0.02 in. (x.x +/-0.5 mm)
x.xxx +/-0.010 in. (x.xx +/-0.25 mm)
4)
Weight: 2.8 oz (78.5 g) typical
5)
Workmanship: Meets or exceeds IPC-A-610C Class III
6)
Print Labeling on Top Surface per Product Label Format Drawing
7)
Pin 1 identification hole, not intended for mounting (case X and U)
MQME-28E-T6-X-HB
EMI FILTER
28Vin 20A 320W
MQME-28E-T6-U-HB
EMI FILTER
28Vin 20A 320W


Similar Part No. - MQME-28

ManufacturerPart #DatasheetDescription
logo
SynQor Worldwide Headqu...
MQME-28 SYNQOR-MQME-28 Datasheet
7Mb / 17P
   10 amps output current
MQME-28 SYNQOR-MQME-28 Datasheet
7Mb / 17P
   Very low DC resistance
MQME-28 SYNQOR-MQME-28 Datasheet
6Mb / 13P
   Very low DC resistance
MQME-28 SYNQOR-MQME-28 Datasheet
6Mb / 17P
   Output current limit for short-circuit protection
MQME-28 SYNQOR-MQME-28 Datasheet
6Mb / 17P
   Soft-Start circuitry to limit in-rush charging currents
More results

Similar Description - MQME-28

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
PT4822A TI-PT4822A Datasheet
751Kb / 34P
[Old version datasheet]   Over-Temperature Shutdown Under-Voltage Lockout
logo
Bel Fuse Inc.
0RQB-50Y12X BEL-0RQB-50Y12X Datasheet
1Mb / 25P
   Input Over-Voltage Lockout
0RQB-50Y05X BEL-0RQB-50Y05X Datasheet
1Mb / 25P
   Input Over-Voltage Lockout
logo
Unisonic Technologies
UD38501G-SH2-R UTC-UD38501G-SH2-R Datasheet
244Kb / 7P
   Input Under/Over Voltage Lockout
UCC36351G-SH2-R UTC-UCC36351G-SH2-R Datasheet
367Kb / 7P
   Input Under/Over Voltage Lockout
logo
Bel Fuse Inc.
0RQB-S0S10 BEL-0RQB-S0S10 Datasheet
760Kb / 18P
   Input Under / Over-Voltage Protection
logo
CUI INC
VSUU-120-D CUI-VSUU-120-D Datasheet
215Kb / 4P
   input surge current, over voltage, over load, and over current protections
logo
Bel Fuse Inc.
0RQB-E0S11B BEL-0RQB-E0S11B Datasheet
550Kb / 13P
   Input Under-Voltage Lockout Output Over-Voltage Protection
logo
MORNSUN Science& Techno...
PV200-27B12 MORNSUN-PV200-27B12 Datasheet
1Mb / 5P
   New energy over wide and over high input voltage isolation converter
PV120-27B12 MORNSUN-PV120-27B12 Datasheet
962Kb / 3P
   New energy over wide and over high input voltage isolation converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com