Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MQME-28E Datasheet(PDF) 8 Page - SynQor Worldwide Headquarters

Part # MQME-28E
Description  Input over-voltage shutdown
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SYNQOR [SynQor Worldwide Headquarters]
Direct Link  http://www.synqor.com
Logo SYNQOR - SynQor Worldwide Headquarters

MQME-28E Datasheet(HTML) 8 Page - SynQor Worldwide Headquarters

Back Button MQME-28E Datasheet HTML 4Page - SynQor Worldwide Headquarters MQME-28E Datasheet HTML 5Page - SynQor Worldwide Headquarters MQME-28E Datasheet HTML 6Page - SynQor Worldwide Headquarters MQME-28E Datasheet HTML 7Page - SynQor Worldwide Headquarters MQME-28E Datasheet HTML 8Page - SynQor Worldwide Headquarters MQME-28E Datasheet HTML 9Page - SynQor Worldwide Headquarters MQME-28E Datasheet HTML 10Page - SynQor Worldwide Headquarters MQME-28E Datasheet HTML 11Page - SynQor Worldwide Headquarters MQME-28E Datasheet HTML 12Page - SynQor Worldwide Headquarters Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 18 page
background image
Product # MQME-28E-T6
Phone 1-888-567-9596
www.synqor.com
Doc.# 005-0006011 Rev. C
05/27/16
Page 8
Current: 20A
MQME-28E-T6
Technical Specification
INPUT OVER VOLTAGE SHUTDOWN: To protect itself from
damage due to sustained excessive power dissipation, the filter will
shut down if the input voltage versus time exceeds the envelope in
Figure E.
During this shutdown, power flow to the load is interrupted and
the filter’s ENABLE OUTPUT pin is pulled LOW. When the input
voltage returns to normal limits (and a Soft-Start Recycle Period has
elapsed), the filter automatically begins a Soft-Start cycle.
All of the surges listed in the VOLTAGE SURGE AND SPIKE
COMPLIANCE MATRIX on page 11 fall below the Figure E envelope.
Only the DEF STAN 61-5 (Part 6)/6 DIT08.B surge exceeds this
envelope. During a DIT08.B surge the filter will shutdown and
then automatically restart once the surge passes. This meets the
requirements of DEF STAN 61-5 (Part 6)/6 at Performance Criterion
C while the DIT08.B test requires only Performance Criterion D.
Figure E: Input over voltage shutdown envelope.
0
20
40
60
80
100
120
140
160
1
10
100
1000
Time (ms)


Similar Part No. - MQME-28E

ManufacturerPart #DatasheetDescription
logo
SynQor Worldwide Headqu...
MQME-28E SYNQOR-MQME-28E Datasheet
7Mb / 17P
   10 amps output current
MQME-28E SYNQOR-MQME-28E Datasheet
7Mb / 17P
   Very low DC resistance
MQME-28E SYNQOR-MQME-28E Datasheet
6Mb / 13P
   Very low DC resistance
MQME-28E SYNQOR-MQME-28E Datasheet
6Mb / 17P
   Output current limit for short-circuit protection
MQME-28E SYNQOR-MQME-28E Datasheet
6Mb / 17P
   Soft-Start circuitry to limit in-rush charging currents
More results

Similar Description - MQME-28E

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
PT4822A TI-PT4822A Datasheet
751Kb / 34P
[Old version datasheet]   Over-Temperature Shutdown Under-Voltage Lockout
logo
Bel Fuse Inc.
0RQB-50Y12X BEL-0RQB-50Y12X Datasheet
1Mb / 25P
   Input Over-Voltage Lockout
0RQB-50Y05X BEL-0RQB-50Y05X Datasheet
1Mb / 25P
   Input Over-Voltage Lockout
logo
Unisonic Technologies
UD38501G-SH2-R UTC-UD38501G-SH2-R Datasheet
244Kb / 7P
   Input Under/Over Voltage Lockout
UCC36351G-SH2-R UTC-UCC36351G-SH2-R Datasheet
367Kb / 7P
   Input Under/Over Voltage Lockout
logo
Bel Fuse Inc.
0RQB-S0S10 BEL-0RQB-S0S10 Datasheet
760Kb / 18P
   Input Under / Over-Voltage Protection
logo
CUI INC
VSUU-120-D CUI-VSUU-120-D Datasheet
215Kb / 4P
   input surge current, over voltage, over load, and over current protections
logo
Bel Fuse Inc.
0RQB-E0S11B BEL-0RQB-E0S11B Datasheet
550Kb / 13P
   Input Under-Voltage Lockout Output Over-Voltage Protection
logo
MORNSUN Science& Techno...
PV200-27B12 MORNSUN-PV200-27B12 Datasheet
1Mb / 5P
   New energy over wide and over high input voltage isolation converter
PV120-27B12 MORNSUN-PV120-27B12 Datasheet
962Kb / 3P
   New energy over wide and over high input voltage isolation converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com