Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

T2802 Datasheet(PDF) 6 Page - ATMEL Corporation

Part # T2802
Description  2.4 GHz WDECT/ISM SINGLE-CHIP TRANSCEIVER
Download  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

T2802 Datasheet(HTML) 6 Page - ATMEL Corporation

Back Button T2802 Datasheet HTML 2Page - ATMEL Corporation T2802 Datasheet HTML 3Page - ATMEL Corporation T2802 Datasheet HTML 4Page - ATMEL Corporation T2802 Datasheet HTML 5Page - ATMEL Corporation T2802 Datasheet HTML 6Page - ATMEL Corporation T2802 Datasheet HTML 7Page - ATMEL Corporation T2802 Datasheet HTML 8Page - ATMEL Corporation T2802 Datasheet HTML 9Page - ATMEL Corporation T2802 Datasheet HTML 10Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 29 page
background image
6
T2802
4509F–DECT–10/03
19
20
DEMOD_TANK1
DEMOD_TANK2
Demodulator tank circuit
Demodulator tank circuit
21
DAC_DEC
Decoupling PIN for VCO_DAC
22
REG_DEC
Decoupling PIN for VCO_REG
Pin Description (Continued)
Pin
Symbol
Function
Configuration
DEMOD
TANK1
19
10k
10k
DEMOD
TANK2
20
VS_MIXER
42
GND1
18
VS_IF
33
GND2
28
DAC_DEC
21
10k
GND_VCO
16
400
VREG_VCO
15
VS_PLL
7
GND_PLL
43
REG_DEC
22
42k
2k
VREG_VCO
15
GND_VCO
16
VS_IF
33
GND2
28


Similar Part No. - T2802

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
T2802 ETC1-T2802 Datasheet
256Kb / 4P
   HIGH VOLTAGE, 8 - A SILICON TRIACS
logo
Digitron Semiconductors
T2802 DIGITRON-T2802 Datasheet
144Kb / 2P
   BIDIRECTIONAL TRIODE THYRISTORS
T2802B DIGITRON-T2802B Datasheet
144Kb / 2P
   BIDIRECTIONAL TRIODE THYRISTORS
T2802C DIGITRON-T2802C Datasheet
144Kb / 2P
   BIDIRECTIONAL TRIODE THYRISTORS
T2802D DIGITRON-T2802D Datasheet
144Kb / 2P
   BIDIRECTIONAL TRIODE THYRISTORS
More results

Similar Description - T2802

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
T2803 ATMEL-T2803_05 Datasheet
582Kb / 28P
   2.4 GHZ WDECT/ISM SINGLE CHIP TRANSCEIVER
logo
Intersil Corporation
CD54AC280 INTERSIL-CD54AC280 Datasheet
9Kb / 1P
   2.4 GHZ WDECT/ISM SINGLE-CHIP TRANSCEIVER
logo
ATMEL Corporation
T2803 ATMEL-T2803 Datasheet
501Kb / 27P
   2.4 GHZ WDECT/ISM SINGLE CHIP TRANSCEIVER
logo
List of Unclassifed Man...
NRF2401 ETC-NRF2401 Datasheet
850Kb / 37P
   Single chip 2.4 GHz Transceiver
NRF2401A ETC1-NRF2401A Datasheet
248Kb / 38P
   Single chip 2.4 GHz Transceiver
NRF24L01 ETC1-NRF24L01 Datasheet
457Kb / 39P
   Single chip 2.4 GHz Transceiver
logo
ATMEL Corporation
ATR2406 ATMEL-ATR2406_14 Datasheet
1Mb / 26P
   Low-IF 2.4-GHz ISM Transceiver
ATR2406 ATMEL-ATR2406_08 Datasheet
813Kb / 25P
   Low-IF 2.4-GHz ISM Transceiver
ATR2406 ATMEL-ATR2406_06 Datasheet
850Kb / 25P
   Low-IF 2.4-GHz ISM Transceiver
logo
Freescale Semiconductor...
MC13191 FREESCALE-MC13191_07 Datasheet
340Kb / 24P
   2.4 GHz ISM Band Low Power Transceiver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com