Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MQHE-270 Datasheet(PDF) 4 Page - SynQor Worldwide Headquarters

Part # MQHE-270
Description  Soft-Start circuitry to limit in-rush charging currents
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SYNQOR [SynQor Worldwide Headquarters]
Direct Link  http://www.synqor.com
Logo SYNQOR - SynQor Worldwide Headquarters

MQHE-270 Datasheet(HTML) 4 Page - SynQor Worldwide Headquarters

  MQHE-270 Datasheet HTML 1Page - SynQor Worldwide Headquarters MQHE-270 Datasheet HTML 2Page - SynQor Worldwide Headquarters MQHE-270 Datasheet HTML 3Page - SynQor Worldwide Headquarters MQHE-270 Datasheet HTML 4Page - SynQor Worldwide Headquarters MQHE-270 Datasheet HTML 5Page - SynQor Worldwide Headquarters MQHE-270 Datasheet HTML 6Page - SynQor Worldwide Headquarters MQHE-270 Datasheet HTML 7Page - SynQor Worldwide Headquarters MQHE-270 Datasheet HTML 8Page - SynQor Worldwide Headquarters MQHE-270 Datasheet HTML 9Page - SynQor Worldwide Headquarters Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 17 page
background image
Product # MQME-28-T
Phone 1-888-567-9596
www.synqor.com
Doc.# 005-2ME028T Rev. H
05/27/16
Page 4
Current: 20A
MQME-28-T
Technical Specification
MQME-28-T ELECTRICAL CHARACTERISTICS (Continued)
Parameter
Min. Typ. Max. Units Notes & Conditions
Group A
Specifications subject to change without notice
Vin=28V DC ±5%, Pout=320W unless otherwise specified
Subgroup4
INPUT VOLTAGE SURGE SUPPRESSION
Output Voltage During a Surge
Input Surge Voltage and Duration
See Note 3
60 V, 550 ms, Rs* = 0 Ω
40
48
V
MIL-HDBK-704A
80 V, 100 ms, Rs* = 0 Ω
40
48
V
MIL-HDBK-704A; RTCA/DO-160E
100 V, 80 ms, Rs* = 0 Ω
40
48
V
MIL-STD-1275B/D; DEF-STAN 61-5
110 V, 5 ms, Rs* = 0 Ω
40
48
V
DEF-STAN 61-5
ISOLATION CHARACTERISTICS
Isolation Voltage (any pin to case)
Continuous
-500
500
V
1
Transient (≤ 100 µs)
-800
800
V
Isolation Resistance (any pin to case)
100
1
FEATURE CHARACTERISTICS
Enable Input
Off-State Voltage
-0.5
0.8
V
1
Off-State Voltage Pulldown Current
80
µA
Current drain required to ensure logic low
On-State Voltage
2
50
V
1
On-State Pin Leakage Current
20
µA
Imax drawn from pin allowed, module on
Pull-Up Voltage
3.2
4
4.5
V
See Figure A
1
Enable Output
Off-State Resistance
17
Ω
1
Off-State Voltage
-100
mV
On-State Voltage
50
V
On-State Leakage Current
20
µA
1
Standby Input
Normal-State Voltage
0
3.5
V
Standby-State Voltage
4
5
V
Pull-Up Voltage
5
V
Pull-Up Resistance
50
Under-Voltage Lockout
Turn-On Input Voltage Threshold
15.0
15.5
16.0
V
1
Turn-Off Output Voltage Threshold
2.0
3.0
4.0
V
1
Output Power Limit (continuous)
450
W
1
RELIABILITY CHARACTERISTICS
Calculated MTBF (MIL-STD-217F2)
GB @ Tcase = 70ºC
14.8
106 Hrs.
AIF @ Tcase = 70ºC
0.7
106 Hrs.
WEIGHT CHARACTERISTICS
Device Weight
79
g
Electrical Characteristics Notes
1. While the filter will survive these input voltage limits, the filter’s output voltage will be outside the limits for an MQFL converter input voltage range.
2. Verified by qualification testing and analysis.
3. Derate filter output power to 320W during a 60V input surge, to 240W at an 80V input surge, and to 180W at a 100V or 110V input surge.
4. Only the ES and HB grade products are tested at three temperatures. The C grade products are tested at one temperature. Please refer to the
Construction and Environmental Stress Screening Options table for details.
5. Soft start is engaged only when the output voltage starts from zero or dips below the Turn-Off Output Voltage Threshold (4V max).
6. The specified operating case temperature for ES grade products is -45ºC to 100ºC. The specified operating case temperature for C grade products is
0ºC to 70ºC.
* Rs = Source Impedance


Similar Part No. - MQHE-270

ManufacturerPart #DatasheetDescription
logo
SynQor Worldwide Headqu...
MQHE-270 SYNQOR-MQHE-270 Datasheet
7Mb / 17P
   10 amps output current
MQHE-270 SYNQOR-MQHE-270 Datasheet
7Mb / 17P
   Very low DC resistance
MQHE-270 SYNQOR-MQHE-270 Datasheet
6Mb / 13P
   Very low DC resistance
MQHE-270 SYNQOR-MQHE-270 Datasheet
6Mb / 17P
   Output current limit for short-circuit protection
MQHE-270 SYNQOR-MQHE-270 Datasheet
7Mb / 18P
   Input over-voltage shutdown
More results

Similar Description - MQHE-270

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
SI9750 VISHAY-SI9750_05 Datasheet
95Kb / 8P
   In-Rush Current Limit MOSFET Driver
Rev. D, 19-Apr-04
SI9750 VISHAY-SI9750 Datasheet
184Kb / 9P
   In-Rush Current Limit MOSFET Driver
Rev. C, 05-Apr-99
logo
Richtek Technology Corp...
RT4723 RICHTEK-RT4723 Datasheet
1Mb / 15P
   Built-in Soft-Start
logo
Dialog Semiconductor
SLG59M1717V DIALOG-SLG59M1717V Datasheet
526Kb / 22P
   Capacitor adjustable Start-up and In-rush Current Control
logo
Unisonic Technologies
UD05121G-AF5-R UTC-UD05121G-AF5-R Datasheet
243Kb / 7P
   Build-in soft start function
logo
Rohm
BD2068FJ-M ROHM-BD2068FJ-M Datasheet
1Mb / 25P
   Soft-Start Circuit
logo
Festo Corporation.
529521 FESTO-529521 Datasheet
85Kb / 2P
   Soft start valve
3/31/22
529533 FESTO-529533 Datasheet
83Kb / 1P
   Soft start valve
3/31/22
529818 FESTO-529818 Datasheet
83Kb / 1P
   Soft start valve
3/31/22
531992 FESTO-531992 Datasheet
84Kb / 1P
   Soft start valve
3/31/22
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com