Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MQME-270 Datasheet(PDF) 7 Page - SynQor Worldwide Headquarters

Part # MQME-270
Description  Soft-Start circuitry to limit in-rush charging currents
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SYNQOR [SynQor Worldwide Headquarters]
Direct Link  http://www.synqor.com
Logo SYNQOR - SynQor Worldwide Headquarters

MQME-270 Datasheet(HTML) 7 Page - SynQor Worldwide Headquarters

Back Button MQME-270 Datasheet HTML 3Page - SynQor Worldwide Headquarters MQME-270 Datasheet HTML 4Page - SynQor Worldwide Headquarters MQME-270 Datasheet HTML 5Page - SynQor Worldwide Headquarters MQME-270 Datasheet HTML 6Page - SynQor Worldwide Headquarters MQME-270 Datasheet HTML 7Page - SynQor Worldwide Headquarters MQME-270 Datasheet HTML 8Page - SynQor Worldwide Headquarters MQME-270 Datasheet HTML 9Page - SynQor Worldwide Headquarters MQME-270 Datasheet HTML 10Page - SynQor Worldwide Headquarters MQME-270 Datasheet HTML 11Page - SynQor Worldwide Headquarters Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 17 page
background image
Product # MQME-28-T
Phone 1-888-567-9596
www.synqor.com
Doc.# 005-2ME028T Rev. H
05/27/16
Page 7
Current: 20A
MQME-28-T
Technical Specification
Once the input voltage exceeds the turn-on threshold value,
the Soft-Start circuitry controls the filter’s output current to be
approximately 1.6A. This mode of operation continues until the
filter’s output voltage reaches the input voltage, at which time the
filter is able to deliver its rated output current. If after the Soft-
Start duration period the filter’s output has not risen to the input
voltage, then the filter will disconnect the output from the input,
wait for a time equal to the Soft-Start recycle period, and initiate
a new Soft-Start.
Since, during Soft-Start, the filter will deliver only 1.6A to its
output, it is important to limit the load current so that the total bulk
capacitance can be fully charged before the Soft-Start duration
period is over. To facilitate this, the filter’s ENABLE OUTPUT pin
is held low during the Soft-Start mode. This signal can therefore
be used to disable the filter’s loads during this time. Once the Soft-
Start mode is completed, ENABLE OUTPUT will follow ENABLE
INPUT.
OUTPUT POWER LIMIT: The MQME-28-T filter has an output
power limit feature to protect against a short circuit at its output
pins. This limit is disabled whenever the output voltage is rising so
that it will not be encountered when charging output capacitance.
When the output power exceeds ~450W and its output voltage
is decreasing however, this feature will turn the filter off and
reinstitute a soft-start cycle in 500ms. Figure C shows the output
power limit threshold as a function of output voltage.
STANDBY: The MQME-28-T filter has standby circuitry that
minimizes the power drawn from the filter’s input power source
when the standby feature is activated.
It does this in two ways. First, the output of the filter is disconnected
from the input so that there will be no power drawn by downstream
converters or other loads. Second, the active circuitry within the
filter is placed into a reduced power consumption mode. The
net result is a current draw of only about 2mA from a 28V input
power source.
Figure D shows the equivalent circuit looking into the STANDBY
pin (pin 8).
This pin is referenced with respect to the filter’s OUTPUT RETURN
pin (pin 7). It should be pulled low to have the filter operate in
its normal mode. If the pin is instead left open-circuit and pulled
high by its internal circuitry, the standby feature will be activated.
Application Note: A typical application would place the
MQME filter close to the input of the DC/DC converter, with the
cases of the filter and the converter connected together through
a ground plane. Both cases are electrically conductive, so
connection to the cases can be made with the fasteners used to
secure the device.
Do not connect the outputs of multiple MQME-28-T filters in
parallel. Connecting filters in this manner may result in slightly
unequal currents to flow in the positive and return paths of each
filter. These unequal currents may cause the internal common-
mode chokes to saturate and thus cause degraded common-mode
rejection performance.
PIN 9
(ENABLE OUTPUT)
PIN 7
(OUTPUT RETURN)
0.01
µF
Figure B: Equivalent circuit looking into the ENABLE OUTPUT pin
with respect to the OUTPUT RETURN pin.
5V
50k
0.01 µF
To Standby Circuitry
PIN 8
(Standby)
PIN 7
(Output Return)
Figure D: Equivalent circuit looking into the STANDBY pin with
respect to the OUTPUT RETURN pin.
Figure C: Output Power Limit.
0
5
10
15
20
25
30
35
40
0
5
10
15
20
25
30
35
40
45
Output Voltage (V)
0
100
200
300
400
500
600
700
800
Current
Power


Similar Part No. - MQME-270

ManufacturerPart #DatasheetDescription
logo
SynQor Worldwide Headqu...
MQME-270 SYNQOR-MQME-270 Datasheet
7Mb / 17P
   10 amps output current
MQME-270 SYNQOR-MQME-270 Datasheet
7Mb / 17P
   Very low DC resistance
MQME-270 SYNQOR-MQME-270 Datasheet
6Mb / 13P
   Very low DC resistance
MQME-270 SYNQOR-MQME-270 Datasheet
6Mb / 17P
   Output current limit for short-circuit protection
MQME-270 SYNQOR-MQME-270 Datasheet
7Mb / 18P
   Input over-voltage shutdown
More results

Similar Description - MQME-270

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
SI9750 VISHAY-SI9750_05 Datasheet
95Kb / 8P
   In-Rush Current Limit MOSFET Driver
Rev. D, 19-Apr-04
SI9750 VISHAY-SI9750 Datasheet
184Kb / 9P
   In-Rush Current Limit MOSFET Driver
Rev. C, 05-Apr-99
logo
Richtek Technology Corp...
RT4723 RICHTEK-RT4723 Datasheet
1Mb / 15P
   Built-in Soft-Start
logo
Dialog Semiconductor
SLG59M1717V DIALOG-SLG59M1717V Datasheet
526Kb / 22P
   Capacitor adjustable Start-up and In-rush Current Control
logo
Unisonic Technologies
UD05121G-AF5-R UTC-UD05121G-AF5-R Datasheet
243Kb / 7P
   Build-in soft start function
logo
Rohm
BD2068FJ-M ROHM-BD2068FJ-M Datasheet
1Mb / 25P
   Soft-Start Circuit
logo
Festo Corporation.
529521 FESTO-529521 Datasheet
85Kb / 2P
   Soft start valve
3/31/22
529533 FESTO-529533 Datasheet
83Kb / 1P
   Soft start valve
3/31/22
529818 FESTO-529818 Datasheet
83Kb / 1P
   Soft start valve
3/31/22
531992 FESTO-531992 Datasheet
84Kb / 1P
   Soft start valve
3/31/22
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com