Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MQME-270L Datasheet(PDF) 8 Page - SynQor Worldwide Headquarters

Part # MQME-270L
Description  Reverse polarity protection
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SYNQOR [SynQor Worldwide Headquarters]
Direct Link  http://www.synqor.com
Logo SYNQOR - SynQor Worldwide Headquarters

MQME-270L Datasheet(HTML) 8 Page - SynQor Worldwide Headquarters

Back Button MQME-270L Datasheet HTML 4Page - SynQor Worldwide Headquarters MQME-270L Datasheet HTML 5Page - SynQor Worldwide Headquarters MQME-270L Datasheet HTML 6Page - SynQor Worldwide Headquarters MQME-270L Datasheet HTML 7Page - SynQor Worldwide Headquarters MQME-270L Datasheet HTML 8Page - SynQor Worldwide Headquarters MQME-270L Datasheet HTML 9Page - SynQor Worldwide Headquarters MQME-270L Datasheet HTML 10Page - SynQor Worldwide Headquarters MQME-270L Datasheet HTML 11Page - SynQor Worldwide Headquarters MQME-270L Datasheet HTML 12Page - SynQor Worldwide Headquarters Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 15 page
background image
Product # MQME-270-R
Phone 1-888-567-9596
www.synqor.com
Doc.# 005-0006166 Rev. E
05/31/2016
Page 8
MQME-270-R
Current: 2A
Technical Specification
1
2
3
4
5
6
12
11
10
9
8
7
1.750
[44.45]
1.50
[38.10]
0.228 [5.79]
0.300 [7.62]
0.140 [3.56]
0.220 [5.59]
0.050 [1.27]
0.040 [1.02]
PIN
0.200 [5.08]
TYP. NON-CUM.
0.250 [6.35]
0.250 [6.35]
TYP
0.375 [9.52]
2.50 [63.50]
2.96 [75.2]
0.390 [9.91]
2.00
[50.80]
1.15 [29.21]
1.750 [44.45]
+VIN
+VIN
+VIN
IN RTN
+VOUT
+VOUT
+VOUT
OUT RTN
OUT RTN
OUT RTN
IN RTN
IN RTN
S/N 0000000 D/C 3205-301 CAGE 1WX10
MADE IN USA
0.390
[9.91]
0.050 [1.27]
0.36 [9.14]
0.250 [6.35]
0.22 [5.6]
2.80 [71.1]
0.525 [13.33]
0.040 [1.02]
PIN
0.200 [5.08]
TYP. NON-CUM.
0.390
[9.91]
0.050 [1.27]
0.250 [6.35]
0.22 [5.6]
0.42 [10.7]
2.80 [71.1]
0.525 [13.33]
0.040 [1.02]
PIN
0.200 [5.08]
TYP. NON-CUM.
Case Y
Case Z
(variant of Y)
Case W
(variant of Y)
PIN DESIGNATIONS
Pin # Function
Pin # Function
1
Positive input
7
Output Return
2
Positive input
8
Output Return
3
Positive input
9
Output Return
4
Input return
10
Positive output
5
Input return
11
Positive output
6
Input return
12
Positive output
NOTES
1)
Pins 0.040’’ (1.02 mm) diameter
2)
Pins Material: Copper Alloy
Finish: Gold over Nickel plating, followed by Sn/Pb solder dip
3)
All dimensions in inches (mm) Tolerances: x.xx +/-0.02 in. (x.x +/-0.5 mm)
x.xxx +/-0.010 in. (x.xx +/-0.25 mm)
4)
Weight: 2.8 oz (78.5 g) typical
5)
Workmanship: Meets or exceeds IPC-A-610C Class III
6)
Print Labeling on Top Surface per Product Label Format Drawing
7)
Pin 1 identification hole, not intended for mounting (case X and U)
MQME-270-R-Y-HB
EMI FILTER
270in 2A 360W


Similar Part No. - MQME-270L

ManufacturerPart #DatasheetDescription
logo
SynQor Worldwide Headqu...
MQME-270L SYNQOR-MQME-270L Datasheet
7Mb / 17P
   10 amps output current
MQME-270L SYNQOR-MQME-270L Datasheet
7Mb / 17P
   Very low DC resistance
MQME-270L SYNQOR-MQME-270L Datasheet
6Mb / 13P
   Very low DC resistance
MQME-270L SYNQOR-MQME-270L Datasheet
6Mb / 17P
   Output current limit for short-circuit protection
MQME-270L SYNQOR-MQME-270L Datasheet
7Mb / 18P
   Input over-voltage shutdown
More results

Similar Description - MQME-270L

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX4864L MAXIM-MAX4864L_10 Datasheet
197Kb / 11P
   Overvoltage Protection Controllers with Reverse Polarity Protection
Rev 2; 5/10
MAX4864L MAXIM-MAX4864L Datasheet
346Kb / 12P
   Overvoltage Protection Controllers with Reverse Polarity Protection
Rev 1; 5/06
logo
Texas Instruments
LM74500-Q1 TI-LM74500-Q1 Datasheet
1Mb / 29P
[Old version datasheet]   LM74500-Q1 Reverse Polarity Protection Controller
logo
Pasternack Enterprises,...
PE34750 PASTERNACK-PE34750 Datasheet
437Kb / 4P
   Reverse Polarity SMA Male to Reverse Polarity
PE34750-48 PASTERNACK-PE34750-48 Datasheet
434Kb / 4P
   Reverse Polarity SMA Male to Reverse Polarity SMA
logo
Texas Instruments
LM74610-Q1 TI1-LM74610-Q1 Datasheet
1Mb / 30P
[Old version datasheet]   Zero IQ Reverse Polarity Protection Smart Diode Controller
logo
Kinetic Technologies.
KTS1640 KINETIC-KTS1640 Datasheet
722Kb / 14P
   Load Switch with OVP and Reverse Polarity Protection
August 2022 - Revision 04f
logo
Pasternack Enterprises,...
PE34750-24 PASTERNACK-PE34750-24 Datasheet
433Kb / 4P
   Reverse Polarity SMA Male to Reverse Polarity SMA
PE34750-36 PASTERNACK-PE34750-36 Datasheet
434Kb / 4P
   Reverse Polarity SMA Male to Reverse Polarity SMA
PE34750-12 PASTERNACK-PE34750-12 Datasheet
433Kb / 4P
   Reverse Polarity SMA Male to Reverse Polarity SMA
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com