Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PG-200-102AH-3-S Datasheet(PDF) 2 Page - Copal Electronics

Part # PG-200-102AH-3-S
Description  PRESSURE GAUGES
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COPAL [Copal Electronics]
Direct Link  http://www.nidec-copal-electronics.com/e
Logo COPAL - Copal Electronics

PG-200-102AH-3-S Datasheet(HTML) 2 Page - Copal Electronics

  PG-200-102AH-3-S Datasheet HTML 1Page - Copal Electronics PG-200-102AH-3-S Datasheet HTML 2Page - Copal Electronics PG-200-102AH-3-S Datasheet HTML 3Page - Copal Electronics PG-200-102AH-3-S Datasheet HTML 4Page - Copal Electronics PG-200-102AH-3-S Datasheet HTML 5Page - Copal Electronics PG-200-102AH-3-S Datasheet HTML 6Page - Copal Electronics PG-200-102AH-3-S Datasheet HTML 7Page - Copal Electronics PG-200-102AH-3-S Datasheet HTML 8Page - Copal Electronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
PG-200/PG-208
PRESSURE GAUGES
Pressure reference
Pressure medium
Pressure medium
For non-corrosive
gases
For corrosive
gases or liquids
Gauge
Absolute
0 ~ 9.81
0 ~ 98.1
0 ~ 981
0 ~
− 98.1
0 ~ 98.1 kPa abs
{0 ~ 1000 mmH2O}
{0 ~ 1}
{0 ~ 10}
{0 ~ - 735 mmHg} {0 ~ 735 mmHg abs}
kPa {kgf/cm2}
Rated pressure range
Pressure reference
Gauge
Absolute
0 ~ 10
0 ~ 100
0 ~ 1000
0 ~
− 100
0 ~ 100 kPa abs
Rated pressure range
Unit of display
Unit of display
Unit of display
Panel type
Stand type
Battery
External power
External power
External power
Battery
Battery
mmH2O
kgf/cm2
mmHg
kPa
kPa abs
MPa
LIST OF MODEL NUMBERS
Pa version
Non SI unit version
A PG-200-101G-P
A PG-200-102G-P
A PG-200-103G-P
A PG-200-102VH-P A PG-200-102AH-P
A PG-200-101G-3-P A PG-200-102G-3-P A PG-200-103G-3-P A PG-200-102VH-3-P A PG-200-102AH-3-P
A PG-200-101G-S
A PG-200-102G-S
A PG-200-103G-S
A PG-200-102VH-S A PG-200-102AH-S
A PG-200-101G-3-S A PG-200-102G-3-S A PG-200-103G-3-S A PG-200-102VH-3-S A PG-200-102AH-3-S
A PG-208-102G-S
A PG-208-103G-S
A PG-208-102VH-S
A PG-208-102G-3-S A PG-208-103G-3-S A PG-208-102VH-3-S
: Not available
※ Verify the above model numbers when placing orders.
The products marked
A are manufactured upon receipt of order basis.
<Option>
O DC3.6 V lithium battery
Order item: Lithium battery
The battery is an expendable item.
The first one is provided with the unit.
()
For non-corrosive
gases
For corrosive
gases or liquids
Pressure medium
Panel type
Stand type
Battery
External power
External power
External power
Battery
Battery
PG-200-101GP-P
PG-200-102GP-P
PG-200-103GP-P
PG-200-102VP-P
PG-200-102AP-P
PG-200-101GP-3-P PG-200-102GP-3-P PG-200-103GP-3-P PG-200-102VP-3-P PG-200-102AP-3-P
PG-200-101GP-S
PG-200-102GP-S
PG-200-103GP-S
PG-200-102VP-S
PG-200-102AP-S
PG-200-101GP-3-S PG-200-102GP-3-S PG-200-103GP-3-S PG-200-102VP-3-S PG-200-102AP-3-S
PG-208-102GP-S
PG-208-103GP-S
PG-208-102VP-S
PG-208-102GP-3-S PG-208-103GP-3-S PG-208-102VP-3-S
For non-corrosive
gases
For corrosive
gases or liquids
Panel type
Stand type
Battery
External power
External power
External power
Battery
Battery
PG-200-103GMP-P
PG-200-103GMP-3-P
PG-200-103GMP-S
PG-200-103GMP-3-S
PG-208-103GMP-S
PG-208-103GMP-3-S


Similar Part No. - PG-200-102AH-3-S

ManufacturerPart #DatasheetDescription
logo
Copal Electronics
PG-200-102AH-3-S COPAL-PG-200-102AH-3-S Datasheet
129Kb / 8P
   PRESSURE GAUGES
More results

Similar Description - PG-200-102AH-3-S

ManufacturerPart #DatasheetDescription
logo
Copal Electronics
PG-35 COPAL-PG-35_16 Datasheet
191Kb / 6P
   PRESSURE GAUGES
PG-30 COPAL-PG-30 Datasheet
124Kb / 6P
   PRESSURE GAUGES
PG-35H COPAL-PG-35H_16 Datasheet
108Kb / 4P
   PRESSURE GAUGES
PG-20 COPAL-PG-20_16 Datasheet
143Kb / 4P
   PRESSURE GAUGES
PG-200 COPAL-PG-200_16 Datasheet
129Kb / 8P
   PRESSURE GAUGES
PG-35L COPAL-PG-35L_16 Datasheet
126Kb / 4P
   PRESSURE GAUGES
logo
Ralston Instruments.
QTHA-HCBL-45 RALSTON-QTHA-HCBL-45 Datasheet
645Kb / 1P
   Connect to pressure gauges, pressure calibrators and adapters easily and quickly
logo
Extech Instruments Corp...
475040 EXTECH-475040_15 Datasheet
367Kb / 1P
   Digital Forge Gauges
TKG150 EXTECH-TKG150 Datasheet
963Kb / 2P
   Ultrasonic Thickness Gauges
475044 EXTECH-475044_15 Datasheet
367Kb / 1P
   Digital Forge Gauges
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com