Electronic Components Datasheet Search |
|
PQ24018QGX25 Datasheet(PDF) 5 Page - SynQor Worldwide Headquarters |
|
PQ24018QGX25 Datasheet(HTML) 5 Page - SynQor Worldwide Headquarters |
5 / 16 page Product # PQ24018QGx25 Phone 1-888-567-9596 www.synqor.com Doc.# 005-2QG218D Rev. B 04/09/13 Page 5 Input: Output: Current: Package: 18 - 36V 1.8V 25A Quarter-brick PQ24018QGx25 Electrical Characteristics (continued) Ta = 25 °C, airflow rate = 300 LFM, Vin = 24V dc unless otherwise noted; full operating temperature range is -40 °C to +115 °C baseplate temperature with appropriate power derating. Specifications subject to change without notice. Parameter Min. Typ. Max. Units Notes & Conditions FEATURE CHARACTERISTICS Switching Frequency 220 240 260 kHz ON/OFF Control (Option P) Off-Stage Voltage -2 0.8 V On-Stage Voltage 2.4 18 V ON/OFF Control (Option N) Off-Stage Voltage 2.4 18 V On-Stage Voltage -2 0.8 V ON/OFF Control (Either Option) Pull-up Voltage Vin/3 9.6 V See circuit diagram; Figure B Pull-up Resistance 33 kΩ Pull up to Vin/3 Output Voltage Trim Range -20 +10 % Across Pins 8 & 4; % of nominal Vout Output Over-Voltage Protection 117 122 127 % Over full temp range; % of nominal Vout Over-Tempperature Shutdown 125 °C Average PCB Temperature Technical Specifications |
Similar Part No. - PQ24018QGX25 |
|
Similar Description - PQ24018QGX25 |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |