Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PQ24050QGw20xyz Datasheet(PDF) 2 Page - SynQor Worldwide Headquarters

Part # PQ24050QGw20xyz
Description  Industry standard pin-out configuration
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SYNQOR [SynQor Worldwide Headquarters]
Direct Link  http://www.synqor.com
Logo SYNQOR - SynQor Worldwide Headquarters

PQ24050QGw20xyz Datasheet(HTML) 2 Page - SynQor Worldwide Headquarters

  PQ24050QGw20xyz Datasheet HTML 1Page - SynQor Worldwide Headquarters PQ24050QGw20xyz Datasheet HTML 2Page - SynQor Worldwide Headquarters PQ24050QGw20xyz Datasheet HTML 3Page - SynQor Worldwide Headquarters PQ24050QGw20xyz Datasheet HTML 4Page - SynQor Worldwide Headquarters PQ24050QGw20xyz Datasheet HTML 5Page - SynQor Worldwide Headquarters PQ24050QGw20xyz Datasheet HTML 6Page - SynQor Worldwide Headquarters PQ24050QGw20xyz Datasheet HTML 7Page - SynQor Worldwide Headquarters PQ24050QGw20xyz Datasheet HTML 8Page - SynQor Worldwide Headquarters PQ24050QGw20xyz Datasheet HTML 9Page - SynQor Worldwide Headquarters Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 16 page
background image
Product # PQ24018QGx25
Phone 1-888-567-9596
www.synqor.com
Doc.# 005-2QG218D Rev. B
04/09/13
Page 2
Input:
Output:
Current:
Package:
18 - 36V
1.8V
25A
Quarter-brick
Mechanical Diagrams
Open Frame Mechanical Diagram
mech01
1.45 [36.8]
0.600 [15.24]
0.600 [15.24]
0.063+/- .026
[1.60+/- .66]
Bottomside Clearance
0.145
[3.68]
See Note 3
.40
[10.2]
Pin Farside Typical
See Notes 1, 2, and 3
Top View
Side View
0.450 [11.43]
0.300 [7.62]
0.150 [3.81]
2.00 [50.8]
3
2
1
8
7 6 5 4
2.30 [58.4]
0.14 [3.6]
0.43 [10.9]
0.300 [7.62]
NOTES
1) Pins 1-3, 5-7 are 0.040” (1.02mm) diameter
with 0.080” (2.03mm) diameter standoff shoulders
2) Pins 4 and 8 are 0.0620” (1.57mm) diameter
with 0.100” (2.54mm) diameter standoff shoulders
3) All Pins: Material - Copper Alloy
Finish: Tin-Lead over Nickel Plate
4) Other pin extension lengths available.
5) Undimensioned components are shown for visual reference only.
6) Open Frame Weight: 1.2 oz. (34g)
7) All dimensions in inches (mm)
Unless otherwise specified:
Tolerances X.XXin. +/-0.02 (X.Xmm +/-0.5mm)
X.XXin. +/-0.010 (X.XXmm +/-0.25mm)
8) Workmanship: Meets or exceeds IPC-A-610 Class II
PIN DESIGNATIONS
Pin
Name
Function
1
Vin(+)
Positive input voltage
2
ON/OFF
TTL input to turn converter on and off, referenced
to Vin(–), with internal pull up.
3
Vin(–)
Negative input voltage
4
Vout(–)
Positive output voltage
5
SENSE(–)
Negative remote sense (See note 1)
6
TRIM
Output voltage trim (See note 2)
7
SENSE(+)
Positive remote sense (See note 3)
8
Vout(+)
Positive output voltage
Notes:
1)
SENSE(–) should be connected to Vout(–) either remotely or at the converter.
2)
Leave TRIM pin open for nominal output voltage.
3)
SENSE(+) should be connected to Vout(+) either remotely or at the converter.


Similar Part No. - PQ24050QGw20xyz

ManufacturerPart #DatasheetDescription
logo
SynQor Worldwide Headqu...
PQ24050QGA20 SYNQOR-PQ24050QGA20 Datasheet
546Kb / 13P
   Quarter-brick DC/DC Converter
PQ24050QGA20NKS SYNQOR-PQ24050QGA20NKS Datasheet
546Kb / 13P
   Quarter-brick DC/DC Converter
PQ24050QGA20NNS SYNQOR-PQ24050QGA20NNS Datasheet
546Kb / 13P
   Quarter-brick DC/DC Converter
PQ24050QGA20NRS SYNQOR-PQ24050QGA20NRS Datasheet
546Kb / 13P
   Quarter-brick DC/DC Converter
PQ24050QGA20NYS SYNQOR-PQ24050QGA20NYS Datasheet
546Kb / 13P
   Quarter-brick DC/DC Converter
More results

Similar Description - PQ24050QGw20xyz

ManufacturerPart #DatasheetDescription
logo
SynQor Worldwide Headqu...
SQ60120HZA50 SYNQOR-SQ60120HZA50 Datasheet
2Mb / 14P
   Industry standard pin-out configuration
BQ57090EZB48 SYNQOR-BQ57090EZB48 Datasheet
2Mb / 13P
   Industry standard quarter-brick pin-out configuration
PQ60050SMX10 SYNQOR-PQ60050SMX10 Datasheet
1Mb / 15P
   Industry standard sixteenth-brick pin-out configuration
BQ57120QEX50 SYNQOR-BQ57120QEX50 Datasheet
2Mb / 14P
   Industry standard quarter-brick pin-out configuration
BQ55120EZB38 SYNQOR-BQ55120EZB38 Datasheet
2Mb / 13P
   Industry standard quarter-brick pin-out configuration
BQ55120QZB67 SYNQOR-BQ55120QZB67 Datasheet
2Mb / 13P
   Industry standard quarter-brick pin-out configuration
BQ57120QZB67 SYNQOR-BQ57120QZB67 Datasheet
2Mb / 13P
   Industry standard quarter-brick pin-out configuration
PQ60025SMX20 SYNQOR-PQ60025SMX20 Datasheet
908Kb / 15P
   Industry standard sixteenth-brick pin-out configuration
PQ60010EML15 SYNQOR-PQ60010EML15 Datasheet
529Kb / 13P
   Industry standard eighth-brick pin-out configuration
PQ60018SMX25 SYNQOR-PQ60018SMX25 Datasheet
824Kb / 15P
   Industry standard sixteenth-brick pin-out configuration
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com