Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PQ50120HZB55 Datasheet(PDF) 6 Page - SynQor Worldwide Headquarters

Part # PQ50120HZB55
Description  Delivers up to 55A of output current (660W)
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SYNQOR [SynQor Worldwide Headquarters]
Direct Link  http://www.synqor.com
Logo SYNQOR - SynQor Worldwide Headquarters

PQ50120HZB55 Datasheet(HTML) 6 Page - SynQor Worldwide Headquarters

Back Button PQ50120HZB55 Datasheet HTML 2Page - SynQor Worldwide Headquarters PQ50120HZB55 Datasheet HTML 3Page - SynQor Worldwide Headquarters PQ50120HZB55 Datasheet HTML 4Page - SynQor Worldwide Headquarters PQ50120HZB55 Datasheet HTML 5Page - SynQor Worldwide Headquarters PQ50120HZB55 Datasheet HTML 6Page - SynQor Worldwide Headquarters PQ50120HZB55 Datasheet HTML 7Page - SynQor Worldwide Headquarters PQ50120HZB55 Datasheet HTML 8Page - SynQor Worldwide Headquarters PQ50120HZB55 Datasheet HTML 9Page - SynQor Worldwide Headquarters PQ50120HZB55 Datasheet HTML 10Page - SynQor Worldwide Headquarters Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 14 page
background image
Technical Specification
Product # PQ50120HZx55
Phone 1-888-567-9596
www.synqor.com
Doc.# 005-0005483 Rev. 1
03/31/10
Page 6
Input:44-52V
Output:12V
Current:55A
Part No.:PQ50120HZB55
60
65
70
75
80
85
90
95
100
0
5
10
15
20
25
30
35
40
45
50
55
Load Current (A)
44 Vin
48 Vin
52 Vin
0
10
20
30
40
50
60
0
5
10
15
20
25
30
35
40
45
50
55
Load Current (A)
44 Vin
48 Vin
52 Vin
0
5
10
15
20
25
30
35
40
45
50
25
40
55
70
85
Ambient Temperature (C)
400 LFM
300 LFM
200 LFM
100 LFM
50 LFM
Figures
Figure 1: Efficiency at nominal output voltage vs. load current for minimum,
nominal, and maximum input voltage at 25°C.
Figure 2: Power dissipation at nominal output voltage vs. load current for
minimum, nominal, and maximum input voltage at 25°C.
Figure 3: Maximum output power-derating curve vs. ambient air temperature
for airflow rates of 100LFM through 400LFM with air flowing from pin 4 to pin
1 (nominal input voltage).
Figure 4: Thermal plot of converter at 36A load current (432W) with 55°C air
flowing at the rate of 200LFM. Air is flowing across the converter from pin 4 to
pin 1 (nominal input voltage).
Figure 5: Turn-on transient at full load (resistive load) (10 ms/div).
Ch 1: Vout (5 V/div)
Ch 2: ON/OFF input (5 V/div)
Figure 6: Turn-on transient at zero load (10 ms/div).
Ch 1: Vout (5 V/div)
Ch 2: ON/OFF input (5 V/div)
Semiconductor junction temperature is
within 1°C of surface temperature


Similar Part No. - PQ50120HZB55

ManufacturerPart #DatasheetDescription
logo
SynQor Worldwide Headqu...
PQ50180HTB10 SYNQOR-PQ50180HTB10 Datasheet
1Mb / 14P
   Delivers up to 180W of output power with minimal derating
PQ50180HTB10NNS SYNQOR-PQ50180HTB10NNS Datasheet
1Mb / 14P
   Delivers up to 180W of output power with minimal derating
More results

Similar Description - PQ50120HZB55

ManufacturerPart #DatasheetDescription
logo
Emerson Network Power
AVE360-48S12 EMERSON-NETWORKPOWER-AVE360-48S12 Datasheet
552Kb / 19P
   Delivers up to 30A output current
logo
Maxim Integrated Produc...
MAX20079EVKIT MAXIM-MAX20079EVKIT Datasheet
1Mb / 10P
   Delivers Up to 3.5A Output Current
Rev 0; 10/18
logo
Emerson Network Power
ALQ25 EMERSON-NETWORKPOWER-ALQ25 Datasheet
104Kb / 2P
   Delivers up to 25 A output current
logo
SynQor Worldwide Headqu...
PQ50180HTB10 SYNQOR-PQ50180HTB10 Datasheet
1Mb / 14P
   Delivers up to 180W of output power with minimal derating
PQ60015SMX25 SYNQOR-PQ60015SMX25 Datasheet
935Kb / 15P
   Delivers up to 37W of output power with minimal derating
logo
Emerson Network Power
ALQ12 EMERSON-NETWORKPOWER-ALQ12 Datasheet
103Kb / 2P
   Delivers up to 12 A output current (6.3 A for the 8 Vo)
logo
DENSEI-LAMBDA
SR60 LAMBDA-SR60 Datasheet
374Kb / 4P
   Single output 20W ~ 660W?
logo
Bel Fuse Inc.
YS05S16 BEL-YS05S16 Datasheet
722Kb / 21P
   Delivers up to 16 A (58 W)
YS05S10 BEL-YS05S10 Datasheet
713Kb / 20P
   Delivers up to 10 A (36 W)
YNV12T16 BEL-YNV12T16 Datasheet
881Kb / 21P
   Delivers up to 16 A (88 W)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com