Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PQ60018EGw25xyS Datasheet(PDF) 10 Page - SynQor Worldwide Headquarters

Part # PQ60018EGw25xyS
Description  Thermal shutdown protects converter from abnormal environmental conditions
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SYNQOR [SynQor Worldwide Headquarters]
Direct Link  http://www.synqor.com
Logo SYNQOR - SynQor Worldwide Headquarters

PQ60018EGw25xyS Datasheet(HTML) 10 Page - SynQor Worldwide Headquarters

Back Button PQ60018EGw25xyS Datasheet HTML 5Page - SynQor Worldwide Headquarters PQ60018EGw25xyS Datasheet HTML 6Page - SynQor Worldwide Headquarters PQ60018EGw25xyS Datasheet HTML 7Page - SynQor Worldwide Headquarters PQ60018EGw25xyS Datasheet HTML 8Page - SynQor Worldwide Headquarters PQ60018EGw25xyS Datasheet HTML 9Page - SynQor Worldwide Headquarters PQ60018EGw25xyS Datasheet HTML 10Page - SynQor Worldwide Headquarters PQ60018EGw25xyS Datasheet HTML 11Page - SynQor Worldwide Headquarters PQ60018EGw25xyS Datasheet HTML 12Page - SynQor Worldwide Headquarters PQ60018EGw25xyS Datasheet HTML 13Page - SynQor Worldwide Headquarters  
Zoom Inzoom in Zoom Outzoom out
 10 / 13 page
background image
Product # PQ60010EGL20
Phone 1-888-567-9596
www.synqor.com
Doc.# 005-2EG601G Rev. B
1/22/08
Page 10
Input:
Input:
Output:
Output:
Current:
Current:
PPackage:
ackage:
35-75 V
35-75 V
1.0 V
1.0 V
20 A
20 A
Eighth-brick
Eighth-brick
T
Technical S
echnical Specification
pecification
age across the output (pins 8 and 4) to determine when it should
trigger, not the voltage across the converter’s sense leads (pins 7
and 5). Therefore, the resistive drop on the board should be
small enough so that output OVP does not trigger, even during
load transients.
OUTPUT VOLTAGE TRIM (Pin 6): The TRIM input permits the
user to adjust the output voltage across the sense leads up or
down according to the trim range specifications.
To decrease the output voltage, the user should connect a resistor
between Pin 6 and Pin 5 (SENSE(-) input). To increase the output
voltage, the user should connect a resistor between Pin 6 and Pin
7 (SENSE(+) input). For a desired change of the nominal output
voltage, the value of the resistor should be
Figure C graphs the relationship between the trim resistor value
and Rtrim-up and Rtrim-down, showing the total range the output
voltage can be trimmed up or down.
Figure C: Trim Graph for 1.0Vout module
Note: the TRIM feature does not affect the voltage at which the
output over-voltage protection circuit is triggered. Trimming the
output voltage too high may cause the over-voltage protection cir-
cuit to engage, particularly during transients.
It is not necessary for the user to add capacitance at the Trim pin.
The node is internally bypassed to eliminate noise.
Total DC Variation of Vout: For the converter to meet its full
specifications, the maximum variation of the DC value of Vout,
due to both trimming and remote load voltage drops, should not
be greater than that specified for the output voltage trim range.
PROTECTION FEATURES
Input Under-Voltage Lockout: The converter is designed to
turn off when the input voltage is too low, helping avoid an input
system instability problem, described in more detail in the appli-
cation note titled “Input System Instability” available on the
SynQor website. The lockout circuitry is a comparator with DC
hysteresis. When the input voltage is rising, it must exceed the typ-
ical Turn-On Voltage Threshold value (listed on the specification
page) before the converter will turn on. Once the converter is on,
the input voltage must fall below the typical Turn-Off Voltage
Threshold value before the converter will turn off.
Output Current Limit: The maximum current limit remains con-
stant as the output voltage drops. However, once the impedance
of the short across the output is small enough to make the output
voltage drop below the specified Output DC Current-Limit
Shutdown Voltage, the converter turns off.
The converter then enters a “hiccup mode” where it repeatedly
turns on and off at a 5 Hz (nominal) frequency with a 5% duty
cycle until the short circuit condition is removed. This prevents
excessive heating of the converter or the load board.
Output Over-Voltage Limit: If the voltage across the output
pins exceeds the Output Over-Voltage Protection threshold, the
converter will immediately stop switching. This prevents damage
to the load circuit due to 1) excessive series resistance in output
current path from converter output pins to sense point, 2) a
release of a short-circuit condition, or 3) a release of a current
limit condition. Load capacitance determines exactly how high
the output voltage will rise in response to these conditions. After
200 ms the converter will automatically restart.
Over-Temperature Shutdown: A temperature sensor on the
converter senses the average temperature of the module. The ther-
mal shutdown circuit is designed to turn the converter off when the
temperature at the sensed location reaches the Over-Temperature
Shutdown value. It will allow the converter to turn on again when
the temperature of the sensed location falls by the amount of the
Over-Temperature Shutdown Restart Hysteresis value.
1
10
100
0.90
0.94
0.98
1.02
1.06
1.1
Desired Output Voltage
Rtrim =
VNOM - VDES
- 1
VDES
where
VNOM = Nominal Voltage
VDES = Desired Voltage
(Vertical bars indicate
absolute value)
(kW)


Similar Part No. - PQ60018EGw25xyS

ManufacturerPart #DatasheetDescription
logo
SynQor Worldwide Headqu...
PQ60018EGw25xyS SYNQOR-PQ60018EGw25xyS Datasheet
544Kb / 13P
   Industry standard eighth-brick pin-out configuration
PQ60018EGw25xyS SYNQOR-PQ60018EGw25xyS Datasheet
5Mb / 13P
   Input under-voltage lockout disables converter at low
PQ60018EGw25xyS SYNQOR-PQ60018EGw25xyS Datasheet
4Mb / 13P
   Input under-voltage lockout disables converter at low input voltage conditions
PQ60018EGw25xyS SYNQOR-PQ60018EGw25xyS Datasheet
599Kb / 13P
   Thermal shutdown protects converter from abnormal environmental conditions
More results

Similar Description - PQ60018EGw25xyS

ManufacturerPart #DatasheetDescription
logo
SynQor Worldwide Headqu...
PQ60015EGL20 SYNQOR-PQ60015EGL20 Datasheet
599Kb / 13P
   Thermal shutdown protects converter from abnormal environmental conditions
PQ60150EKXXX SYNQOR-PQ60150EKXXX Datasheet
844Kb / 15P
   Thermal shutdown protects converter from abnormal environmental conditions
logo
Maxim Integrated Produc...
MAX14915EVKIT MAXIM-MAX14915EVKIT Datasheet
1Mb / 13P
   Open-wire, Overload, Undervoltage, Overcurrent, Thermal Shutdown Fault Conditions Indication
Rev 0; 9/18
logo
STMicroelectronics
STEVAL-ISA159V1 STMICROELECTRONICS-STEVAL-ISA159V1 Datasheet
188Kb / 4P
   Thermal shutdown
May 2015 Rev 2
STEVAL-ILL046V2 STMICROELECTRONICS-STEVAL-ILL046V2 Datasheet
216Kb / 4P
   Thermal shutdown
May 2016 Rev 2
EV-VN7010AJ STMICROELECTRONICS-EV-VN7010AJ Datasheet
512Kb / 7P
   Thermal shutdown indication
EV-VN7050AS STMICROELECTRONICS-EV-VN7050AS Datasheet
430Kb / 7P
   Thermal shutdown indication
EV-VN7140AJ STMICROELECTRONICS-EV-VN7140AJ Datasheet
436Kb / 7P
   Thermal shutdown indication
EV-VN7016AJ STMICROELECTRONICS-EV-VN7016AJ Datasheet
513Kb / 7P
   Thermal shutdown indication
logo
Skyworks Solutions Inc.
AAT4685 SKYWORKS-AAT4685 Datasheet
1Mb / 17P
   thermal shutdown protection
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com