Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PQ60012EGw20xyz Datasheet(PDF) 11 Page - SynQor Worldwide Headquarters

Part # PQ60012EGw20xyz
Description  Input under-voltage lockout disables converter at low
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SYNQOR [SynQor Worldwide Headquarters]
Direct Link  http://www.synqor.com
Logo SYNQOR - SynQor Worldwide Headquarters

PQ60012EGw20xyz Datasheet(HTML) 11 Page - SynQor Worldwide Headquarters

Back Button PQ60012EGw20xyz Datasheet HTML 5Page - SynQor Worldwide Headquarters PQ60012EGw20xyz Datasheet HTML 6Page - SynQor Worldwide Headquarters PQ60012EGw20xyz Datasheet HTML 7Page - SynQor Worldwide Headquarters PQ60012EGw20xyz Datasheet HTML 8Page - SynQor Worldwide Headquarters PQ60012EGw20xyz Datasheet HTML 9Page - SynQor Worldwide Headquarters PQ60012EGw20xyz Datasheet HTML 10Page - SynQor Worldwide Headquarters PQ60012EGw20xyz Datasheet HTML 11Page - SynQor Worldwide Headquarters PQ60012EGw20xyz Datasheet HTML 12Page - SynQor Worldwide Headquarters PQ60012EGw20xyz Datasheet HTML 13Page - SynQor Worldwide Headquarters  
Zoom Inzoom in Zoom Outzoom out
 11 / 13 page
background image
Product # PQ60012EGL20
Phone 1-888-567-9596
www.synqor.com
Doc.# 005-2EG621G Rev. D
04/09/10
Page 11
Input:
Input:
Output:
Output:
Current:
Current:
PPackage:
ackage:
35-75 V
35-75 V
1.2 V
1.2 V
20 A
20 A
Eighth-brick
Eighth-brick
T
Technical S
echnical Specification
pecification
Output Current Limit: The maximum current limit remains con-
stant as the output voltage drops. However, once the impedance
of the short across the output is small enough to make the output
voltage drop below the specified Output DC Current-Limit
Shutdown Voltage, the converter turns off.
The converter then enters a “hiccup mode” where it repeatedly
turns on and off at a 5 Hz (nominal) frequency with a 5% duty
cycle until the short circuit condition is removed. This prevents
excessive heating of the converter or the load board.
Output Over-Voltage Limit: If the voltage across the output
pins exceeds the Output Over-Voltage Protection threshold, the
converter will immediately stop switching. This prevents damage
to the load circuit due to 1) excessive series resistance in output
current path from converter output pins to sense point, 2) a
release of a short-circuit condition, or 3) a release of a current
limit condition. Load capacitance determines exactly how high
the output voltage will rise in response to these conditions. After
200 ms the converter will automatically restart.
Over-Temperature Shutdown: A temperature sensor on the
converter senses the average temperature of the module. The ther-
mal shutdown circuit is designed to turn the converter off when the
temperature at the sensed location reaches the Over-Temperature
Shutdown value. It will allow the converter to turn on again when
the temperature of the sensed location falls by the amount of the
Over-Temperature Shutdown Restart Hysteresis value.
APPLICATION CONSIDERATIONS
Input System Instability: This condition can occur because
any DC/DC converter appears incrementally as a negative
resistance load. A detailed application note titled “Input System
Instability” available on the SynQor website which provides an
understanding of why this instability arises, and shows the pre-
ferred solution for correcting it.
Application Circuits: Figure E below provides a typical circuit
diagram which details the input filtering and voltage trimming.
Input Filtering and External Capacitance: Figure F below
provides a diagram showing the internal input filter components.
This filter dramatically reduces input terminal ripple current, which
otherwise could exceed the rating of an external electrolytic input
capacitor. The recommended external input capacitance is spec-
ified in the “Input Characteristics” section. More detailed infor-
mation is available in the application note titled “EMI
Characteristics” on the SynQor website.
Vin
External
Input
Filter
Trim
Vin(+)
Iload
Cload
L
C
Vout(+)
Rtrim-up
or
Rtrim-down
Vsense(+)
ON/OFF
Vin(_)
Vin(+)
Vin(_)
Vout(_)
Vsense(_)
Figure E: Typical application circuit (negative logic unit, permanently enabled).
Figure F: Internal Input Filter Diagram (component values listed on the specifications page).
Electrolytic
Capacitor
47µF


Similar Part No. - PQ60012EGw20xyz

ManufacturerPart #DatasheetDescription
logo
SynQor Worldwide Headqu...
PQ60012EGw20xyz SYNQOR-PQ60012EGw20xyz Datasheet
534Kb / 13P
   Thermal shutdown protects converter from abnormal environmental conditions
PQ60012EGw20xyz SYNQOR-PQ60012EGw20xyz Datasheet
544Kb / 13P
   Industry standard eighth-brick pin-out configuration
PQ60012EGw20xyz SYNQOR-PQ60012EGw20xyz Datasheet
4Mb / 13P
   Input under-voltage lockout disables converter at low input voltage conditions
PQ60012EGw20xyz SYNQOR-PQ60012EGw20xyz Datasheet
599Kb / 13P
   Thermal shutdown protects converter from abnormal environmental conditions
PQ60012EGw20xyz SYNQOR-PQ60012EGw20xyz Datasheet
539Kb / 13P
   No minimum load requirement means no preload resistors required
More results

Similar Description - PQ60012EGw20xyz

ManufacturerPart #DatasheetDescription
logo
SynQor Worldwide Headqu...
PQ50090QGB11 SYNQOR-PQ50090QGB11 Datasheet
1Mb / 13P
   Input under-voltage lockout disables converter at low input voltage
PQ60012EGL25 SYNQOR-PQ60012EGL25 Datasheet
4Mb / 13P
   Input under-voltage lockout disables converter at low input voltage conditions
PQ60012SMX25 SYNQOR-PQ60012SMX25 Datasheet
930Kb / 15P
   Input under-voltage lockout
logo
Emerson Network Power
AVQ100-36S3V3 EMERSON-NETWORKPOWER-AVQ100-36S3V3 Datasheet
227Kb / 15P
   Input under voltage lockout
logo
Bel Fuse Inc.
0RQB-70N54 BEL-0RQB-70N54 Datasheet
468Kb / 13P
   Input Under-Voltage Lockout
0RQB-50Y15X BEL-0RQB-50Y15X Datasheet
1Mb / 25P
   Input Under-Voltage Lockout
logo
SynQor Worldwide Headqu...
SQ60060QPX55 SYNQOR-SQ60060QPX55 Datasheet
2Mb / 15P
   Input under-voltage lockout
logo
Bel Fuse Inc.
0RQB-60Q05X BEL-0RQB-60Q05X Datasheet
863Kb / 20P
   Input Under Voltage Lockout
0RQB-X0S10 BEL-0RQB-X0S10 Datasheet
980Kb / 26P
   Input Under-Voltage Lockout
0RQP-H5T12 BEL-0RQP-H5T12 Datasheet
1Mb / 28P
   Input Under-Voltage Lockout
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com