Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PQ60018EGw25xyS Datasheet(PDF) 7 Page - SynQor Worldwide Headquarters

Part # PQ60018EGw25xyS
Description  Industry standard eighth-brick pin-out configuration
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SYNQOR [SynQor Worldwide Headquarters]
Direct Link  http://www.synqor.com
Logo SYNQOR - SynQor Worldwide Headquarters

PQ60018EGw25xyS Datasheet(HTML) 7 Page - SynQor Worldwide Headquarters

Back Button PQ60018EGw25xyS Datasheet HTML 3Page - SynQor Worldwide Headquarters PQ60018EGw25xyS Datasheet HTML 4Page - SynQor Worldwide Headquarters PQ60018EGw25xyS Datasheet HTML 5Page - SynQor Worldwide Headquarters PQ60018EGw25xyS Datasheet HTML 6Page - SynQor Worldwide Headquarters PQ60018EGw25xyS Datasheet HTML 7Page - SynQor Worldwide Headquarters PQ60018EGw25xyS Datasheet HTML 8Page - SynQor Worldwide Headquarters PQ60018EGw25xyS Datasheet HTML 9Page - SynQor Worldwide Headquarters PQ60018EGw25xyS Datasheet HTML 10Page - SynQor Worldwide Headquarters PQ60018EGw25xyS Datasheet HTML 11Page - SynQor Worldwide Headquarters Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 13 page
background image
Product # PQ60010EGL25
Phone 1-888-567-9596
www.synqor.com
Doc.# 005-2EG601D Rev. B
1/22/08
Page 7
Input:
Input:
Output:
Output:
Current:
Current:
PPackage:
ackage:
35-75 V
35-75 V
1.0 V
1.0 V
25 A
25 A
Eighth-brick
Eighth-brick
T
Technical S
echnical Specification
pecification
Figure 13: Test set-up diagram showing measurement points for Input
Terminal Ripple Current (Figure 14), Input Reflected Ripple Current
(Figure 15) and Output Voltage Ripple (Figure 16).
10 µH
source
impedance
DC/DC
Converter
See Fig. 15
See Fig. 14
See Fig. 16
1 µF
ceramic
capacitor
10 µF,
100mW ESR
tantalum
capacitor
47 µF,
<1W ESR
electrolytic
capacitor
VSOURCE
i
S
i
C
VOUT
Figure 14: Input Terminal Ripple Current, ic, at full rated output cur-
rent and nominal input voltage with 10µ H source impedance and 47µ F
electrolytic capacitor (200 mA/div). See Figure 13.
Figure 15: Input Reflected Ripple Current, is, through a 10 µ H source
inductor at nominal input voltage and rated load current (5 mA/div).
See Figure 13.
Figure 16: Output Voltage Ripple at nominal input voltage and rated
load current (20 mV/div). Load capacitance: 1µ F ceramic capacitor
and 10µ F tantalum capacitor. Bandwidth: 20 MHz. See Figure 13.
0.0
0.5
1.0
1.5
0
5
10
15
20
25
30
Load Current (A)
35 V
48 V
75 V
Figure 17: Output voltage vs. load current showing typical current limit
curves and converter shutdown points.
Figure 18: Load current (20A/div) as a function of time when the con-
verter attempts to turn on into a 10 m
W short circuit. Top trace
(2.0ms/div) is an expansion of the on-time portion of the bottom trace.


Similar Part No. - PQ60018EGw25xyS

ManufacturerPart #DatasheetDescription
logo
SynQor Worldwide Headqu...
PQ60018EGw25xyS SYNQOR-PQ60018EGw25xyS Datasheet
534Kb / 13P
   Thermal shutdown protects converter from abnormal environmental conditions
PQ60018EGw25xyS SYNQOR-PQ60018EGw25xyS Datasheet
5Mb / 13P
   Input under-voltage lockout disables converter at low
PQ60018EGw25xyS SYNQOR-PQ60018EGw25xyS Datasheet
4Mb / 13P
   Input under-voltage lockout disables converter at low input voltage conditions
PQ60018EGw25xyS SYNQOR-PQ60018EGw25xyS Datasheet
599Kb / 13P
   Thermal shutdown protects converter from abnormal environmental conditions
More results

Similar Description - PQ60018EGw25xyS

ManufacturerPart #DatasheetDescription
logo
SynQor Worldwide Headqu...
PQ60010EML15 SYNQOR-PQ60010EML15 Datasheet
529Kb / 13P
   Industry standard eighth-brick pin-out configuration
BQ4H136EEC45 SYNQOR-BQ4H136EEC45 Datasheet
1Mb / 13P
   Industry standard eighth-brick pin-out configuration
SQ60120ETA20 SYNQOR-SQ60120ETA20 Datasheet
2Mb / 14P
   Industry standard eighth-brick pin-out configuration
BQ57120QEX50 SYNQOR-BQ57120QEX50 Datasheet
2Mb / 14P
   Industry standard quarter-brick pin-out configuration
BQ57090EZB48 SYNQOR-BQ57090EZB48 Datasheet
2Mb / 13P
   Industry standard quarter-brick pin-out configuration
PQ60050SMX10 SYNQOR-PQ60050SMX10 Datasheet
1Mb / 15P
   Industry standard sixteenth-brick pin-out configuration
PQ60018SMX25 SYNQOR-PQ60018SMX25 Datasheet
824Kb / 15P
   Industry standard sixteenth-brick pin-out configuration
BQ55120EZB38 SYNQOR-BQ55120EZB38 Datasheet
2Mb / 13P
   Industry standard quarter-brick pin-out configuration
BQ55120QZB67 SYNQOR-BQ55120QZB67 Datasheet
2Mb / 13P
   Industry standard quarter-brick pin-out configuration
BQ57120QZB67 SYNQOR-BQ57120QZB67 Datasheet
2Mb / 13P
   Industry standard quarter-brick pin-out configuration
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com