Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PG-200-101GMP-S Datasheet(PDF) 7 Page - Copal Electronics

Part # PG-200-101GMP-S
Description  PRESSURE GAUGES
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COPAL [Copal Electronics]
Direct Link  http://www.nidec-copal-electronics.com/e
Logo COPAL - Copal Electronics

PG-200-101GMP-S Datasheet(HTML) 7 Page - Copal Electronics

  PG-200-101GMP-S Datasheet HTML 1Page - Copal Electronics PG-200-101GMP-S Datasheet HTML 2Page - Copal Electronics PG-200-101GMP-S Datasheet HTML 3Page - Copal Electronics PG-200-101GMP-S Datasheet HTML 4Page - Copal Electronics PG-200-101GMP-S Datasheet HTML 5Page - Copal Electronics PG-200-101GMP-S Datasheet HTML 6Page - Copal Electronics PG-200-101GMP-S Datasheet HTML 7Page - Copal Electronics PG-200-101GMP-S Datasheet HTML 8Page - Copal Electronics  
Zoom Inzoom in Zoom Outzoom out
 7 / 8 page
background image
123456
72
(40)
13
27
69
15
M 5 depth 5
Unit of display
Panel cut
(1
∼2.5 mm)
Panel board thickness
69.5
+0.5
0
Panel cut dimension
LH
BATT
PRESSURE GAUGE
COPAL ELECTRONICS
Pressure port
PRESSURE GAUGE
COPAL ELECTRONICS
72
40
11.5
M 5 depth 6
28.5
19
Unit of display
Grommet
M 5
13.5 1
R 1/4
(PT 1/4)
Pressure port
CORD CONNECTION
10
24
10
5
6
8
9
10
11
YL
YH
X
LH
BATT
7
φ
Battery type
External power
DC5 ~ 10 V
DC10 ~ 24 V
D
E
F
Battery type
External power
1
2
3
4
5
6
OUTLINE DIMENSIONS
Unless otherwise specified, tolerance :
± 0.5 (Unit: mm)
O PG-200
Panel type
For non-corrosive
gases
O PG-200
Stand type
For non-corrosive
gases
Switch HI
B
C
Voltage output
B
C
Switch LO
B
C
Switch HI
B
C
External power
B
C
<PG-200 Panel type>
Electrical connection
External power
B
C
C
B
Switch HI
C
B
Switch LO
C
B
Voltage output
C
B
Switch HI
C
B
Switch LO
C
B
Electrical connection
Electrical terminals are located inside.
Use connecting wires AWG
26 or thinner one.
External power should be connected to proper terminals depending on the voltage.
PG-200/PG-208
PRESSURE GAUGES


Similar Part No. - PG-200-101GMP-S

ManufacturerPart #DatasheetDescription
logo
Copal Electronics
PG-200-101GMP-S COPAL-PG-200-101GMP-S Datasheet
129Kb / 8P
   PRESSURE GAUGES
More results

Similar Description - PG-200-101GMP-S

ManufacturerPart #DatasheetDescription
logo
Copal Electronics
PG-35 COPAL-PG-35_16 Datasheet
191Kb / 6P
   PRESSURE GAUGES
PG-30 COPAL-PG-30 Datasheet
124Kb / 6P
   PRESSURE GAUGES
PG-35H COPAL-PG-35H_16 Datasheet
108Kb / 4P
   PRESSURE GAUGES
PG-20 COPAL-PG-20_16 Datasheet
143Kb / 4P
   PRESSURE GAUGES
PG-208 COPAL-PG-208_16 Datasheet
129Kb / 8P
   PRESSURE GAUGES
PG-35L COPAL-PG-35L_16 Datasheet
126Kb / 4P
   PRESSURE GAUGES
logo
Ralston Instruments.
QTHA-HCBL-45 RALSTON-QTHA-HCBL-45 Datasheet
645Kb / 1P
   Connect to pressure gauges, pressure calibrators and adapters easily and quickly
logo
Extech Instruments Corp...
475040 EXTECH-475040_15 Datasheet
367Kb / 1P
   Digital Forge Gauges
TKG150 EXTECH-TKG150 Datasheet
963Kb / 2P
   Ultrasonic Thickness Gauges
475044 EXTECH-475044_15 Datasheet
367Kb / 1P
   Digital Forge Gauges
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com