Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PQ60120EGw07xyS Datasheet(PDF) 9 Page - SynQor Worldwide Headquarters

Part # PQ60120EGw07xyS
Description  Thermal shutdown protects converter from abnormal environmental conditions
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SYNQOR [SynQor Worldwide Headquarters]
Direct Link  http://www.synqor.com
Logo SYNQOR - SynQor Worldwide Headquarters

PQ60120EGw07xyS Datasheet(HTML) 9 Page - SynQor Worldwide Headquarters

Back Button PQ60120EGw07xyS Datasheet HTML 5Page - SynQor Worldwide Headquarters PQ60120EGw07xyS Datasheet HTML 6Page - SynQor Worldwide Headquarters PQ60120EGw07xyS Datasheet HTML 7Page - SynQor Worldwide Headquarters PQ60120EGw07xyS Datasheet HTML 8Page - SynQor Worldwide Headquarters PQ60120EGw07xyS Datasheet HTML 9Page - SynQor Worldwide Headquarters PQ60120EGw07xyS Datasheet HTML 10Page - SynQor Worldwide Headquarters PQ60120EGw07xyS Datasheet HTML 11Page - SynQor Worldwide Headquarters PQ60120EGw07xyS Datasheet HTML 12Page - SynQor Worldwide Headquarters PQ60120EGw07xyS Datasheet HTML 13Page - SynQor Worldwide Headquarters  
Zoom Inzoom in Zoom Outzoom out
 9 / 13 page
background image
Product # PQ60010EGL20
Phone 1-888-567-9596
www.synqor.com
Doc.# 005-2EG601G Rev. B
1/22/08
Page 9
Input:
Input:
Output:
Output:
Current:
Current:
PPackage:
ackage:
35-75 V
35-75 V
1.0 V
1.0 V
20 A
20 A
Eighth-brick
Eighth-brick
T
Technical S
echnical Specification
pecification
BASIC OPERATION AND FEATURES
The PowerQor series converter uses a two-stage power conver-
sion topology. The first stage is a buck-converter that keeps the
output voltage constant over variations in line, load, and temper-
ature. The second stage uses a transformer to provide the func-
tions of input/output isolation and voltage step-down to achieve
the low output voltage required.
Both the first stage and the second stage switch at a fixed fre-
quency for predictable EMI performance. Rectification of the
transformer’s output is accomplished with synchronous rectifiers.
These devices, which are MOSFETs with a very low on-state resis-
tance, dissipate far less energy than Schottky diodes. This is the
primary reason that the PowerQor converter has such high effi-
ciency, even at very low output voltages and very high output cur-
rents.
Dissipation throughout the converter is so low that it does not
require a heatsink for operation. Since a heatsink is not required,
the PowerQor converter does not need a metal baseplate or pot-
ting material to help conduct the dissipated energy to the
heatsink. The PowerQor converter can thus be built more simply
and reliably using high yield surface mount techniques on a PCB
substrate.
The PowerQor series of eighth-brick, quarter-brick and half-brick
converters uses the industry standard footprint and pin-out con-
figuration.
CONTROL FEATURES
REMOTE ON/OFF (Pin 2): The ON/OFF input, Pin 2, permits
the user to control when the converter is on or off. This input is
referenced to the return terminal of the input bus, Vin(-). There are
two versions of the converter that differ by the sense of the logic
used for the ON/OFF input.
In the positive logic version, the ON/OFF input is active high
(meaning that a high turns the converter on). In the negative logic
version, the ON/OFF signal is active low (meaning that a low
turns the converter on). Figure A details five possible circuits for
driving the ON/OFF pin. Figure B is a detailed look of the inter-
nal ON/OFF circuitry.
REMOTE SENSE(+) (Pins 7 and 5): The SENSE(+) inputs cor-
rect for voltage drops along the conductors that connect the con-
verter’s output pins to the load.
Pin 7 should be connected to Vout(+) and Pin 5 should be con-
nected to Vout(-) at the point on the board where regulation is
desired. A remote connection at the load can adjust for a voltage
drop only as large as that specified in this datasheet, that is
[Vout(+) - Vout(-)] [Vsense(+) - Vsense(-)] <
Sense Range % x Vout
Pins 7 and 5 must be connected for proper regulation of the out-
put voltage. If these connections are not made, the converter will
deliver an output voltage that is slightly higher than its specified
value.
The converter has 100W internal resistors connected
between the output and sense pins (see diagram below).
Note: The output over-voltage protection circuit senses the volt-
Open Collector Enable Circuit
Figure A: Various circuits for driving the ON/OFF pin.
Figure B: Internal ON/OFF pin circuitry
Remote Enable Circuit
Direct Logic Drive
Negative Logic
(Permanently Enabled)
Positive Logic
(Permanently Enabled)
ON/OFF
Vin(_
)
ON/OFF
ON/OFF
Vin(_
)
ON/OFF
5V
TTL/
CMOS
Vin(_
)
ON/OFF
Vin(_)
Vin(_
)
TTL
5V
50k
274k
Vin(+)
ON/OFF
Vin(_)
50k
100pF
100
100
Vout(_)
Vsense(_)
Vsense(+)
Vout(+)


Similar Part No. - PQ60120EGw07xyS

ManufacturerPart #DatasheetDescription
logo
SynQor Worldwide Headqu...
PQ60120EGw07xyS SYNQOR-PQ60120EGw07xyS Datasheet
544Kb / 13P
   Industry standard eighth-brick pin-out configuration
PQ60120EGw07xyS SYNQOR-PQ60120EGw07xyS Datasheet
5Mb / 13P
   Input under-voltage lockout disables converter at low
PQ60120EGw07xyS SYNQOR-PQ60120EGw07xyS Datasheet
4Mb / 13P
   Input under-voltage lockout disables converter at low input voltage conditions
PQ60120EGw07xyS SYNQOR-PQ60120EGw07xyS Datasheet
599Kb / 13P
   Thermal shutdown protects converter from abnormal environmental conditions
More results

Similar Description - PQ60120EGw07xyS

ManufacturerPart #DatasheetDescription
logo
SynQor Worldwide Headqu...
PQ60015EGL20 SYNQOR-PQ60015EGL20 Datasheet
599Kb / 13P
   Thermal shutdown protects converter from abnormal environmental conditions
PQ60150EKXXX SYNQOR-PQ60150EKXXX Datasheet
844Kb / 15P
   Thermal shutdown protects converter from abnormal environmental conditions
logo
Maxim Integrated Produc...
MAX14915EVKIT MAXIM-MAX14915EVKIT Datasheet
1Mb / 13P
   Open-wire, Overload, Undervoltage, Overcurrent, Thermal Shutdown Fault Conditions Indication
Rev 0; 9/18
logo
STMicroelectronics
STEVAL-ISA159V1 STMICROELECTRONICS-STEVAL-ISA159V1 Datasheet
188Kb / 4P
   Thermal shutdown
May 2015 Rev 2
STEVAL-ILL046V2 STMICROELECTRONICS-STEVAL-ILL046V2 Datasheet
216Kb / 4P
   Thermal shutdown
May 2016 Rev 2
EV-VN7010AJ STMICROELECTRONICS-EV-VN7010AJ Datasheet
512Kb / 7P
   Thermal shutdown indication
EV-VN7050AS STMICROELECTRONICS-EV-VN7050AS Datasheet
430Kb / 7P
   Thermal shutdown indication
EV-VN7140AJ STMICROELECTRONICS-EV-VN7140AJ Datasheet
436Kb / 7P
   Thermal shutdown indication
EV-VN7016AJ STMICROELECTRONICS-EV-VN7016AJ Datasheet
513Kb / 7P
   Thermal shutdown indication
logo
Skyworks Solutions Inc.
AAT4685 SKYWORKS-AAT4685 Datasheet
1Mb / 17P
   thermal shutdown protection
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com