Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EMK105CH100J Datasheet(PDF) 5 Page - Taiyo Yuden (U.S.A.), Inc

Part # EMK105CH100J
Description  Wireless LAN and Bluetooth Module Evaluation Board
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TAIYO-YUDEN [Taiyo Yuden (U.S.A.), Inc]
Direct Link  http://www.t-yuden.com/
Logo TAIYO-YUDEN - Taiyo Yuden (U.S.A.), Inc

EMK105CH100J Datasheet(HTML) 5 Page - Taiyo Yuden (U.S.A.), Inc

  EMK105CH100J Datasheet HTML 1Page - Taiyo Yuden (U.S.A.), Inc EMK105CH100J Datasheet HTML 2Page - Taiyo Yuden (U.S.A.), Inc EMK105CH100J Datasheet HTML 3Page - Taiyo Yuden (U.S.A.), Inc EMK105CH100J Datasheet HTML 4Page - Taiyo Yuden (U.S.A.), Inc EMK105CH100J Datasheet HTML 5Page - Taiyo Yuden (U.S.A.), Inc EMK105CH100J Datasheet HTML 6Page - Taiyo Yuden (U.S.A.), Inc EMK105CH100J Datasheet HTML 7Page - Taiyo Yuden (U.S.A.), Inc EMK105CH100J Datasheet HTML 8Page - Taiyo Yuden (U.S.A.), Inc  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
Mar.31.2016 Ver.1.1
TAIYO YUDEN CO., LTD.
TAIYO YUDEN CO., LTD.
5 / 8
WBSBHVGXG
Evaluation board layout
Pin description of evaluation board
TE8561-1
CN1: DC Power Supply
No.
Pin name
Direction
Description
1
5V
Input
5.0V input.
2
GND
GND
Ground
CN2: VIO Voltage Select (Default Setting: 1-2 short.)
No.
Pin name
Direction
Description
1
3.3V
Output
3.3V output.
2
VIO
Input
Input for VIO.
3
1.8V
Output
1.8V output.
CN3: VIO_SD Voltage Select (Default Setting: 1-2 short.)
No.
Pin name
Direction
Description
1
3.3V
Output
3.3V output.
2
VIO
Input
Input for VIO_SD.
3
1.8V
Output
1.8V output.
CN3: VIO_SD voltage select
WLAN and Bluetooth Module
(WYSBHVGXG)
Marvel 88W8887 module
CN1: DC power supply (5V)
(Default)
(Blue: GND)
CN2: VIO voltage select
CN9:
ANT_CN(WLAN/BTRF)
ANT 1
SW1: Reset SW


Similar Part No. - EMK105CH100J

ManufacturerPart #DatasheetDescription
logo
Taiyo Yuden (U.S.A.), I...
EMK105C6105KV-F TAIYO-YUDEN-EMK105C6105KV-F Datasheet
285Kb / 2P
   High Value Multilayer Ceramic Capacitors (High dielectric type)
EMK105C6105MV-F TAIYO-YUDEN-EMK105C6105MV-F Datasheet
285Kb / 2P
   High Value Multilayer Ceramic Capacitors (High dielectric type)
EMK105CC6225KV-F TAIYO-YUDEN-EMK105CC6225KV-F Datasheet
408Kb / 3P
   Multilayer Ceramic Capacitors (High dielectric type)
EMK105CC6225MV-F TAIYO-YUDEN-EMK105CC6225MV-F Datasheet
143Kb / 1P
   High Value Multilayer Ceramic Capacitors (High dielectric type)
More results

Similar Description - EMK105CH100J

ManufacturerPart #DatasheetDescription
logo
Taiyo Yuden (U.S.A.), I...
WBSACVLXY-1 TAIYO-YUDEN-WBSACVLXY-1 Datasheet
310Kb / 8P
   Wireless LAN Module Evaluation Board
WYSBHVGXG TAIYO-YUDEN-WYSBHVGXG Datasheet
465Kb / 22P
   Wireless LAN Bluetooth Module
logo
Abracon Corporation
ABBTM-2.4GHZ-EVAL ABRACON-ABBTM-2.4GHZ-EVAL Datasheet
2Mb / 4P
   Bluetooth Module Evaluation Board
01.26.12
logo
Soshin electric Co., Lt...
DBF70B001 SOSHIN-DBF70B001 Datasheet
90Kb / 2P
   2.4GHz Wireless LAN & Bluetooth
DBF71A001 SOSHIN-DBF71A001 Datasheet
120Kb / 2P
   2.4GHz Wireless LAN & Bluetooth
DBF70A001 SOSHIN-DBF70A001 Datasheet
92Kb / 2P
   2.4GHz Wireless LAN & Bluetooth
DBF71B001 SOSHIN-DBF71B001 Datasheet
135Kb / 2P
   2.4GHz Wireless LAN & Bluetooth
HMD960U SOSHIN-HMD960U Datasheet
113Kb / 3P
   2.5GHz Balun for Bluetooth, Wireless LAN and WiMAX
HMD962U SOSHIN-HMD962U Datasheet
118Kb / 3P
   2.5GHz Balun for Bluetooth,Wireless LAN and WiMAX
HMD967C SOSHIN-HMD967C Datasheet
120Kb / 3P
   2.4GHz Balun for Bluetooth,Wireless LAN
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com