Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MCR01MZSJ104 Datasheet(PDF) 8 Page - Taiyo Yuden (U.S.A.), Inc

Part # MCR01MZSJ104
Description  Wireless LAN and Bluetooth Module Evaluation Board
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TAIYO-YUDEN [Taiyo Yuden (U.S.A.), Inc]
Direct Link  http://www.t-yuden.com/
Logo TAIYO-YUDEN - Taiyo Yuden (U.S.A.), Inc

MCR01MZSJ104 Datasheet(HTML) 8 Page - Taiyo Yuden (U.S.A.), Inc

  MCR01MZSJ104 Datasheet HTML 1Page - Taiyo Yuden (U.S.A.), Inc MCR01MZSJ104 Datasheet HTML 2Page - Taiyo Yuden (U.S.A.), Inc MCR01MZSJ104 Datasheet HTML 3Page - Taiyo Yuden (U.S.A.), Inc MCR01MZSJ104 Datasheet HTML 4Page - Taiyo Yuden (U.S.A.), Inc MCR01MZSJ104 Datasheet HTML 5Page - Taiyo Yuden (U.S.A.), Inc MCR01MZSJ104 Datasheet HTML 6Page - Taiyo Yuden (U.S.A.), Inc MCR01MZSJ104 Datasheet HTML 7Page - Taiyo Yuden (U.S.A.), Inc MCR01MZSJ104 Datasheet HTML 8Page - Taiyo Yuden (U.S.A.), Inc  
Zoom Inzoom in Zoom Outzoom out
 8 / 8 page
background image
Mar.31.2016 Ver.1.1
TAIYO YUDEN CO., LTD.
TAIYO YUDEN CO., LTD.
8 / 8
WBSBHVGXG
Ref Name
Description
Value
Parts name and standard
Supplier
R30
RESISTOR
47kohm
MCR01 MZS J 473
ROHM or equivalent
R31
RESISTOR
0ohm
MCR01 MZS J 000
ROHM or equivalent
R32
RESISTOR
0ohm
MCR01 MZS J 000
ROHM or equivalent
R33
RESISTOR
0ohm
MCR01 MZS J 000
ROHM or equivalent
R34
RESISTOR
100kohm
MCR01 MZS J 104
ROHM or equivalent
R35
RESISTOR
100kohm
MCR01 MZS J 104
ROHM or equivalent
R36
N.M.
R37
N.M.
R38
RESISTOR
100kohm
MCR01 MZS J 104
ROHM or equivalent
R39
RESISTOR
0ohm
MCR01 MZS J 000
ROHM or equivalent
R40
RESISTOR
0ohm
MCR01 MZS J 000
ROHM or equivalent
R41
RESISTOR
0ohm
MCR01 MZS J 000
ROHM or equivalent
R42
RESISTOR
0ohm
MCR01 MZS J 000
ROHM or equivalent
R43
RESISTOR
0ohm
MCR01 MZS J 000
ROHM or equivalent
R44
RESISTOR
1kohm
MCR01 MZS J 102
ROHM or equivalent
R45
N.M.
R46
N.M.
R47
N.M.
R48
N.M.
D1
LED
SML-310
ROHM or equivalent
D2
N.M.
D3
N.M.
PCB
PCB
PB-TE8561-1


Similar Part No. - MCR01MZSJ104

ManufacturerPart #DatasheetDescription
logo
Rohm
MCR01MZP ROHM-MCR01MZP Datasheet
149Kb / 7P
   Thick Film Chip Resistors
MCR01MZPD ROHM-MCR01MZPD Datasheet
93Kb / 6P
   Thick film rectangular
MCR01MZPD ROHM-MCR01MZPD Datasheet
81Kb / 6P
   Thick film rectangular
MCR01MZPD100 ROHM-MCR01MZPD100 Datasheet
143Kb / 7P
   Thick Film Chip Resistors
MCR01MZPD100 ROHM-MCR01MZPD100 Datasheet
143Kb / 7P
   Thick Film Chip Resistors
More results

Similar Description - MCR01MZSJ104

ManufacturerPart #DatasheetDescription
logo
Taiyo Yuden (U.S.A.), I...
WBSACVLXY-1 TAIYO-YUDEN-WBSACVLXY-1 Datasheet
310Kb / 8P
   Wireless LAN Module Evaluation Board
WYSBHVGXG TAIYO-YUDEN-WYSBHVGXG Datasheet
465Kb / 22P
   Wireless LAN Bluetooth Module
logo
Abracon Corporation
ABBTM-2.4GHZ-EVAL ABRACON-ABBTM-2.4GHZ-EVAL Datasheet
2Mb / 4P
   Bluetooth Module Evaluation Board
01.26.12
logo
Soshin electric Co., Lt...
DBF70B001 SOSHIN-DBF70B001 Datasheet
90Kb / 2P
   2.4GHz Wireless LAN & Bluetooth
DBF71A001 SOSHIN-DBF71A001 Datasheet
120Kb / 2P
   2.4GHz Wireless LAN & Bluetooth
DBF70A001 SOSHIN-DBF70A001 Datasheet
92Kb / 2P
   2.4GHz Wireless LAN & Bluetooth
DBF71B001 SOSHIN-DBF71B001 Datasheet
135Kb / 2P
   2.4GHz Wireless LAN & Bluetooth
HMD960U SOSHIN-HMD960U Datasheet
113Kb / 3P
   2.5GHz Balun for Bluetooth, Wireless LAN and WiMAX
HMD962U SOSHIN-HMD962U Datasheet
118Kb / 3P
   2.5GHz Balun for Bluetooth,Wireless LAN and WiMAX
HMD967C SOSHIN-HMD967C Datasheet
120Kb / 3P
   2.4GHz Balun for Bluetooth,Wireless LAN
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com