Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IQXV-120 Datasheet(PDF) 1 Page - IQD Frequency Products Ltd

Part # IQXV-120
Description  VCXO Specification
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IQD [IQD Frequency Products Ltd]
Direct Link  http://www.iqdfrequencyproducts.com/
Logo IQD - IQD Frequency Products Ltd

IQXV-120 Datasheet(HTML) 1 Page - IQD Frequency Products Ltd

  IQXV-120 Datasheet HTML 1Page - IQD Frequency Products Ltd IQXV-120 Datasheet HTML 2Page - IQD Frequency Products Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
IQXV-120
VCXO Specification
ISSUE 2; October 2015
Outline (mm)
Description
Please note: This document is intended to illustrate the
general capability and versatility of IQD’s design. For specific
enquiries please contact one of IQD’s sales offices where we
can tailor a unique specification to meet your needs.
Wide pulling ranges available.
Frequency Parameters
Frequency
1.0MHz to 800.0MHz
Frequency Stability
±15.00ppm to ±100.00ppm
Nominal Frequency (f0) reference:
Temperature = 25°C ±3°C
Control Voltage = Mid point
Ageing (typical): ±3ppm per year
Electrical Parameters
Supply Voltage: Available in 5.0V and 3.3V
(Lower then 3.3V is available on request)
Typical Supply Current Draw (Sinewave):
Frequency @Vs=3.3V @Vs=5.0V
<25.0MHz
15mA
20mA
<80.0MHz
35mA
50mA
<190.0MHz 45mA
70mA
<500.0MHz 100mA
100mA
Frequency Adjustment
Pulling
±50 or ±100 or ±150ppm
Control Voltage Range:
For 3.3V supply = 1.65V ±1.5V
For 5.0V supply = 2.5V ±2.0V
Frequency Adjustment Range options:
±50ppm min
±100ppm min
±150ppm min
For wider pulling range please contact our sales offices
Operating Temperature Ranges
-10 to 60°C
-20 to 70°C
-40 to 85°C
Output Details
Output Compatability
HCMOS/Sinewave
Drive Capability
50ohms
HCMOS Output Levels (ref 15pF):
VoH = >90% Vs
VoL = <10% Vs
Duty Cycle = 40/60%
Rise and fall time = 10ns max
Sinewave Output Level (ref 50ohm):
@3.3V 0dBm typ
@5.0V 5dBm typ
Environmental Parameters
Storage Temperature Range: -55 to 105°C
Vibration: MIL-STD-883C, Method 2007, Condition A
Shock: MIL-STD-883C, Method 2002, Condition B
Printed on 26 Apr 16 15:34 using Model Data Sheet V1.2550
Page 1 of 2
Sales Office Contact Details:
USA: +1.760.318.2824
France: 0800 901 383
UK: +44 (0)1460 270200
Germany: 0800 1808 443
Email: info@iqdfrequencyproducts.com
Web: www.iqdfrequencyproducts.com


Similar Part No. - IQXV-120

ManufacturerPart #DatasheetDescription
logo
IQD Frequency Products ...
IQXV-100 IQD-IQXV-100 Datasheet
295Kb / 2P
   VCXO Specification
IQXV-110 IQD-IQXV-110 Datasheet
288Kb / 2P
   VCXO Specification
IQXV-190 IQD-IQXV-190 Datasheet
128Kb / 2P
   VCXO Specification
More results

Similar Description - IQXV-120

ManufacturerPart #DatasheetDescription
logo
IQD Frequency Products ...
IQXV-41 IQD-IQXV-41 Datasheet
300Kb / 2P
   VCXO Specification
IQXV-50 IQD-IQXV-50 Datasheet
290Kb / 2P
   VCXO Specification
IQXV-93 IQD-IQXV-93 Datasheet
158Kb / 3P
   VCXO Specification
IQXV-110 IQD-IQXV-110 Datasheet
288Kb / 2P
   VCXO Specification
CFPV-44 IQD-CFPV-44 Datasheet
820Kb / 2P
   VCXO Specification
IQXV-84 IQD-IQXV-84 Datasheet
194Kb / 3P
   VCXO Specification
IQXV-30 IQD-IQXV-30 Datasheet
314Kb / 2P
   VCXO Specification
IQXV-52 IQD-IQXV-52 Datasheet
290Kb / 2P
   VCXO Specification
CFPV-41 IQD-CFPV-41 Datasheet
819Kb / 2P
   VCXO Specification
CFPV-43 IQD-CFPV-43 Datasheet
807Kb / 2P
   VCXO Specification
CFPV-59 IQD-CFPV-59 Datasheet
392Kb / 2P
   VCXO Specification
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com