Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PQ60120EKw04xyz Datasheet(PDF) 7 Page - SynQor Worldwide Headquarters

Part # PQ60120EKw04xyz
Description  Output voltage trim permits custom voltages and voltage margining
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SYNQOR [SynQor Worldwide Headquarters]
Direct Link  http://www.synqor.com
Logo SYNQOR - SynQor Worldwide Headquarters

PQ60120EKw04xyz Datasheet(HTML) 7 Page - SynQor Worldwide Headquarters

Back Button PQ60120EKw04xyz Datasheet HTML 3Page - SynQor Worldwide Headquarters PQ60120EKw04xyz Datasheet HTML 4Page - SynQor Worldwide Headquarters PQ60120EKw04xyz Datasheet HTML 5Page - SynQor Worldwide Headquarters PQ60120EKw04xyz Datasheet HTML 6Page - SynQor Worldwide Headquarters PQ60120EKw04xyz Datasheet HTML 7Page - SynQor Worldwide Headquarters PQ60120EKw04xyz Datasheet HTML 8Page - SynQor Worldwide Headquarters PQ60120EKw04xyz Datasheet HTML 9Page - SynQor Worldwide Headquarters PQ60120EKw04xyz Datasheet HTML 10Page - SynQor Worldwide Headquarters PQ60120EKw04xyz Datasheet HTML 11Page - SynQor Worldwide Headquarters Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 15 page
background image
Product # PQ60120EKx04
Phone 1-888-567-9596
www.synqor.com
Doc.# 005-0005190 Rev. A
07/13/09
Page 7
Input:
Output:
Current:
Part No.:
35-75V
12V
4A
PQ60120EKx04
Technical Specification
0
2
4
6
8
10
0
1
2
3
4
Load Current (A)
35 Vin
48 Vin
75 Vin
60
65
70
75
80
85
90
95
100
0
1
2
3
4
Load Current (A)
35 Vin
48 Vin
75 Vin
3
4
5
6
100
200
300
400
Air Flow (LFM)
25º C
40º C
55º C
0
1
2
3
4
5
6
25
40
55
70
85
Ambient Air Temperature (ºC)
400 LFM (2.0 m/s)
300 LFM (1.5 m/s)
200 LFM (1.0 m/s)
100 LFM (0.5 m/s)
84.0
84.5
85.0
85.5
86.0
86.5
87.0
100
200
300
400
Air Flow (LFM)
25º C
40º C
55º C
Figure 1: Efficiency at nominal output voltage vs. load current for minimum,
nominal, and maximum input voltage at 25°C.
Figure 2: Efficiency at nominal output voltage and 60% rated power vs.
airflow rate for ambient air temperatures of 25°C, 40°C, and 55°C (nominal
input voltage).
Figure 3: Power dissipation at nominal output voltage vs. load current for
minimum, nominal, and maximum input voltage at 25°C.
Figure 4: Power dissipation at nominal output voltage and 60% rated power
vs. airflow rate for ambient air temperatures of 25°C, 40°C, and 55°C
(nominal input voltage).
Figure 5: Maximum output power derating curves vs. ambient air temperature
for airflow rates of 100 LFM through 400 LFM with air flowing from pin 3 to
pin 1 (nominal input voltage).
Figure 6: Thermal plot of converter at 4 amp load current (48W) with 55°C
air flowing at the rate of 200 LFM. Air is flowing from pin 3 to pin 1 (nominal
input voltage).
Semiconductor junction temperature is
within 1°C of surface temperature
PQ60-EK Figures


Similar Part No. - PQ60120EKw04xyz

ManufacturerPart #DatasheetDescription
logo
SynQor Worldwide Headqu...
PQ60120EGA07NKS SYNQOR-PQ60120EGA07NKS Datasheet
526Kb / 13P
   Eighth-brick DC/DC Converter
PQ60120EGA07NNS SYNQOR-PQ60120EGA07NNS Datasheet
526Kb / 13P
   Eighth-brick DC/DC Converter
PQ60120EGA07NRS SYNQOR-PQ60120EGA07NRS Datasheet
526Kb / 13P
   Eighth-brick DC/DC Converter
PQ60120EGA07NYS SYNQOR-PQ60120EGA07NYS Datasheet
526Kb / 13P
   Eighth-brick DC/DC Converter
PQ60120EGA07PKS SYNQOR-PQ60120EGA07PKS Datasheet
526Kb / 13P
   Eighth-brick DC/DC Converter
More results

Similar Description - PQ60120EKw04xyz

ManufacturerPart #DatasheetDescription
logo
SynQor Worldwide Headqu...
PQ60015EKX25 SYNQOR-PQ60015EKX25 Datasheet
1Mb / 15P
   Output voltage trim permits custom voltages and voltage margining
PQ50050HPB50 SYNQOR-PQ50050HPB50 Datasheet
1Mb / 14P
   Output voltage trim permits custom voltages and voltage margining
logo
Lineage Power Corporati...
AN04-005 LINEAGEPOWER-AN04-005 Datasheet
187Kb / 4P
   Margining and Voltage Programming
logo
Delta Electronics, Inc.
DCS DELTA-DCS Datasheet
1Mb / 20P
   Voltage and resistor-based trim
NC15 DELTA-NC15 Datasheet
1Mb / 14P
   Voltage and resistor-based trim
DNM04SIP10 DELTA-DNM04SIP10 Datasheet
843Kb / 16P
   Voltage and resistor-based trim
DNS10SIP06 DELTA-DNS10SIP06 Datasheet
706Kb / 15P
   Voltage and resistor-based trim
DNK12SIP DELTA-DNK12SIP Datasheet
1,008Kb / 15P
   Voltage and resistor-based trim
DNS04SMD06 DELTA-DNS04SMD06 Datasheet
931Kb / 17P
   Voltage and resistor-based trim
DNL04SIP16A DELTA-DNL04SIP16A Datasheet
940Kb / 16P
   Voltage and resistor-based trim
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com