Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PQ60120EKw04xyz Datasheet(PDF) 8 Page - SynQor Worldwide Headquarters

Part # PQ60120EKw04xyz
Description  Output voltage trim permits custom voltages and voltage margining
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SYNQOR [SynQor Worldwide Headquarters]
Direct Link  http://www.synqor.com
Logo SYNQOR - SynQor Worldwide Headquarters

PQ60120EKw04xyz Datasheet(HTML) 8 Page - SynQor Worldwide Headquarters

Back Button PQ60120EKw04xyz Datasheet HTML 4Page - SynQor Worldwide Headquarters PQ60120EKw04xyz Datasheet HTML 5Page - SynQor Worldwide Headquarters PQ60120EKw04xyz Datasheet HTML 6Page - SynQor Worldwide Headquarters PQ60120EKw04xyz Datasheet HTML 7Page - SynQor Worldwide Headquarters PQ60120EKw04xyz Datasheet HTML 8Page - SynQor Worldwide Headquarters PQ60120EKw04xyz Datasheet HTML 9Page - SynQor Worldwide Headquarters PQ60120EKw04xyz Datasheet HTML 10Page - SynQor Worldwide Headquarters PQ60120EKw04xyz Datasheet HTML 11Page - SynQor Worldwide Headquarters PQ60120EKw04xyz Datasheet HTML 12Page - SynQor Worldwide Headquarters Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 15 page
background image
35-75V
12V
4A
PQ60120EKx04
Product # PQ60120EKx04
Phone 1-888-567-9596
www.synqor.com
Doc.# 005-0005190 Rev. A
07/13/09
Page 8
Input:
Output:
Current:
Part No.:
35-75V
12V
4A
PQ60120EKx04
Technical Specification
0
1
2
3
4
5
25
40
55
70
85
Ambient Air Temperature (ºC)
400 LFM (2.0 m/s)
300 LFM (1.5 m/s)
200 LFM (1.0 m/s)
100 LFM (0.5 m/s)
Figure 7: Maximum output power derating curves vs. ambient air temperature
for airflow rates of 100 LFM through 400 LFM with air flowing across the
converter from input to output (nominal input voltage).
Figure 8: Thermal plot of converter 4A load current (48 W) with 55°C air
flowing at the rate of 200 LFM. Air is flowing across the converter from input
to output (nominal input voltage).
Figure 9: : Turn-on transient at full load (resistive load) (10 ms/div). Load
cap: 15µF tantalum capacitor and 1uF ceramic cap. Input voltage pre-
applied. Ch 1: Vout (5V/div). Ch 2: ON/OFF input (5 V/div).
Figure 10: : Turn-on transient at zero load (10 ms/div). Load cap: 15µF
tantalum capacitor and 1uF ceramic cap. Ch 1: Vout (5V/div), Ch 2: ON/OFF
input (5V/div)
Figure 11:Output voltage response to step-change in load current (50%-75%-
50% of Iout(max); dI/dt = 0.1A/µs). Load cap: 15µF tantalum cap and 1µF
ceramic cap. Ch 1: Vout (500mV/div), Ch 2: Iout (2A/div).
Figure 12: Output voltage response to step-change in load current (50%-
75%-50% of Iout(max): dI/dt = 1A/µs). Load cap: 470µF, 30 mΩ ESR
tantalum cap and 1µF ceramic cap. Ch 1: Vout (500mV/div), Ch 2: Iout
(2A/div).
Semiconductor junction temperature is
within 1°C of surface temperature


Similar Part No. - PQ60120EKw04xyz

ManufacturerPart #DatasheetDescription
logo
SynQor Worldwide Headqu...
PQ60120EGA07NKS SYNQOR-PQ60120EGA07NKS Datasheet
526Kb / 13P
   Eighth-brick DC/DC Converter
PQ60120EGA07NNS SYNQOR-PQ60120EGA07NNS Datasheet
526Kb / 13P
   Eighth-brick DC/DC Converter
PQ60120EGA07NRS SYNQOR-PQ60120EGA07NRS Datasheet
526Kb / 13P
   Eighth-brick DC/DC Converter
PQ60120EGA07NYS SYNQOR-PQ60120EGA07NYS Datasheet
526Kb / 13P
   Eighth-brick DC/DC Converter
PQ60120EGA07PKS SYNQOR-PQ60120EGA07PKS Datasheet
526Kb / 13P
   Eighth-brick DC/DC Converter
More results

Similar Description - PQ60120EKw04xyz

ManufacturerPart #DatasheetDescription
logo
SynQor Worldwide Headqu...
PQ60015EKX25 SYNQOR-PQ60015EKX25 Datasheet
1Mb / 15P
   Output voltage trim permits custom voltages and voltage margining
PQ50050HPB50 SYNQOR-PQ50050HPB50 Datasheet
1Mb / 14P
   Output voltage trim permits custom voltages and voltage margining
logo
Lineage Power Corporati...
AN04-005 LINEAGEPOWER-AN04-005 Datasheet
187Kb / 4P
   Margining and Voltage Programming
logo
Delta Electronics, Inc.
DCS DELTA-DCS Datasheet
1Mb / 20P
   Voltage and resistor-based trim
NC15 DELTA-NC15 Datasheet
1Mb / 14P
   Voltage and resistor-based trim
DNM04SIP10 DELTA-DNM04SIP10 Datasheet
843Kb / 16P
   Voltage and resistor-based trim
DNS10SIP06 DELTA-DNS10SIP06 Datasheet
706Kb / 15P
   Voltage and resistor-based trim
DNK12SIP DELTA-DNK12SIP Datasheet
1,008Kb / 15P
   Voltage and resistor-based trim
DNS04SMD06 DELTA-DNS04SMD06 Datasheet
931Kb / 17P
   Voltage and resistor-based trim
DNL04SIP16A DELTA-DNL04SIP16A Datasheet
940Kb / 16P
   Voltage and resistor-based trim
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com