Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PQ60120QEA25 Datasheet(PDF) 10 Page - SynQor Worldwide Headquarters

Part # PQ60120QEA25
Description  No minimum load requirement
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SYNQOR [SynQor Worldwide Headquarters]
Direct Link  http://www.synqor.com
Logo SYNQOR - SynQor Worldwide Headquarters

PQ60120QEA25 Datasheet(HTML) 10 Page - SynQor Worldwide Headquarters

Back Button PQ60120QEA25 Datasheet HTML 6Page - SynQor Worldwide Headquarters PQ60120QEA25 Datasheet HTML 7Page - SynQor Worldwide Headquarters PQ60120QEA25 Datasheet HTML 8Page - SynQor Worldwide Headquarters PQ60120QEA25 Datasheet HTML 9Page - SynQor Worldwide Headquarters PQ60120QEA25 Datasheet HTML 10Page - SynQor Worldwide Headquarters PQ60120QEA25 Datasheet HTML 11Page - SynQor Worldwide Headquarters PQ60120QEA25 Datasheet HTML 12Page - SynQor Worldwide Headquarters PQ60120QEA25 Datasheet HTML 13Page - SynQor Worldwide Headquarters PQ60120QEA25 Datasheet HTML 14Page - SynQor Worldwide Headquarters  
Zoom Inzoom in Zoom Outzoom out
 10 / 14 page
background image
Product # PQ60120QEx25
Phone 1-888-567-9596
www.synqor.com
Doc.# 005-2QE612J Rev. G
01/14/15
Page 10
Input:
35-75V
Output:
12V
Current:
25A
Package:
Quarter-brick
Applications Section
Applications Section
BASIC OPERATION AND FEATURES
This converter series uses a two-stage power conversion topology.
The first stage keeps the output voltage constant over variations in
line, load, and temperature. The second stage uses a transformer
to provide the functions of input/output isolation and voltage step-
down to achieve the low output voltage required.
Both the first stage and the second stage switch at a fixed frequency
for predictable EMI performance. Rectification of the transformer’s
output is accomplished with synchronous rectifiers. These devices,
which are MOSFETs with a very low on-state resistance, dissipate
significantly less energy than Schottky diodes, enabling the
converter to achieve high efficiency.
Dissipation throughout the converter is so low that it does not
require a heatsink for operation in many applications; however,
adding a heatsink provides improved thermal derating performance
in extreme situations. To further withstand harsh environments
and thermally demanding applications, certain models are available
baseplated or totally encased. See Ordering Information page for
available thermal design options.
SynQor quarter-brick converters use the industry standard footprint
and pin-out.
Open Collector Enable Circuit
Remote Enable Circuit
Direct Logic Drive
Negative Logic
(Permanently
Enabled)
(Permanently
Enabled)
ON/OFF
Vin(_
)
ON/OFF
ON/OFF
Vin(_
)
ON/OFF
5V
TTL/
CMOS
Vin(_
)
Vin(_
)
Positive Logic
ON/OFF
Vin(_
)
Figure A: Various Circuits for Driving the ON/OFF Pin.
CONTROL FEATURES
REMOTE ON/OFF (Pin 2): The ON/OFF input, Pin 2, permits
the user to control when the converter is on or off. This input is
referenced to the return terminal of the input bus, Vin(-).
In negative logic versions, the ON/OFF signal is active low (meaning
that a low voltage turns the converter on). In positive logic versions,
the ON/OFF input is active high (meaning that a high voltage turns
the converter on). Fig A details possible circuits for driving the ON/
OFF pin. See Ordering Information page for available enable logics.
REMOTE SENSE Pins 7(+) and 5(-): The SENSE(+) and
SENSE(-) inputs correct for voltage drops along the conductors that
connect the converter’s output pins to the load.
Pin 7 should connect to Vout(+) and Pin 5 should connect to Vout(-
) at the point on the board where regulation is desired. If these
connections are not made, the converter will deliver an output
voltage that is slightly higher than its specified value.
Note: the output over-voltage protection circuit senses the voltage
across the output (pins 8 and 4) to determine when it should trigger,
not the voltage across the converter’s sense leads (pins 7 and 5).
Therefore, the resistive drop on the board should be small enough
so that output OVP does not trigger, even during load transients.
OUTPUT VOLTAGE TRIM (Pin 6): The TRIM input permits the
user to adjust the output voltage across the sense leads up or down
according to the trim range specifications. SynQor uses industry
standard trim equations.
To decrease the output voltage, the user should connect a resistor
between Pin 6 (TRIM) and Pin 5 (SENSE(-) input). For a desired
decrease of the nominal output voltage, the value of the resistor
should be:
Rtrim-down =
(
511%
10.22
)
Δ%
where
Δ% =
|
Vnominal – Vdesired | × 100%
Vnominal
[ ( Vnominal 2 )×Vdesired+Vnominal]
Rtrim-up = 5.11
1.225
Vdesired – Vnominal
To increase the output voltage, the user should connect a resistor
between Pin 6 (TRIM) and Pin 7 (SENSE(+) input). For a desired
increase of the nominal output voltage, the value of the resistor
should be:
The Trim Graph in Figure B shows the relationship between the
trim resistor value and Rtrim-up and Rtrim-down, showing the total
range the output voltage can be trimmed up or down.
Note: The TRIM feature does not affect the voltage at which the
output over-voltage protection circuit is triggered. Trimming the
output voltage too high may cause the over-voltage protection
circuit to engage, particularly during transients.


Similar Part No. - PQ60120QEA25

ManufacturerPart #DatasheetDescription
logo
SynQor Worldwide Headqu...
PQ60120QEA25NKS-G SYNQOR-PQ60120QEA25NKS-G Datasheet
1Mb / 13P
   Quarter-brick DC/DC Converter
PQ60120QEA25NNS-G SYNQOR-PQ60120QEA25NNS-G Datasheet
1Mb / 13P
   Quarter-brick DC/DC Converter
PQ60120QEA25NRS-G SYNQOR-PQ60120QEA25NRS-G Datasheet
1Mb / 13P
   Quarter-brick DC/DC Converter
PQ60120QEA25NYS-G SYNQOR-PQ60120QEA25NYS-G Datasheet
1Mb / 13P
   Quarter-brick DC/DC Converter
PQ60120QEA25PKS-G SYNQOR-PQ60120QEA25PKS-G Datasheet
1Mb / 13P
   Quarter-brick DC/DC Converter
More results

Similar Description - PQ60120QEA25

ManufacturerPart #DatasheetDescription
logo
Minmax Technology Co., ...
MIW03 MINMAX-MIW03 Datasheet
482Kb / 5P
   No Minimum Load Requirement
logo
SynQor Worldwide Headqu...
BQ55090QZB84 SYNQOR-BQ55090QZB84 Datasheet
2Mb / 13P
   No minimum load requirement
logo
Artesyn Technologies
AVO100-48S28B-6L ARTESYN-AVO100-48S28B-6L Datasheet
1Mb / 3P
   No minimum load requirement
logo
SynQor Worldwide Headqu...
PQ60015EGL25 SYNQOR-PQ60015EGL25 Datasheet
539Kb / 13P
   No minimum load requirement means no preload resistors required
PQ60500HZX12 SYNQOR-PQ60500HZX12 Datasheet
3Mb / 16P
   No minimum load requirement means no preload resistors required
PQ60240HZX25 SYNQOR-PQ60240HZX25 Datasheet
3Mb / 16P
   No minimum load requirement means no preload resistors required
logo
Delta Electronics, Inc.
E48SC3R320 DELTA-E48SC3R320 Datasheet
539Kb / 15P
   No minimum load required
logo
Wurth Elektronik GmbH &...
177920524 WURTH-177920524 Datasheet
1Mb / 21P
   No minimum load required
logo
Delta Electronics, Inc.
D12S1R830 DELTA-D12S1R830 Datasheet
500Kb / 11P
   No minimum load required
DNT12SMD03 DELTA-DNT12SMD03 Datasheet
600Kb / 12P
   No minimum load required
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com