Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PQ60240HZX25 Datasheet(PDF) 9 Page - SynQor Worldwide Headquarters

Part # PQ60240HZX25
Description  No minimum load requirement means no preload resistors required
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SYNQOR [SynQor Worldwide Headquarters]
Direct Link  http://www.synqor.com
Logo SYNQOR - SynQor Worldwide Headquarters

PQ60240HZX25 Datasheet(HTML) 9 Page - SynQor Worldwide Headquarters

Back Button PQ60240HZX25 Datasheet HTML 5Page - SynQor Worldwide Headquarters PQ60240HZX25 Datasheet HTML 6Page - SynQor Worldwide Headquarters PQ60240HZX25 Datasheet HTML 7Page - SynQor Worldwide Headquarters PQ60240HZX25 Datasheet HTML 8Page - SynQor Worldwide Headquarters PQ60240HZX25 Datasheet HTML 9Page - SynQor Worldwide Headquarters PQ60240HZX25 Datasheet HTML 10Page - SynQor Worldwide Headquarters PQ60240HZX25 Datasheet HTML 11Page - SynQor Worldwide Headquarters PQ60240HZX25 Datasheet HTML 12Page - SynQor Worldwide Headquarters PQ60240HZX25 Datasheet HTML 13Page - SynQor Worldwide Headquarters Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 16 page
background image
Input:
35-75V
Output:
24V
Current:
25A
Package:
Half-brick
Input:
35-75V
Output:
24V
Current:
25A
Package:
Half-brick
Product # PQ60240HZx25
Phone 1-888-567-9596
www.synqor.com
Doc.# 005-0005987 Rev. D
03/04/14
Page 9
Input:
35-75V
Output:
24V
Current:
25A
Package:
Half-brick
0
5
10
15
20
25
0
5
10
15
20
25
30
35
Load Current (A)
35Vin
48Vin
75Vin
Current-Limit
Shutdown
source
impedance
DC-DC
Converter
Input
Terminal
Ripple
Current
Input
Reflected
Ripple
Current
Output
Voltage
Ripple
ceramic
capacitor capacitor
electrolytic
electrolytic
capacitor
VSOURCE
VOUT
i
S
i
C
Figure 13: Test Set-up Diagram showing measurement points for Input Terminal
Ripple Current (Figure 14), Input Reflected Ripple Current (Figure 15) and
Output Voltage Ripple (Figure 16).
Figure 14: Input Terminal Ripple Current, ic, at full rated output current and
nominal input voltage with 4.7µH source impedance and 220µF electrolytic
capacitor (Ch.1 500mA/div, 2µs/div). (See Figure 13).
Figure 15: Input Reflected Ripple Current, is, through a 4.7 µH source inductor
at nominal input voltage and rated load current (10 mA/div, 2µs/div). (See
Figure 13).
Figure 16: Output Ripple voltage at nominal input voltage and rated load
current (200 mV/div, 2µs/div). Load capacitance: 1µF ceramic and 15µF
tantalum output capacitors. Bandwidth: 20 MHz. (See Figure 13).
Figure 17: Output I-V Characteristics (output voltage vs. load current) showing
typical current limit curves and converter shutdown points.
Figure 18: Output Short Load Current (20A/div) as a function of time when the
converter attempts to turn on into a 1 mΩ short circuit (20ms/div).
Technical Figures


Similar Part No. - PQ60240HZX25

ManufacturerPart #DatasheetDescription
logo
SynQor Worldwide Headqu...
PQ60240EGA03NKS SYNQOR-PQ60240EGA03NKS Datasheet
523Kb / 3P
   Dual Digital Silicon Transistor
PQ60240EGA03NNS SYNQOR-PQ60240EGA03NNS Datasheet
523Kb / 3P
   Dual Digital Silicon Transistor
PQ60240EGA03NRS SYNQOR-PQ60240EGA03NRS Datasheet
523Kb / 3P
   Dual Digital Silicon Transistor
PQ60240EGA03NYS SYNQOR-PQ60240EGA03NYS Datasheet
523Kb / 3P
   Dual Digital Silicon Transistor
PQ60240EGA03PKS SYNQOR-PQ60240EGA03PKS Datasheet
523Kb / 3P
   Dual Digital Silicon Transistor
More results

Similar Description - PQ60240HZX25

ManufacturerPart #DatasheetDescription
logo
SynQor Worldwide Headqu...
PQ60015EGL25 SYNQOR-PQ60015EGL25 Datasheet
539Kb / 13P
   No minimum load requirement means no preload resistors required
PQ60500HZX12 SYNQOR-PQ60500HZX12 Datasheet
3Mb / 16P
   No minimum load requirement means no preload resistors required
logo
Delta Electronics, Inc.
E48SC3R320 DELTA-E48SC3R320 Datasheet
539Kb / 15P
   No minimum load required
logo
Wurth Elektronik GmbH &...
177920524 WURTH-177920524 Datasheet
1Mb / 21P
   No minimum load required
logo
Delta Electronics, Inc.
D12S1R830 DELTA-D12S1R830 Datasheet
500Kb / 11P
   No minimum load required
DNT12SMD03 DELTA-DNT12SMD03 Datasheet
600Kb / 12P
   No minimum load required
NC40 DELTA-NC40 Datasheet
993Kb / 14P
   No minimum load required
DNL10SIP20 DELTA-DNL10SIP20 Datasheet
878Kb / 17P
   No minimum load required
logo
Minmax Technology Co., ...
MIW03 MINMAX-MIW03 Datasheet
482Kb / 5P
   No Minimum Load Requirement
logo
SynQor Worldwide Headqu...
PQ60120QEA25 SYNQOR-PQ60120QEA25 Datasheet
2Mb / 14P
   No minimum load requirement
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com