Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IDCP-3114NB100M Datasheet(PDF) 1 Page - Vishay Siliconix

Part # IDCP-3114NB100M
Description  High Current, Surface Mount Inductor
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

IDCP-3114NB100M Datasheet(HTML) 1 Page - Vishay Siliconix

  IDCP-3114NB100M Datasheet HTML 1Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
www.vishay.com
40
IDCP-3114
Vishay Dale
Document Number 34091
Revision 11-Aug-04
For technical questions, contact Magnetics@vishay.com
High Current, Surface Mount Inductor
ELECTRICAL SPECIFICATIONS
Inductance Range: 10.0µH to 330µH.
Inductance Tolerance: 20%.
Operating Temperature: - 25°C to + 105°C.
Storage Temperature: - 40°C to 125°C.
Resistance to Solder Heat: 260°C for 10 seconds.
DESCRIPTION
IDCP-3114
MODEL
10
µH
INDUCTANCE
VALUE
± 20%
INDUCTANCE
TOLERANCE
FEATURES
• High energy storage.
• Low resistance.
• Tape and reel packaging for automatic handling.
MATERIALS
Core: Ferrite.
Wire: Enamelled copper wire.
Terminal: Ag + Ni + Sn/Pb.
DIMENSIONS in inches [millimeters]
B
F
D
E
STANDARD ELECTRICAL SPECIFICATIONS
C
A
RATED
TEST
DCR
DC
INDUCTANCE
FREQUENCY
MAXIMUM
CURRENT*
(
µH)
L
(Ohms)
(A)
10.0
2.52MHz
0.08
1.44
12.0
2.52MHz
0.09
1.39
15.0
2.52MHz
0.10
1.24
18.0
2.52MHz
0.11
1.12
22.0
2.52MHz
0.13
1.07
27.0
2.52MHz
0.15
0.94
33.0
2.52MHz
0.17
0.85
39.0
2.52MHz
0.22
0.74
47.0
2.52MHz
0.25
0.68
56.0
2.52MHz
0.28
0.64
68.0
2.52MHz
0.33
0.59
82.0
2.52MHz
0.41
0.54
100.0
1KHz
0.48
0.51
120.0
1KHz
0.54
0.49
150.0
1KHz
0.75
0.40
180.0
1KHz
1.02
0.36
220.0
1KHz
1.20
0.31
270.0
1KHz
1.31
0.29
330.0
1KHz
1.50
0.28
AB
C
0.307 ± 0.01
0.138 ± 0.02
0.276 ± 0.01
[7.8 ± 0.3]
[3.5± 0.5]
[7.0 ± 0.3]
DE
F
0.296
0.118
0.079
[7.5]
[3.0]
[2.0]
*Rated Current: Value obtained when current flows and the temperature
has risen 40°C or when DC current flows and the
initial value of inductance has fallen by 10%,
whichever is smaller.
E
SAP PART NUMBERING GUIDELINES (INTERNAL)
PRODUCT FAMILY
SIZE
See the end of this data book for conversion tables
INDUCTANCE
VALUE
PACKAGE
CODE
TOL.
I
D
C
P
31
14
N
B
1
0
0
M
TYPICAL PAD LAYOUT


Similar Part No. - IDCP-3114NB100M

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
IDCP-3114 VISHAY-IDCP-3114 Datasheet
244Kb / 2P
   SMD Magnetics Packaging Methods
Revision: 15-Jan-14
IDCP-3114 VISHAY-IDCP-3114 Datasheet
90Kb / 2P
   High Current, Surface Mount Inductors - Non-Shielded
Revision: 20-Jun-17
IDCP-3114 VISHAY-IDCP-3114 Datasheet
88Kb / 2P
   High Current, Surface Mount Inductors - Non-Shielded
01-Jan-2022
IDCP-3114-ER-100-M VISHAY-IDCP-3114-ER-100-M Datasheet
90Kb / 2P
   High Current, Surface Mount Inductors - Non-Shielded
Revision: 20-Jun-17
IDCP-3114ER100M VISHAY-IDCP-3114ER100M Datasheet
89Kb / 2P
   High Current, Surface Mount Inductors - Non-Shielded
More results

Similar Description - IDCP-3114NB100M

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
IDCP-3020 VISHAY-IDCP-3020 Datasheet
106Kb / 2P
   High Current, Surface Mount Inductor
Revision: 09-Jun-05
IDC-7328 VISHAY-IDC-7328 Datasheet
113Kb / 1P
   High Current, Surface Mount Inductor
Revision 28-Aug-02
IHSM-4825 VISHAY-IHSM-4825_06 Datasheet
88Kb / 2P
   High Current, Surface Mount Inductor
Revision: 10-Aug-06
IDCP-1813 VISHAY-IDCP-1813_05 Datasheet
115Kb / 2P
   High Current, Surface Mount Inductor
Revision: 09-Jun-05
IDC-2512 VISHAY-IDC-2512_05 Datasheet
99Kb / 2P
   High Current, Surface Mount Inductor
Revision: 12-Apr-05
IDCP-2218 VISHAY-IDCP-2218_06 Datasheet
114Kb / 2P
   High Current, Surface Mount Inductor
Revision: 16-Jan-06
IDCP-3114 VISHAY-IDCP-3114_06 Datasheet
112Kb / 2P
   High Current, Surface Mount Inductor
Revision: 16-Jan-06
IDCP-3916 VISHAY-IDCP-3916 Datasheet
113Kb / 2P
   High Current, Surface Mount Inductor
Revision: 16-Jan-06
IHSM-7832 VISHAY-IHSM-7832 Datasheet
110Kb / 1P
   High Current, Surface Mount Inductor
Revision 20-Jan-03
IDCP-2218 VISHAY-IDCP-2218 Datasheet
127Kb / 2P
   High Current, Surface Mount Inductor
Revision 09-Jun-05
IDC-5020 VISHAY-IDC-5020 Datasheet
86Kb / 1P
   High Current, Surface Mount Inductor
Revision: 20-Sep-13
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com