Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SQ60120ETA20 Datasheet(PDF) 1 Page - SynQor Worldwide Headquarters

Part # SQ60120ETA20
Description  Industry standard eighth-brick pin-out configuration
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SYNQOR [SynQor Worldwide Headquarters]
Direct Link  http://www.synqor.com
Logo SYNQOR - SynQor Worldwide Headquarters

SQ60120ETA20 Datasheet(HTML) 1 Page - SynQor Worldwide Headquarters

  SQ60120ETA20 Datasheet HTML 1Page - SynQor Worldwide Headquarters SQ60120ETA20 Datasheet HTML 2Page - SynQor Worldwide Headquarters SQ60120ETA20 Datasheet HTML 3Page - SynQor Worldwide Headquarters SQ60120ETA20 Datasheet HTML 4Page - SynQor Worldwide Headquarters SQ60120ETA20 Datasheet HTML 5Page - SynQor Worldwide Headquarters SQ60120ETA20 Datasheet HTML 6Page - SynQor Worldwide Headquarters SQ60120ETA20 Datasheet HTML 7Page - SynQor Worldwide Headquarters SQ60120ETA20 Datasheet HTML 8Page - SynQor Worldwide Headquarters SQ60120ETA20 Datasheet HTML 9Page - SynQor Worldwide Headquarters Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 14 page
background image
Product # SQ60120ETA20
Phone 1-888-567-9596
www.synqor.com
Doc.# 005-0005817 Rev. G
12/04/2015
Page 1
Technical
Specification
SQ60120ETA20
Contents
®
Operational Features
• Ultra-high efficiency, 94% at full rated load current
• Delivers 20A (240W) power with minimal derating
- no heatsink required
• Wide input voltage range: 35-75Vdc
with 100V 100ms input voltage transient capability
• Fixed frequency switching provides predictable EMI
Protection Features
• Input under-voltage lockout and over-voltage shutdown protects
against abnormal input voltages
• Output current limit and short circuit protection
• Output over-voltage protection
• Thermal shutdown
SQ60120ETA20 Model
Control Features
• On/Off control referenced to input side
• Inherent current share (by droop method) for high current
and parallel applications.
Mechanical Features
• Industry standard eighth-brick pin-out configuration
• Size: 0.90” x 2.3” (22.9x58.4mm), 0.498” (12.65mm)
• Total weight: 1.25 oz (35 g)
The BusQor® SQ60120ETA20 bus converter is a next-
generation, board-mountable, isolated, fixed switching
frequency dc-dc converter that uses synchronous
rectification to achieve extremely high conversion
efficiency. The power dissipated by the converter is
so low that a heatsink is not required, which saves
cost, weight, height, and application effort. The SQ
BusQor series provides an isolated step down voltage
from 48V to a semi-regulated 12V intermediate bus.
BusQor converters are ideal for customers who need
multiple outputs and wish to build or buy point of load
converters to work with a 12V rail. RoHS Compliant
(see last page).
Safety Features
• UL 60950-1/R2011-12
• EN60950-1/A2:2013
• CAN/CSA-C22.2 No. 60950-1/A1:2011
35-75V
100V
12V
240W
2250V dc
Eighth-brick
Continuous Input Transient Input
Output
Max Power
Isolation
DC-DC Converter
Page No.
Open Frame Mechanical Diagram . . . . . . . . . . . . . . . . . . . . . . . . . . . . 2
Electrical Characteristics. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 3
Standards & Qualifications . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 5
Figures . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 6
Application Section . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 10
Ordering Information . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 14


Similar Part No. - SQ60120ETA20

ManufacturerPart #DatasheetDescription
logo
SynQor Worldwide Headqu...
SQ60120ETA17 SYNQOR-SQ60120ETA17 Datasheet
2Mb / 14P
   Output current limit and short circuit protection
SQ60120ETA17xyz-G SYNQOR-SQ60120ETA17xyz-G Datasheet
2Mb / 14P
   Output current limit and short circuit protection
More results

Similar Description - SQ60120ETA20

ManufacturerPart #DatasheetDescription
logo
SynQor Worldwide Headqu...
PQ60010EML15 SYNQOR-PQ60010EML15 Datasheet
529Kb / 13P
   Industry standard eighth-brick pin-out configuration
PQ60010EGL25 SYNQOR-PQ60010EGL25 Datasheet
544Kb / 13P
   Industry standard eighth-brick pin-out configuration
BQ4H136EEC45 SYNQOR-BQ4H136EEC45 Datasheet
1Mb / 13P
   Industry standard eighth-brick pin-out configuration
BQ57120QEX50 SYNQOR-BQ57120QEX50 Datasheet
2Mb / 14P
   Industry standard quarter-brick pin-out configuration
BQ57090EZB48 SYNQOR-BQ57090EZB48 Datasheet
2Mb / 13P
   Industry standard quarter-brick pin-out configuration
PQ60050SMX10 SYNQOR-PQ60050SMX10 Datasheet
1Mb / 15P
   Industry standard sixteenth-brick pin-out configuration
PQ60018SMX25 SYNQOR-PQ60018SMX25 Datasheet
824Kb / 15P
   Industry standard sixteenth-brick pin-out configuration
BQ55120EZB38 SYNQOR-BQ55120EZB38 Datasheet
2Mb / 13P
   Industry standard quarter-brick pin-out configuration
BQ55120QZB67 SYNQOR-BQ55120QZB67 Datasheet
2Mb / 13P
   Industry standard quarter-brick pin-out configuration
BQ57120QZB67 SYNQOR-BQ57120QZB67 Datasheet
2Mb / 13P
   Industry standard quarter-brick pin-out configuration
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com