Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SQ60120QEX25 Datasheet(PDF) 1 Page - SynQor Worldwide Headquarters

Part # SQ60120QEX25
Description  High efficiency, 96% at full rated load current
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SYNQOR [SynQor Worldwide Headquarters]
Direct Link  http://www.synqor.com
Logo SYNQOR - SynQor Worldwide Headquarters

SQ60120QEX25 Datasheet(HTML) 1 Page - SynQor Worldwide Headquarters

  SQ60120QEX25 Datasheet HTML 1Page - SynQor Worldwide Headquarters SQ60120QEX25 Datasheet HTML 2Page - SynQor Worldwide Headquarters SQ60120QEX25 Datasheet HTML 3Page - SynQor Worldwide Headquarters SQ60120QEX25 Datasheet HTML 4Page - SynQor Worldwide Headquarters SQ60120QEX25 Datasheet HTML 5Page - SynQor Worldwide Headquarters SQ60120QEX25 Datasheet HTML 6Page - SynQor Worldwide Headquarters SQ60120QEX25 Datasheet HTML 7Page - SynQor Worldwide Headquarters SQ60120QEX25 Datasheet HTML 8Page - SynQor Worldwide Headquarters SQ60120QEX25 Datasheet HTML 9Page - SynQor Worldwide Headquarters Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 14 page
background image
Product # SQ60120QEx25
Phone 1-888-567-9596
www.synqor.com
Doc.# 005-0006429 Rev. F
10/16/2015
Page 1
Technical
Specification
SQ60120QEx25
Contents
®
Operational Features
• High efficiency, 96% at full rated load current
• Delivers 25A (300W) power with minimal derating
- no heatsink required
• Operating input voltage range: 35-75Vdc
• Fixed frequency switching provides predictable EMI
• No minimum load requirement
Protection Features
• Input under-voltage lockout disables converter at low Vin conditions
• Output current limit and short circuit protection protects converter
and load from permanent damage and hazardous conditions
• Active back bias limit provides smooth startup with
external load induced pre-bias
SQ60120QEx25 Model
Control Features
• On/Off control referenced to input side
Mechanical Features
• Industry standard pin-out configuration
• Standard Size Open Frame:1.45 x 2.30" (36.8 x 58.4mm)
• Total Open Frame height only 0.417” (10.59mm),
permits better airflow and smaller card pitch
• Open Frame Weight: 1.5 oz. (42g)
• Flanged pins designed to permit surface mount soldering
(avoid wave solder) using FPiP technique
The SQ60120QEx25 bus converter is a next-
generation, board-mountable, isolated, fixed switching
frequency dc/dc converter that uses synchronous
rectification to achieve extremely high conversion
efficiency. The power dissipated by the converter is
so low that a heatsink is not required, which saves
cost, weight, height, and application effort. The SQ
BusQor® series provides an isolated step down voltage
from 48V to a semi-regulated 12V intermediate bus.
BusQor converters are ideal for customers who need
multiple outputs and wish to build or buy point of load
converters to work with a 12V rail. RoHS Compliant
(see last page).
Safety Features
• UL 60950-1/R2011-12
• EN60950-1/A2:2013
• CAN/CSA-C22.2 No. 60950-1/A1:2011
35-75V
100V
12Vout
300W
2250V dc
Quarter-brick
Continuous Input Transient Input Semi-Regulated Max Power
Isolation
DC-DC Converter
Page No.
Open Frame Mechanical Diagram . . . . . . . . . . . . . . . . . . . . . . . . . . . . 2
Baseplated Mechanical . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 3
Electrical Characteristics. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 4
Standards & Qualifications . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 6
Figures . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 7
Application Section . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 10
Ordering Information . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 14


Similar Part No. - SQ60120QEX25

ManufacturerPart #DatasheetDescription
logo
SynQor Worldwide Headqu...
SQ60120QPA28 SYNQOR-SQ60120QPA28 Datasheet
963Kb / 12P
   Quarter-brick DC-DC Converter
SQ60120QPA28NK2 SYNQOR-SQ60120QPA28NK2 Datasheet
963Kb / 12P
   Quarter-brick DC-DC Converter
SQ60120QPA28NKS SYNQOR-SQ60120QPA28NKS Datasheet
963Kb / 12P
   Quarter-brick DC-DC Converter
SQ60120QPA28NN2 SYNQOR-SQ60120QPA28NN2 Datasheet
963Kb / 12P
   Quarter-brick DC-DC Converter
SQ60120QPA28NNS SYNQOR-SQ60120QPA28NNS Datasheet
963Kb / 12P
   Quarter-brick DC-DC Converter
More results

Similar Description - SQ60120QEX25

ManufacturerPart #DatasheetDescription
logo
SynQor Worldwide Headqu...
SQ60120QPB33 SYNQOR-SQ60120QPB33 Datasheet
1Mb / 14P
   High efficiency, 94.3% at full rated load current
PQ60050HZX60 SYNQOR-PQ60050HZX60 Datasheet
3Mb / 16P
   High efficiency, 93% at full rated load current
PQ60280HZX22 SYNQOR-PQ60280HZX22 Datasheet
3Mb / 16P
   High efficiency, 94% at full rated load current
logo
Bel Fuse Inc.
TET1500 BEL-TET1500 Datasheet
1Mb / 26P
   High Efficiency, typ. 96% efficiency at half load
logo
Maxim Integrated Produc...
MAX15005AEVKIT MAXIM-MAX15005AEVKIT Datasheet
443Kb / 8P
   71% Efficiency at 16V Input and Full Load
Rev 1; 7/20
logo
Bel Fuse Inc.
PFS1200-12-054XD BEL-PFS1200-12-054XD Datasheet
1Mb / 27P
   High Efficiency, typ. 94% efficiency at half load
logo
Recom International Pow...
RB-E RECOM-RB-E Datasheet
95Kb / 2P
   High Efficiency up to 84% Full Load
logo
Bel Fuse Inc.
TET3600-48-104XA BEL-TET3600-48-104XA Datasheet
402Kb / 7P
   Very high efficiency, typ. 97% at half load
logo
Emerson Network Power
ALO15B50 EMERSON-NETWORKPOWER-ALO15B50 Datasheet
88Kb / 2P
   High efficiency (96% Typical)
logo
Cypress Semiconductor
MB39C015 CYPRESS-MB39C015 Datasheet
1Mb / 43P
   High efficiency : 96% (Max)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com