Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BD65B60GWL-E2 Datasheet(PDF) 10 Page - Rohm

Part # BD65B60GWL-E2
Description  White LED Driver
Download  51 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

BD65B60GWL-E2 Datasheet(HTML) 10 Page - Rohm

Back Button BD65B60GWL-E2 Datasheet HTML 6Page - Rohm BD65B60GWL-E2 Datasheet HTML 7Page - Rohm BD65B60GWL-E2 Datasheet HTML 8Page - Rohm BD65B60GWL-E2 Datasheet HTML 9Page - Rohm BD65B60GWL-E2 Datasheet HTML 10Page - Rohm BD65B60GWL-E2 Datasheet HTML 11Page - Rohm BD65B60GWL-E2 Datasheet HTML 12Page - Rohm BD65B60GWL-E2 Datasheet HTML 13Page - Rohm BD65B60GWL-E2 Datasheet HTML 14Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 51 page
background image
Datasheet
Datasheet
10/47
TSZ02201-0G3G0C210420-1-2
© 2013 ROHM Co., Ltd. All rights reserved.
www.rohm.com
TSZ2211115001
BD65B60GWL
3.JUN.2013 Rev.001
●Evaluation Data -continued
Evaluation data is measured using below parts and condition. (Unless otherwise specified)
Coil : 1277AS-H-4R7M
SBD : RB160VA-40
VIO=3.0V
RESET=2.5V
PWM=0V(GND)
0
0.1
0.2
0.3
0.4
0.5
0.6
0.7
-40
-15
10
35
60
85
TEM P (°C)
VBAT=2.7V
VBAT=3.6V
VBAT=5.5V
0
0.1
0.2
0.3
0.4
0.5
0.6
0.7
-40
-15
10
35
60
85
TEM P (°C)
VBAT=2.7V
VBAT=3.6V
VBAT=5.5V
0
0.1
0.2
0.3
0.4
0.5
0.6
0.7
-40
-15
10
35
60
85
TEM P (°C)
VBAT=2.7V
VBAT=3.6V
VBAT=5.5V
0
0.2
0.4
0.6
0.8
1
1.2
1.4
-40
-15
10
35
60
85
TEM P (°C)
VBAT=2.7V
VBAT=3.6V
VBAT=5.5V
Figure 17. LED Control Voltage 2 vs Temperature
(Feedback voltage=0.4V setting)
Figure 18. LED Control Voltage 3 vs Temperature
(Feedback voltage=0.3V setting)
Figure 19. LED Control Voltage 4 vs Temperature
(Feedback voltage=0.2V setting)
Figure 20. Switching Frequency (1.1MHz) vs
Temperature


Similar Part No. - BD65B60GWL-E2

ManufacturerPart #DatasheetDescription
logo
Power Innovations Ltd
BD650 POINN-BD650 Datasheet
150Kb / 6P
   PNP SILICON POWER DARLINGTONS
logo
Transys Electronics
BD650 TRSYS-BD650 Datasheet
452Kb / 5P
   PNP SILICON POWER DARLINGTONS
logo
Siemens Semiconductor G...
BD650 SIEMENS-BD650 Datasheet
125Kb / 4P
   NPN SILICON DARLINGTON TRANSISTORS
BD650 SIEMENS-BD650 Datasheet
127Kb / 4P
   PNP SILICON DARLINGTON TRANSISTORS
logo
Bourns Electronic Solut...
BD650 BOURNS-BD650 Datasheet
114Kb / 5P
   PNP SILICON POWER DARLINGTONS
More results

Similar Description - BD65B60GWL-E2

ManufacturerPart #DatasheetDescription
logo
BCD Semiconductor Manuf...
AP3008 BCDSEMI-AP3008 Datasheet
59Kb / 2P
   WHITE LED DRIVER
AP3008 BCDSEMI-AP3008_06 Datasheet
121Kb / 10P
   WHITE LED DRIVER
logo
TOKO, Inc
TK11850L TOKO-TK11850L Datasheet
162Kb / 14P
   WHITE LED DRIVER
logo
Supertex, Inc
HV9903 SUTEX-HV9903 Datasheet
326Kb / 12P
   White LED Driver
logo
Rohm
BD60A00NUX ROHM-BD60A00NUX_12 Datasheet
885Kb / 25P
   White LED Driver
logo
Shenzhen Huazhimei Semi...
HM2126 HMSEMI-HM2126 Datasheet
344Kb / 9P
   White LED driver
logo
Rohm
BD6074GUT ROHM-BD6074GUT_12 Datasheet
629Kb / 21P
   White LED Driver
logo
Nippon Precision Circui...
SM8130 NPC-SM8130 Datasheet
83Kb / 6P
   White LED Driver IC
SM8121A NPC-SM8121A Datasheet
372Kb / 19P
   White LED Driver IC
logo
Mitsumi Electronics, Co...
MM3097 MITSUMI-MM3097 Datasheet
87Kb / 8P
   White LED Driver ICs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com