Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BD81A24MUV-M Datasheet(PDF) 9 Page - Rohm

Part # BD81A24MUV-M
Description  4ch White LED Driver with Buck-Boost
Download  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

BD81A24MUV-M Datasheet(HTML) 9 Page - Rohm

Back Button BD81A24MUV-M Datasheet HTML 5Page - Rohm BD81A24MUV-M Datasheet HTML 6Page - Rohm BD81A24MUV-M Datasheet HTML 7Page - Rohm BD81A24MUV-M Datasheet HTML 8Page - Rohm BD81A24MUV-M Datasheet HTML 9Page - Rohm BD81A24MUV-M Datasheet HTML 10Page - Rohm BD81A24MUV-M Datasheet HTML 11Page - Rohm BD81A24MUV-M Datasheet HTML 12Page - Rohm BD81A24MUV-M Datasheet HTML 13Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 40 page
background image
Datasheet
Datasheet
9/36
BD81A24MUV-M/EFV-M
TSZ02201-0T3T0C600070-1-2
© 2016 ROHM Co., Ltd. All rights reserved.
2016.10.19 Rev.003
www.rohm.com
TSZ22111・15・001
Absolute Maximum Ratings (Ta=25°C)
Parameter
Symbol
Rating
Unit
Power Supply Voltage
VCC
40
V
BOOT, OUTH Pin Voltage
VBOOT, VOUTH
45
V
SW, CS, OUTL Pin Voltage
VSW, VCS, VOUTL
40
V
BOOT-SW Pin Voltage
VBOOT-SW
7
V
LED1 to 4, VDISC Pin Voltage
VLED1,2,3,4, VVDISC
40
V
PWM, SYNC, EN pin Voltage
VPWM, VSYNC, VEN
-0.3 to +7
V
VREG, OVP, FAIL1, FAIL2,
SS, RT pin Voltage
VVREG, VOVP, VFAIL1, VFAIL2,
VSS, VRT
-0.3 to +7 < VCC
V
LEDEN1, LEDEN2, ISET,
COMP, SHDETEN pin Voltage
VLEDEN1, VLEDEN2, VISET
VCOMP, VSHDETEN
-0.3 to +7 < VREG
V
Junction Temperature Range
Tj
-40 to +150
°C
Storage Temperature Range
Tstg
-55 to +150
°C
LED Maximum Output Current
ILED
120 (Note 1)
mA
(Note 1)
Current level per channel. Please set LED current that does not over Junction Temperature Range (Tj) maximum.
Recommended Operating Ratings
Parameter
Symbol
Rating
Unit
Min
Max
Power Supply Voltage (Note 2)
VCC
4.5
35
V
Operating Temp Range
Topr
-40
+125
°C
DC/DC Oscillation Frequency Range
FOSC
200
2200
kHz
External Synchronization Frequency Range (Note 3) (Note 4)
FSYNC
200
2200
kHz
External Synchronization Pulse Duty Range
FSDUTY
40
60
%
(Note2)
It is near Vcc terminal voltage. Please be careful the voltage drop by Vcc line impedance.
(Note3)
If don’t use an external synchronization frequency, please make the SYNC open or connect to GND.
(Note4)
If using an external synchronization frequency, don’t change to internal oscillation in the middle of process.
Recommended Parts Ratings
Parameter
Symbol
Rating
Unit
Min
Max
VREG Capacitor
CREG
1.0
4.7
μF
LED Current setting Resistance
RISET
41
250
kΩ
DC/DC Oscillation Frequency setting Resistance
RRT
3.6
41
kΩ
Soft Start setting Capacitor
CSS
0.047
0.47
μF


Similar Part No. - BD81A24MUV-M

ManufacturerPart #DatasheetDescription
logo
Rohm
BD81A24MUV-M ROHM-BD81A24MUV-M Datasheet
3Mb / 48P
   4ch White LED Driver Built-in Current Driver Buck-Boost and Boost DC/DC Converter for Automotive
21.Sep.2021 Rev.007
BD81A24MUV-ME2 ROHM-BD81A24MUV-ME2 Datasheet
3Mb / 48P
   4ch White LED Driver Built-in Current Driver Buck-Boost and Boost DC/DC Converter for Automotive
21.Sep.2021 Rev.007
More results

Similar Description - BD81A24MUV-M

ManufacturerPart #DatasheetDescription
logo
Rohm
BD81A44MUV-M ROHM-BD81A44MUV-M Datasheet
1Mb / 39P
   4ch White LED Driver with Buck-Boost
BD81A34MUV-M ROHM-BD81A34MUV-M Datasheet
1Mb / 36P
   4ch White LED Driver with Buck-Boost (32 LED Maximum)
BD81A04AMUV-M ROHM-BD81A04AMUV-M Datasheet
1Mb / 37P
   4ch White LED Driver with Buck-Boost and Built-in FET (32 LED Maximum)
logo
Maxic Technology Corpor...
MT7282 MAXIC-MT7282 Datasheet
353Kb / 1P
   Boost/Buck-Boost/Buck White LED Driver With High Frequency PWM Dimming
MT7285 MAXIC-MT7285 Datasheet
190Kb / 1P
   Boost/Buck-Boost/Buck White LED Driver With High Frequency PWM Dimming
logo
Rohm
BD81A44EFV-M ROHM-BD81A44EFV-M Datasheet
3Mb / 47P
   4ch White LED Driver Built-in Current Driver Buck-Boost and Boost DC/DC Converter for Automotive
12.Feb.2021 Rev.008
BD81A24EFV-M ROHM-BD81A24EFV-M Datasheet
3Mb / 48P
   4ch White LED Driver Built-in Current Driver Buck-Boost and Boost DC/DC Converter for Automotive
21.Sep.2021 Rev.007
BD81A74EFV-M ROHM-BD81A74EFV-M Datasheet
3Mb / 44P
   4ch White LED Driver Built-in Current Driver Buck-Boost and Boost DC/DC Converter for Automotive
8.Oct.2021 Rev.007
logo
Monolithic Power System...
EV0059 MPS-EV0059 Datasheet
247Kb / 4P
   MP1567: Buck Boost Lumileds White LED Driver
logo
Eutech Microelectronics...
EUP2983 EUTECH-EUP2983 Datasheet
681Kb / 8P
   White LED Driver For Buck-Boost Application
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com