Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BD81A44EFV-ME2 Datasheet(PDF) 6 Page - Rohm

Part # BD81A44EFV-ME2
Description  4ch White LED Driver with Buck-Boost
Download  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

BD81A44EFV-ME2 Datasheet(HTML) 6 Page - Rohm

Back Button BD81A44EFV-ME2 Datasheet HTML 2Page - Rohm BD81A44EFV-ME2 Datasheet HTML 3Page - Rohm BD81A44EFV-ME2 Datasheet HTML 4Page - Rohm BD81A44EFV-ME2 Datasheet HTML 5Page - Rohm BD81A44EFV-ME2 Datasheet HTML 6Page - Rohm BD81A44EFV-ME2 Datasheet HTML 7Page - Rohm BD81A44EFV-ME2 Datasheet HTML 8Page - Rohm BD81A44EFV-ME2 Datasheet HTML 9Page - Rohm BD81A44EFV-ME2 Datasheet HTML 10Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 39 page
background image
Datasheet
Datasheet
6/35
TSZ02201-0T3T0C600060-1-2
© 2016 ROHM Co., Ltd. All rights reserved.
2016.10.19 Rev.003
www.rohm.com
TSZ22111・15・001
BD81A44MUV-M/EFV-M
4. Protect Function
Table 2. The detect condition of each protect function and the operation during detection
Protect Function
Detect Condition
Operation During Detection
[Detection]
[Release/ Cancellation]
UVLO
VCC<3.5V or VREG<2.0V
VCC >4.0V and VREG>3.5V
All Blocks Shuts down
(Except for VREG)
TSD
Tj>175°C
Tj<150°C
All Blocks Shuts down
(Except for VREG)
OVP
VOVPP>2.0V
VOVP<1.94V
DCDC switching OFF
OCP
VCS≦VCC-0.2V
VCS>VCC-0.2V
DCDC switching OFF
SCP
One of the LED1-4
is under 0.3V
or
VOVP<0.57V
(100ms delay @300kHz)
EN Reset
or
UVLO Reset
After SCP delay time,
all block Latch Off
(Except for VREG)
LED Open Protection
VLED<0.3V
and VOVP>2.0V
EN Reset
or
UVLO Reset
Only the detected channel latches
OFF
LED Short Protection
VLED>4.5V
(100ms delay @300kHz)
EN Reset
or
UVLO Reset
After LED Short delay time,
only the detected channel latch OFF
Figure 9. Protection Flag Output Block Diagram
The operating status of the protection is propagated to FAIL1 and FAIL2 terminals (open-drain outputs). FAIL1 becomes low
when OVP or OCP protection is detected, whereas FAIL2 becomes low when SCP, LED open or LED short is detected. If
the FAIL terminal will not be used as flag output, please make the FAIL terminal open or connect it to GND. But if the FAIL
terminal will be used as a flag output, it is recommended to pull-up the FAIL1, 2 terminals to VREG terminal. The
recommended value of pull-up resistance is 100kΩ.


Similar Part No. - BD81A44EFV-ME2

ManufacturerPart #DatasheetDescription
logo
Rohm
BD81A44EFV-ME2 ROHM-BD81A44EFV-ME2 Datasheet
3Mb / 47P
   4ch White LED Driver Built-in Current Driver Buck-Boost and Boost DC/DC Converter for Automotive
12.Feb.2021 Rev.008
More results

Similar Description - BD81A44EFV-ME2

ManufacturerPart #DatasheetDescription
logo
Rohm
BD81A24MUV-M ROHM-BD81A24MUV-M Datasheet
1Mb / 40P
   4ch White LED Driver with Buck-Boost
BD81A34MUV-M ROHM-BD81A34MUV-M Datasheet
1Mb / 36P
   4ch White LED Driver with Buck-Boost (32 LED Maximum)
BD81A04AMUV-M ROHM-BD81A04AMUV-M Datasheet
1Mb / 37P
   4ch White LED Driver with Buck-Boost and Built-in FET (32 LED Maximum)
logo
Maxic Technology Corpor...
MT7282 MAXIC-MT7282 Datasheet
353Kb / 1P
   Boost/Buck-Boost/Buck White LED Driver With High Frequency PWM Dimming
MT7285 MAXIC-MT7285 Datasheet
190Kb / 1P
   Boost/Buck-Boost/Buck White LED Driver With High Frequency PWM Dimming
logo
Rohm
BD81A44EFV-M ROHM-BD81A44EFV-M Datasheet
3Mb / 47P
   4ch White LED Driver Built-in Current Driver Buck-Boost and Boost DC/DC Converter for Automotive
12.Feb.2021 Rev.008
BD81A24EFV-M ROHM-BD81A24EFV-M Datasheet
3Mb / 48P
   4ch White LED Driver Built-in Current Driver Buck-Boost and Boost DC/DC Converter for Automotive
21.Sep.2021 Rev.007
BD81A74EFV-M ROHM-BD81A74EFV-M Datasheet
3Mb / 44P
   4ch White LED Driver Built-in Current Driver Buck-Boost and Boost DC/DC Converter for Automotive
8.Oct.2021 Rev.007
logo
Monolithic Power System...
EV0059 MPS-EV0059 Datasheet
247Kb / 4P
   MP1567: Buck Boost Lumileds White LED Driver
logo
Eutech Microelectronics...
EUP2983 EUTECH-EUP2983 Datasheet
681Kb / 8P
   White LED Driver For Buck-Boost Application
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com